Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMX3033H Datasheet (PDF) - AnaSem Hong Kong Limited.

HMX3033H Datasheet PDF - AnaSem Hong Kong Limited.
Part # HMX3033H
Download  HMX3033H Download
File Size   1225.61 Kbytes
Page   11 Pages
Manufacturer  ANASEM [AnaSem Hong Kong Limited.]
Direct Link  http://anasemi.com/index.php
Logo ANASEM - AnaSem Hong Kong Limited.
Description Low current consumption, 3.0mT High sensitivity CMOS Hall Magnetic Sensor Switch

HMX3033H Datasheet (PDF)

Go To PDF Page Download Datasheet
HMX3033H Datasheet PDF - AnaSem Hong Kong Limited.

Part # HMX3033H
Download  HMX3033H Click to download

File Size   1225.61 Kbytes
Page   11 Pages
Manufacturer  ANASEM [AnaSem Hong Kong Limited.]
Direct Link  http://anasemi.com/index.php
Logo ANASEM - AnaSem Hong Kong Limited.
Description Low current consumption, 3.0mT High sensitivity CMOS Hall Magnetic Sensor Switch

HMX3033H Datasheet (HTML) - AnaSem Hong Kong Limited.


HMX3033H Product details

GENERAL DESCRIPTIONS
HMX3033H series are monolithic ICs with built-in Hall magnet sensor
element and CMOS switch. It becomes the non-contact switch with low
current consumption, high sensitivity and reliability which is combined
with magnet.
A vertical magnetic field to the electrode of the package can be detected
by an arbitrary polarity. (N pole ⇔ S pole)

FEATURES
 CMOS + Hall monolithic structure
 Low current consumption
 High-sensitivity
 Operating temperature range
 Operating voltage range
 Detection pulse driving cycle
 Magnetic direction
 Detection magnetic field
 Small package

APPLICATIONS
 Detection of opening and closing : Mobile phone, Notebook PC, Microwave oven, Washing machine,
Rice cooker, Refrigerator, Electronic dictionary, Digital camera, etc.
 Detection of position : Air cylinder, Antitheft window, Digital door lock, etc.
 Detection of water level : Water purifier, Humidifier, Bidet, etc.
 Detection of rotation : Water meter, Gas meter, Wattmeter, Speed meter, etc.
 Power supply switch : Cordless phone, Electric toothbrush, etc.




Similar Part No. - HMX3033H

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
HMX EATON-HMX Datasheet
483Kb / 1P
Fuse holder
November 2022
HMX-111 EATON-HMX-111 Datasheet
483Kb / 1P
Fuse holder
November 2022
logo
ATGBICS by Approved Tec...
HMX-MM-10G-SFP-C ATGBICS-HMX-MM-10G-SFP-C Datasheet
375Kb / 10P
HMX-MM-10G-SFP Vertiv Avocent Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
HMX-SM-10G-SFP-C ATGBICS-HMX-SM-10G-SFP-C Datasheet
366Kb / 10P
HMX-SM-10G-SFP Vertiv Avocent Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
logo
Hi-Sincerity Mocroelect...
HMX1225 HSMC-HMX1225 Datasheet
22Kb / 2P
0.8A 300/380 VOLTAGE SCRS IGT<200uA
More results


Similar Description - HMX3033H

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN48800A PANASONIC-AN48800A Datasheet
263Kb / 4P
Low current consumption, high sensitivity CMOS Hall IC One-way magnetic field operation
AN48810B PANASONIC-AN48810B Datasheet
126Kb / 6P
Low current consumption, high sensitivity CMOS Hall IC One-way magnetic field operation
logo
Torex Semiconductor
XC3202 TOREX-XC3202 Datasheet
224Kb / 8P
Low Power Consumption Hall IC (Magnetic Sensor)
logo
Panasonic Semiconductor
AN48841B PANASONIC-AN48841B Datasheet
293Kb / 12P
Low current consumption, high sensitivity CMOS Hall IC Operates on Alternating Magnetic Field
logo
SEC Electronics Inc.
SS249 SECELECTRONICS-SS249 Datasheet
249Kb / 8P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
logo
Torex Semiconductor
XC3202B TOREX-XC3202B_12 Datasheet
202Kb / 9P
Low Power Consumption Hall IC (Magnetic Sensor)
logo
AnaSem Hong Kong Limite...
MRX1518H ANASEM-MRX1518H Datasheet
1Mb / 14P
Low power consumption, 1.5mT High sensitivity CMOS MR Magnetic Sensor Switch
Rev. E13-01
MRX1533L ANASEM-MRX1533L Datasheet
1Mb / 14P
Low power consumption, 1.5mT High sensitivity CMOS MR Magnetic Sensor Switch
Rev. E13-01
logo
AiT Semiconductor Inc.
AH8113 AITSEMI-AH8113 Datasheet
465Kb / 9P
HALL SWITH LOW POWER, HIGH SENSITIVITY, CMOS HALL SWITCH
REV1.5
AH8115 AITSEMI-AH8115 Datasheet
535Kb / 7P
HALL SWITCH LOW POWER, HIGH SENSITIVITY, CMOS HALL SWITCH
REV1.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com