Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMX Datasheet (PDF) - Eaton All Rights Reserved.

HMX Datasheet PDF - Eaton All Rights Reserved.
Part # HMX
Download  HMX Download
File Size   483.63 Kbytes
Page   1 Pages
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.
Description Fuse holder

HMX Datasheet (PDF)

Go To PDF Page Download Datasheet
HMX Datasheet PDF - Eaton All Rights Reserved.

Part # HMX
Download  HMX Click to download

File Size   483.63 Kbytes
Page   1 Pages
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.
Description Fuse holder

HMX Datasheet (HTML) - Eaton All Rights Reserved.


HMX Product details

Product features
• Current rating continuous: 150 A
• 100 Vac/dc, up to 200 A rating
• Flammability: UL94 V-0
• Operating temperature: -40 °C to +125 °C




Similar Part No. - HMX

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
HMX-MM-10G-SFP-C ATGBICS-HMX-MM-10G-SFP-C Datasheet
375Kb / 10P
HMX-MM-10G-SFP Vertiv Avocent Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
HMX-SM-10G-SFP-C ATGBICS-HMX-SM-10G-SFP-C Datasheet
366Kb / 10P
HMX-SM-10G-SFP Vertiv Avocent Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
logo
Hi-Sincerity Mocroelect...
HMX1225 HSMC-HMX1225 Datasheet
22Kb / 2P
0.8A 300/380 VOLTAGE SCRS IGT<200uA
logo
Honeywell Solid State E...
HMX2000 HONEYWELL-HMX2000 Datasheet
161Kb / 2P
MIXED SIGNAL SOI GATE ARRAYS
logo
AnaSem Hong Kong Limite...
HMX3033H ANASEM-HMX3033H Datasheet
1Mb / 11P
Low current consumption, 3.0mT High sensitivity CMOS Hall Magnetic Sensor Switch
Rev. E13-01
More results


Similar Description - HMX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
441-R3-13-GRX ETC1-441-R3-13-GRX Datasheet
97Kb / 2P
Fuse Holder
441-R314A-GRX ETC2-441-R314A-GRX Datasheet
99Kb / 2P
Fuse Holder
441-R314C-GRX ETC2-441-R314C-GRX Datasheet
103Kb / 2P
Fuse Holder
441-R324-GR ETC2-441-R324-GR Datasheet
73Kb / 2P
Fuse Holder
441-R344B-GR ETC2-441-R344B-GR Datasheet
82Kb / 2P
Fuse Holder
441-R349A-GR ETC2-441-R349A-GR Datasheet
83Kb / 2P
Fuse Holder
441-R354-GR ETC2-441-R354-GR Datasheet
83Kb / 2P
Fuse Holder
441-R367-GR ETC2-441-R367-GR Datasheet
82Kb / 2P
Fuse Holder
logo
Keystone Electronics Co...
3569 KEYSTONE-3569 Datasheet
179Kb / 1P
FUSE HOLDER
9.22.08
logo
Eaton All Rights Reserv...
BSCR EATON-BSCR Datasheet
262Kb / 1P
Fuse holder
January 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com