Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA07 Datasheet (PDF) - Cirrus Logic

PA07 Datasheet PDF - Cirrus Logic
Part # PA07
Download  PA07 Download
File Size   247.52 Kbytes
Page   4 Pages
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic
Description FET INPUT POWER OPERATIONAL AMPLIFIERS

PA07 Datasheet (PDF)

Go To PDF Page Download Datasheet
PA07 Datasheet PDF - Cirrus Logic

Part # PA07
Download  PA07 Click to download

File Size   247.52 Kbytes
Page   4 Pages
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic
Description FET INPUT POWER OPERATIONAL AMPLIFIERS

PA07 Datasheet (HTML) - Cirrus Logic


PA07 Product details

descriPtion
The PA07 is a high voltage, high output current operational amplifer designed to drive resistive, inductive and capacitive loads. For optimum linearity, especially at low levels, the out put stage is biased for class A/B operation using a thermistor compensated base-emitter voltage multiplier circuit. A thermal shutoff circuit protects against overheating and minimizes heatsink requirements for abnormal operating conditions. The safe operating area (SOA) can be observed for all operating conditions by selection of user programmable current limiting resistors. Both amplifers are internally compensated for all gain settings. For continuous operation under load, a heatsink of proper rating is recommended.

FEATURES
• Low bias current — Fet Input
• Protected outPut staGe — Thermal Shutoff
• exceLLent Linearity — class a/b output
• wide suPPLy ranGe — ±12V to ±50V
• HiGH outPut current — ±5a Peak

APPLICATIONS
• Motor, VaLVe and actuator controL
• MaGnetic deFLection circuits uP to 4a
• Power transducers uP to 100kHz
• teMPerature controL uP to 180w
• ProGraMMabLe Power suPPLies uP to 90V
• audio aMPLiFiers uP to 60w rMs




Similar Part No. - PA07

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PA07 ETC-PA07 Datasheet
64Kb / 4P
FET INPUT POWER OPERATIONAL AMPLIFIERS
logo
Cirrus Logic
PA07 CIRRUS-PA07 Datasheet
208Kb / 5P
FET Input Power Operational Amplifier
logo
Pulse A Technitrol Comp...
PA0700NL PULSE-PA0700NL Datasheet
249Kb / 6P
HIGH FREQUENCY WIRE WOUND TRANSFORMERS
PA0700NL PULSE-PA0700NL Datasheet
462Kb / 4P
HIGH FREQUENCY WIRE WOUND TRANSFORMERS
PA0751NL PULSE-PA0751NL Datasheet
279Kb / 6P
HIGH FREQUENCY WIRE WOUND TRANSFORMERS EFD20 Platforms - SMT
More results


Similar Description - PA07

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA130 BURR-BROWN-OPA130 Datasheet
289Kb / 7P
Low Power, Precision FET-INPUT OPERATIONAL AMPLIFIERS
logo
Hitachi Semiconductor
HA17080 HITACHI-HA17080 Datasheet
54Kb / 10P
J-FET Input Operational Amplifiers
logo
List of Unclassifed Man...
PA07A ETC-PA07A Datasheet
64Kb / 4P
FET INPUT POWER OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA130 TI-OPA130_07 Datasheet
698Kb / 16P
Low Power, Precision FET-INPUT OPERATIONAL AMPLIFIERS
OPA132 TI1-OPA132 Datasheet
1Mb / 30P
High-Speed FET-Input Operational Amplifiers
OPA131 TI1-OPA131_16 Datasheet
1Mb / 21P
General-Purpose FET-INPUT OPERATIONAL AMPLIFIERS
TL081 TI-TL081_V01 Datasheet
4Mb / 66P
TL08xx FET-Input Operational Amplifiers
TL081 TI-TL081_V02 Datasheet
4Mb / 70P
TL08xx FET-Input Operational Amplifiers
TL081 TI-TL081_V03 Datasheet
5Mb / 75P
TL08xx FET-Input Operational Amplifiers
logo
New Japan Radio
NJM062C NJRC-NJM062C Datasheet
4Mb / 21P
LOW-POWER J-FET INPUT OPERATIONAL AMPLIFIERS
Ver.5.0
More results




About Cirrus Logic


Cirrus Logic is a fabless semiconductor company based in Austin, Texas that specializes in the design and manufacture of analog and mixed-signal integrated circuits (ICs) for audio, industrial, and energy markets. The company was founded in 1984 and has since become a leading provider of high-performance audio ICs for a variety of applications.

Cirrus Logic's products are used in a wide range of audio applications, including portable audio devices, automotive audio systems, and home theater systems. The company's audio ICs are known for their high quality, low power consumption, and advanced signal processing capabilities, and are used by customers around the world.

In addition to its audio ICs, Cirrus Logic also offers a range of ICs for industrial and energy markets, including motor control, power management, and LED lighting applications. The company has a strong focus on research and development, and is committed to developing innovative new products that meet the evolving needs of its customers.

Cirrus Logic has a global presence, with offices and facilities located in the United States, Europe, and Asia, and serves customers in more than 60 countries worldwide. The company is committed to providing high-quality products and services to its customers, and has received numerous awards for its technology and innovation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com