Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA17080 Datasheet (PDF) - Hitachi Semiconductor

HA17080 Datasheet PDF - Hitachi Semiconductor
Part # HA17080
Download  HA17080 Download
File Size   54.46 Kbytes
Page   10 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description J-FET Input Operational Amplifiers

HA17080 Datasheet (PDF)

Go To PDF Page Download Datasheet
HA17080 Datasheet PDF - Hitachi Semiconductor

Part # HA17080
Download  HA17080 Click to download

File Size   54.46 Kbytes
Page   10 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description J-FET Input Operational Amplifiers

HA17080 Datasheet (HTML) - Hitachi Semiconductor


HA17080 Product details

Description

Since J-FET input operational amplifiers are formed from a pair of J-FET transistors, they provide superlative characteristics, including a high input impedance and a low input bias current. Thus they can be used in a wide range of applications, from general-purpose control equipment to medical applications. In particular, they are optimal for processing signals from high-impedance sensors.

Hitachi J-FET input operational amplifiers are available in single, dual, and quad versions. Other than the HA17080, all products are internal phase compensation types and include a built-in phase compensation capacitor. The HA17080 and the HA17083 allow offset adjustment. These products are also available in “A” grade versions with superlative electrical characteristics to allow the selection of an operational amplifier appropriate for the application.



Features

• Wide operating power supply voltage range: ±5 V to ±18 V

• Low input bias current: 30 pA

• Low input offset current: 5 pA

• High input impedance: 1012 Ω

• High slew rate: 13 V/µs

• Wide common mode input voltage range with operation possible near the power-supply voltage (VCC).

• High voltage gain: 106 dB

• The HA17080 and HA17083 support offset adjustment.

• Pin compatible with the Texas Instruments TL080 series.



 




Similar Part No. - HA17080

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA17008RFP HITACHI-HA17008RFP Datasheet
61Kb / 11P
8-Bit Multiplying Digital to Analog Converter
HA17008RP HITACHI-HA17008RP Datasheet
61Kb / 11P
8-Bit Multiplying Digital to Analog Converter
HA17012 HITACHI-HA17012 Datasheet
70Kb / 2P
12-BIT MULTIPLAYING DIGITA-TO-ANALOG CONVERTER
HA17012B HITACHI-HA17012B Datasheet
70Kb / 2P
12-BIT MULTIPLAYING DIGITA-TO-ANALOG CONVERTER
HA17012C HITACHI-HA17012C Datasheet
70Kb / 2P
12-BIT MULTIPLAYING DIGITA-TO-ANALOG CONVERTER
More results


Similar Description - HA17080

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5238AL MITSUBISHI-M5238AL Datasheet
144Kb / 4P
DUAL LOW-NOISE J-FET INPUT OPERATIONAL AMPLIFIERS
logo
NEC
UPC4081 NEC-UPC4081 Datasheet
280Kb / 10P
J-FET INPUT OPERATIONAL AMPLIFIER???
logo
New Japan Radio
NJM062 NJRC-NJM062 Datasheet
224Kb / 6P
J-FET INPUT OPERATIONAL AMPLIFIER
NJM2162 NJRC-NJM2162 Datasheet
257Kb / 5P
J-FET INPUT OPERATIONAL AMPLIFIER??????
logo
Sanyo Semicon Device
LA6082D SANYO-LA6082D Datasheet
108Kb / 5P
J-FET Input Dual Operational Amplifiers
logo
Mitsubishi Electric Sem...
M5240P MITSUBISHI-M5240P Datasheet
347Kb / 6P
DUAL LOW-NOISE J-FET INPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TL064 STMICROELECTRONICS-TL064_01 Datasheet
237Kb / 10P
LOW POWER J-FET QUAD OPERATIONAL AMPLIFIERS
Nov-2001
TL084 STMICROELECTRONICS-TL084_01 Datasheet
313Kb / 12P
GENERAL PURPOSE J-FET QUAD OPERATIONAL AMPLIFIERS
Mar-2001
logo
New Japan Radio
NJM062C NJRC-NJM062C Datasheet
4Mb / 21P
LOW-POWER J-FET INPUT OPERATIONAL AMPLIFIERS
Ver.5.0
NJM072C NJRC-NJM072C Datasheet
1Mb / 21P
LOW NOISE, J-FET INPUT OPERATIONAL AMPLIFIERS
Ver.5.0
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com