Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM072C Datasheet (PDF) - New Japan Radio

NJM072C Datasheet PDF - New Japan Radio
Part # NJM072C
Download  NJM072C Download
File Size   1844.21 Kbytes
Page   21 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description LOW NOISE, J-FET INPUT OPERATIONAL AMPLIFIERS

NJM072C Datasheet (PDF)

Go To PDF Page Download Datasheet
NJM072C Datasheet PDF - New Japan Radio

Part # NJM072C
Download  NJM072C Click to download

File Size   1844.21 Kbytes
Page   21 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description LOW NOISE, J-FET INPUT OPERATIONAL AMPLIFIERS

NJM072C Datasheet (HTML) - New Japan Radio


NJM072C Product details

FEATURES
●Wide Power Supply Range ±4 to ±18V
●Internal ESD Protection
Human Body Model (HBM) ±2000V typ.
●High Input Resistance 1012Ω typ.
●Wide Temperature Range -40°C to 125°C
●Bipolar Technology
●High Slew Rate 13V/μs typ.
●Wide Unity Gain Bandwidth 3MHz typ.
●Package
NJM072C/072CA/082C/082CA SOP8
NJM072C/072CA/082C/082CA SSOP8
NJM074C/074CA/084C/084CA SOP14
NJM074C/074CA/084C/084CA SSOP14

DESCRIPTION
The NJM072C/082C/NJM074C/084C are JFET input
operational amplifiers. They feature low input bias and
offset currents, high input impedance and fast slew rate.
The low harmonic distortion and low noise make them
ideally suit for amplifiers with high fidelity and audio
amplifier applications.
In addition, the realization of a wide operating temperature
reaches by a new design.




Similar Part No. - NJM072C

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
NJM072C NISSHINBO-NJM072C Datasheet
1Mb / 21P
LOW NOISE, J-FET INPUT OPERATIONAL AMPLIFIERS
Ver.5.0
NJM072CAG NISSHINBO-NJM072CAG Datasheet
1Mb / 21P
LOW NOISE, J-FET INPUT OPERATIONAL AMPLIFIERS
Ver.5.0
NJM072CAV NISSHINBO-NJM072CAV Datasheet
1Mb / 21P
LOW NOISE, J-FET INPUT OPERATIONAL AMPLIFIERS
Ver.5.0
NJM072CG NISSHINBO-NJM072CG Datasheet
1Mb / 21P
LOW NOISE, J-FET INPUT OPERATIONAL AMPLIFIERS
Ver.5.0
NJM072CV NISSHINBO-NJM072CV Datasheet
1Mb / 21P
LOW NOISE, J-FET INPUT OPERATIONAL AMPLIFIERS
Ver.5.0
More results


Similar Description - NJM072C

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5238AL MITSUBISHI-M5238AL Datasheet
144Kb / 4P
DUAL LOW-NOISE J-FET INPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TL071 STMICROELECTRONICS-TL071 Datasheet
90Kb / 9P
LOW NOISE J-FET SINGLE OPERATIONAL AMPLIFIERS
Dec-1998
TL074 STMICROELECTRONICS-TL074 Datasheet
108Kb / 11P
LOW NOISE J-FET QUAD OPERATIONAL AMPLIFIERS
Mar-2001
logo
Hitachi Semiconductor
HA17080 HITACHI-HA17080 Datasheet
54Kb / 10P
J-FET Input Operational Amplifiers
logo
Mitsubishi Electric Sem...
M5240P MITSUBISHI-M5240P Datasheet
347Kb / 6P
DUAL LOW-NOISE J-FET INPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TL072 STMICROELECTRONICS-TL072 Datasheet
115Kb / 9P
LOW NOISE J-FET DUAL OPERATIONAL AMPLIFIERS
Dec-1998
TL071 STMICROELECTRONICS-TL071_01 Datasheet
290Kb / 10P
LOW NOISE J-FET SINGLE OPERATIONAL AMPLIFIERS
Mar-2001
TL072 STMICROELECTRONICS-TL072_07 Datasheet
305Kb / 16P
Low noise J-FET dual operational amplifiers
06-Mar-2007
logo
Leshan Radio Company
LR072 LRC-LR072 Datasheet
862Kb / 6P
LOW NOISE J-FET DUAL OPERATIONAL AMPLIFIERS
LR074 LRC-LR074 Datasheet
991Kb / 5P
LOW NOISE J-FET QUAD OPERATIONAL AMPLIFIERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com