Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM072C Datasheet(PDF) 5 Page - New Japan Radio

Part # NJM072C
Description  LOW NOISE, J-FET INPUT OPERATIONAL AMPLIFIERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM072C Datasheet(HTML) 5 Page - New Japan Radio

  NJM072C Datasheet HTML 1Page - New Japan Radio NJM072C Datasheet HTML 2Page - New Japan Radio NJM072C Datasheet HTML 3Page - New Japan Radio NJM072C Datasheet HTML 4Page - New Japan Radio NJM072C Datasheet HTML 5Page - New Japan Radio NJM072C Datasheet HTML 6Page - New Japan Radio NJM072C Datasheet HTML 7Page - New Japan Radio NJM072C Datasheet HTML 8Page - New Japan Radio NJM072C Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
NJM072C/074C NJM072CA/074CA
NJM082C/084C NJM082CA/084CA
- 5 -
Ver.5.0
www.njr.com
■ TYPICAL CHARACTERIS
-15
-10
-5
0
5
10
15
10
100
1k
10k
100k
Load resistance [
Ω]
Maximum output voltage versus load resistance
V+/V-=±15V, Ta=25°C
+V
Om
-Vom
0
5
10
15
20
25
30
0.1
1
10
Load resistance [k
Ω]
Maximum peak-to-peak output voltage versus load
resistance
V+/V-=±15V, Ta=25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com