Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM072C Datasheet(PDF) 2 Page - New Japan Radio

Part # NJM072C
Description  LOW NOISE, J-FET INPUT OPERATIONAL AMPLIFIERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM072C Datasheet(HTML) 2 Page - New Japan Radio

  NJM072C Datasheet HTML 1Page - New Japan Radio NJM072C Datasheet HTML 2Page - New Japan Radio NJM072C Datasheet HTML 3Page - New Japan Radio NJM072C Datasheet HTML 4Page - New Japan Radio NJM072C Datasheet HTML 5Page - New Japan Radio NJM072C Datasheet HTML 6Page - New Japan Radio NJM072C Datasheet HTML 7Page - New Japan Radio NJM072C Datasheet HTML 8Page - New Japan Radio NJM072C Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
NJM072C/074C NJM072CA/074CA
NJM082C/084C NJM082CA/084CA
- 2 -
Ver.5.0
www.njr.com
■ PIN CONFIGURATIONS
PRODUCT NAME
NJM072CG/CAG
NJM082CG/CAG
NJM072CV/CAV
NJM082CV/CAV
Package
SOP8
SSOP8
Pin Functions
PRODUCT NAME
NJM074CG/CAG
NJM084CG/CAG
NJM074CV/CAV
NJM084CV/CAV
Package
SOP14
SSOP14
Pin Functions
■ PRODUCT NAME INFORMATION
■ ORDER INFORMATION
PRODUCT
NAME
PACKAGE
RoHS
HALOGEN-
FREE
TERMINAL
FINISH
MARKING
WEIGHT
(mg)
MOQ
(pcs)
NJM072CG (TE2)
SOP8
Yes
Yes
Pure Sn
072
88
2500
NJM072CAG (TE2)
SOP8
Yes
Yes
Pure Sn
072A
88
2500
NJM082CG (TE2)
SOP8
Yes
Yes
Pure Sn
082
88
2500
NJM082CAG (TE2)
SOP8
Yes
Yes
Pure Sn
082A
88
2500
NJM072CV (TE1)
SSOP8
Yes
Yes
Sn2Bi
072
42
2000
NJM072CAV (TE1)
SSOP8
Yes
Yes
Sn2Bi
072A
42
2000
NJM082CV (TE1)
SSOP8
Yes
Yes
Sn2Bi
082
42
2000
NJM082CAV (TE1)
SSOP8
Yes
Yes
Sn2Bi
082A
42
2000
NJM074CG (TE2)
SOP14
Yes
Yes
Pure Sn
074
150
2500
NJM074CAG (TE2)
SOP14
Yes
Yes
Pure Sn
074A
150
2500
NJM084CG (TE2)
SOP14
Yes
Yes
Pure Sn
084
150
2500
NJM084CAG (TE2)
SOP14
Yes
Yes
Pure Sn
084A
150
2500
NJM074CV (TE1)
SSOP14
Yes
Yes
Sn2Bi
074
65
2000
NJM074CAV (TE1)
SSOP14
Yes
Yes
Sn2Bi
074A
65
2000
NJM084CV (TE1)
SSOP14
Yes
Yes
Sn2Bi
084
65
2000
NJM084CAV (TE1)
SSOP14
Yes
Yes
Sn2Bi
084A
65
2000
NJM072C
G
(TE2)
Part Number
Package
Taping Form
1
2
3
4
8
7
6
5
A +INPUT
A -INPUT
A OUTPUT
V-
V+
B OUTPUT
B -INPUT
B +INPUT
(Top View)
1
2
3
4
14
13
12
11
5
6
7
10
9
8
D +INPUT
D -INPUT
D OUTPUT
V-
C +INPUT
C -INPUT
C OUTPUT
A +INPUT
A -INPUT
A OUTPUT
V+
B +INPUT
B -INPUT
B OUTPUT
(Top View)
1
2
3
4
8
7
6
5
A +INPUT
A -INPUT
A OUTPUT
V-
V+
B OUTPUT
B -INPUT
B +INPUT
(Top View)
1
2
3
4
14
13
12
11
5
6
7
10
9
8
D +INPUT
D -INPUT
D OUTPUT
V-
C +INPUT
C -INPUT
C OUTPUT
A +INPUT
A -INPUT
A OUTPUT
V+
B +INPUT
B -INPUT
B OUTPUT
(Top View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com