Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

98ASH70169A Datasheet (PDF) - ON Semiconductor

98ASH70169A Datasheet PDF - ON Semiconductor
Part # 98ASH70169A
Download  98ASH70169A Download
File Size   252.49 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Low-Voltage CMOS Octal Buffer

98ASH70169A Datasheet (PDF)

Go To PDF Page Download Datasheet
98ASH70169A Datasheet PDF - ON Semiconductor

Part # 98ASH70169A
Download  98ASH70169A Click to download

File Size   252.49 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Low-Voltage CMOS Octal Buffer

98ASH70169A Datasheet (HTML) - ON Semiconductor


98ASH70169A Product details

The MC74LCX240 is a high performance, inverting octal buffer
operating from a 2.3 to 3.6 V supply. High impedance TTL compatible
inputs significantly reduce current loading to input drivers while TTL
compatible outputs offer improved switching noise performance. A VI
specification of 5.5 V allows MC74LCX240 inputs to be safely driven
from 5 V devices. The MC74LCX240 is suitable for memory address
driving and all TTL level bus oriented transceiver applications.
Current drive capability is 24 mA at the outputs. The Output Enable
(OE) input, when HIGH, disables the outputs by placing them in
a HIGH Z condition.

Features
• Designed for 2.3 to 3.6 V VCC Operation
• 5 V Tolerant − Interface Capability With 5 V TTL Logic
• Supports Live Insertion and Withdrawal
• IOFF Specification Guarantees High Impedance When VCC = 0 V
• LVTTL Compatible
• LVCMOS Compatible
• 24 mA Balanced Output Sink and Source Capability
• Near Zero Static Supply Current in All Three Logic States (10 A)
Substantially Reduces System Power Requirements
• Latchup Performance Exceeds 500 mA
• ESD Performance:
♦ Human Body Model >2000 V
♦ Machine Model >200 V
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant




Similar Part No. - 98ASH70169A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
98ASH70169A NXP-98ASH70169A Datasheet
757Kb / 36P
MC9S08PA16A and MC9S08PA8A are recommended for new design
Rev. 4, 03/2020
98ASH70169A NXP-98ASH70169A Datasheet
670Kb / 30P
8-Bit S08 central processor unit (CPU)
Rev. 2.1, 11/2019
98ASH70169A NXP-98ASH70169A Datasheet
902Kb / 37P
8-Bit S08 central processor unit (CPU)
Rev. 4, 03/2020
98ASH70169A NXP-98ASH70169A Datasheet
4Mb / 316P
Microcontrollers
Rev. 8 1/2014
logo
ON Semiconductor
98ASH70169A ONSEMI-98ASH70169A Datasheet
339Kb / 11P
Octal Buffer/Line Driver with 3-STATE Outputs
February, 2022?뭃ev. 2
More results


Similar Description - 98ASH70169A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LCX540 MOTOROLA-MC74LCX540 Datasheet
155Kb / 8P
LOW-VOLTAGE CMOS OCTAL BUFFER
MC74LCX541 MOTOROLA-MC74LCX541 Datasheet
154Kb / 8P
LOW-VOLTAGE CMOS OCTAL BUFFER
MC74LVQ244 MOTOROLA-MC74LVQ244 Datasheet
202Kb / 8P
LOW-VOLTAGE CMOS OCTAL BUFFER
MC74LVQ541 MOTOROLA-MC74LVQ541 Datasheet
205Kb / 8P
LOW-VOLTAGE CMOS OCTAL BUFFER
logo
ON Semiconductor
MC74LCX540 ONSEMI-MC74LCX540 Datasheet
155Kb / 8P
LOW-VOLTAGE CMOS OCTAL BUFFER
1996 REV 1
MC74LCX541 ONSEMI-MC74LCX541 Datasheet
154Kb / 8P
LOW-VOLTAGE CMOS OCTAL BUFFER
1996 REV 1
MC74LCX240 ONSEMI-MC74LCX240_12 Datasheet
125Kb / 7P
Low-Voltage CMOS Octal Buffer
July, 2012 ??Rev. 9
74LVC244A ONSEMI-74LVC244A Datasheet
92Kb / 9P
Low-Voltage CMOS Octal Buffer
October, 2015 ??Rev. 0
74LVC373A ONSEMI-74LVC373A Datasheet
99Kb / 10P
Low-Voltage CMOS Octal Buffer
September, 2015 ??Rev. 1
74LVC374A ONSEMI-74LVC374A Datasheet
102Kb / 10P
Low-Voltage CMOS Octal Buffer
September, 2015 ??Rev. 1
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com