Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA56 Datasheet (PDF) - Cirrus Logic

SA56 Datasheet PDF - Cirrus Logic
Part # SA56
Download  SA56 Download
File Size   541.25 Kbytes
Page   7 Pages
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic
Description PULSE WIDTH MODULATION AMPLIFIER

SA56 Datasheet (PDF)

Go To PDF Page Download Datasheet
SA56 Datasheet PDF - Cirrus Logic

Part # SA56
Download  SA56 Click to download

File Size   541.25 Kbytes
Page   7 Pages
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic
Description PULSE WIDTH MODULATION AMPLIFIER

SA56 Datasheet (HTML) - Cirrus Logic


SA56 Product details

DESCRIPTION

The SA56 is a 5-ampere PWM Amplifier designed for motion control applications. The device is built using a multi-technology process that combines bipolar and CMOS control circuitry with

DMOS power devices in a single monolithic structure. Ideal for driving DC and stepper motors, the SA56 accommodates peak output currents up to 10 amperes. An innovative circuit that facilitates low-loss sensing of the output current has been implemented. An on-board PWM oscillator and comparator are used to convert an analog signal into PWM direction of rotation and magnitude for motor control applications. TTL or CMOS digital inputs allow direct external control in 2-quadrant or 4-quadrant modes.



FEATURES

• DELIVERS UP TO 5A CONTINUOUS OUTPUT

• OPERATES AT SUPPLY VOLTAGES UP TO 60V

• NO “SHOOT-THROUGH” CURRENT

• THERMAL SHUTDOWN (OUTPUTS OFF) AT 160°C

• SHORTED LOAD PROTECTION (to VS or PGND or SHORTED LOAD)

• NO BOOTSTRAP CAPACITORS REQUIRED

• PROGRAMMABLE ONBOARD PWM




Similar Part No. - SA56

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
SA56 APEX-SA56 Datasheet
370Kb / 7P
PULSE WIDTH MODULATION AMPLIFIER
logo
List of Unclassifed Man...
SA56-11 ETC-SA56-11 Datasheet
729Kb / 6P
14MM SINGLE DIGIT NUMERIC DISPLAYS
logo
Kingbright Corporation
SA56-11CGKWA KINGBRIGHT-SA56-11CGKWA Datasheet
348Kb / 6P
14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SA56-11EWA KINGBRIGHT-SA56-11EWA Datasheet
162Kb / 3P
Standard-Displays
SA56-11EWA KINGBRIGHT-SA56-11EWA Datasheet
189Kb / 4P
14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
More results


Similar Description - SA56

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SA55 ETC-SA55 Datasheet
40Kb / 2P
PULSE WIDTH MODULATION AMPLIFIER
logo
Cirrus Logic
MSA240 APEX-MSA240 Datasheet
305Kb / 4P
PULSE WIDTH MODULATION AMPLIFIER
SA01 APEX-SA01 Datasheet
269Kb / 4P
PULSE WIDTH MODULATION AMPLIFIER
SA305 APEX-SA305 Datasheet
562Kb / 6P
PULSE WIDTH MODULATION AMPLIFIER
SA03 APEX-SA03_06 Datasheet
269Kb / 4P
PULSE WIDTH MODULATION AMPLIFIER
MSA260 CIRRUS-MSA260 Datasheet
692Kb / 8P
Pulse Width Modulation Amplifier
SA01 APEX-SA01_07 Datasheet
317Kb / 4P
PULSE WIDTH MODULATION AMPLIFIER
SA56 APEX-SA56_07 Datasheet
370Kb / 7P
PULSE WIDTH MODULATION AMPLIFIER
SA305 APEX-SA305_07 Datasheet
428Kb / 8P
PULSE WIDTH MODULATION AMPLIFIER
SA03 CIRRUS-SA03 Datasheet
210Kb / 5P
Pulse Width Modulation Amplifier
More results




About Cirrus Logic


Cirrus Logic is a fabless semiconductor company based in Austin, Texas that specializes in the design and manufacture of analog and mixed-signal integrated circuits (ICs) for audio, industrial, and energy markets. The company was founded in 1984 and has since become a leading provider of high-performance audio ICs for a variety of applications.

Cirrus Logic's products are used in a wide range of audio applications, including portable audio devices, automotive audio systems, and home theater systems. The company's audio ICs are known for their high quality, low power consumption, and advanced signal processing capabilities, and are used by customers around the world.

In addition to its audio ICs, Cirrus Logic also offers a range of ICs for industrial and energy markets, including motor control, power management, and LED lighting applications. The company has a strong focus on research and development, and is committed to developing innovative new products that meet the evolving needs of its customers.

Cirrus Logic has a global presence, with offices and facilities located in the United States, Europe, and Asia, and serves customers in more than 60 countries worldwide. The company is committed to providing high-quality products and services to its customers, and has received numerous awards for its technology and innovation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com