Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA56 Datasheet(PDF) 6 Page - Cirrus Logic

Part # SA56
Description  PULSE WIDTH MODULATION AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

SA56 Datasheet(HTML) 6 Page - Cirrus Logic

  SA56 Datasheet HTML 1Page - Cirrus Logic SA56 Datasheet HTML 2Page - Cirrus Logic SA56 Datasheet HTML 3Page - Cirrus Logic SA56 Datasheet HTML 4Page - Cirrus Logic SA56 Datasheet HTML 5Page - Cirrus Logic SA56 Datasheet HTML 6Page - Cirrus Logic SA56 Datasheet HTML 7Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
APEX MICROTECHNOLOGY CORPORATION • 5980 NORTH SHANNON ROAD • TUCSON, ARIZONA 85741 • USA • APPLICATIONS HOTLINE: 1 (800) 546-2739
6
PR
EL
IM
IN
AR
Y
OPERATING
CONSIDERATIONS
SA56
MODES OF OPERATION
The following chart shows the four modes of operation.
Mode
CPWM
PWM
DIR
Aout
Bout
2
Quad
Digital
GND
Modu-
lation
In
High
High
PWM
2
Quad
Digital
GND
Modu-
lation
In
Low
PWM
High
4
Quad
Digital
GND
High
Modu-
lated
In
DIR
DIR
4
Quad
Analog
Add
Cap. to
set
Fre-
quency
Drive
with
analog
signal
Not
used
but
GND
Greater
than 50%
high for a
low
input
Greater
than 50%
high for a
high
input
ANALOG INPUT OPERATION
The SA56 can operate with analog or digital inputs. In the
analog mode, the capacitor from CPWM to GND (SIG) sets
the frequency of an internal triangular ramp signal. An analog
input at the PWM pin is compared to the ramp to generate
the duty cycle of the output. In Analog mode, the digital input
on the DIR pin is ignored, though this pin should never be
left floating.
OPERATING WITH DIGITAL INPUTS
Two and 4 quadrant operation are possible with the SA56
when driven with a digital PWM signal from a microcontroller or
DSP. When using a digital modulation signal, tie the CPWM pin
to GND to disable the internal oscillator and ramp generator.
When operating in the digital mode, pulse widths should be
no less than 100ns and the switching frequency should remain
less than 500KHz. This will allow enough time for the output
MOSFETs to reach their full on/off state before receiving a
command to reverse state.
2 QUADRANT DIGITAL MODE
For sign/magnitude (2 quadrant) operation, two digital input
signals are required. A digital PWM signal to the PWM pin can
control the output duty cycle at one output pin with the other
output pin held "HIGH". The digital input on the DIR pin will
control direction by selecting the outputs that switch accord-
ing to the PWM input. If DIR is a logic "HIGH", the A output
will be held "HIGH" and the B output will be switched as the
inverse of the PWM input signal. If DIR is logic "LOW", the B
output will be held "HIGH" and the A output will be switched.
Operating in 2 quadrant mode reduces switching noise and
power dissipation, but limits the control of the motor at very
low speed.
A braking function can be achieved by holding the PWM input
"LOW", which will turn both of the upper MOSFETs on, rapidly
reducing the circulating current of the motor winding.
4 QUADRANT DIGITAL MODE
During 4 quadrant operation a single digital PWM input in-
cludes magnitude and direction information. The digital PWM
input signal is applied to the DIR pin and the PWM/INPUT pin
is tied to "HIGH". Both pairs of output MOSFETs will switch
in a locked anti-phase fashion from 0-100% duty cycle. With
a 50% duty cycle the average voltage of each output will be
half of Vs, and the differential voltage applied to the load will
be zero. Four quadrant operation allows smooth transitions
through zero current for position servos and low speed ap-
plications. Power dissipation is slightly higher since all four
output MOSFETs switch every cycle.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com