Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0912042 Datasheet (PDF) - PHOENIX CONTACT

0912042 Datasheet PDF - PHOENIX CONTACT
Part # 0912042
Download  0912042 Download
File Size   881.53 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Electronic circuit breaker

0912042 Datasheet (PDF)

Go To PDF Page Download Datasheet
0912042 Datasheet PDF - PHOENIX CONTACT

Part # 0912042
Download  0912042 Click to download

File Size   881.53 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Electronic circuit breaker

0912042 Datasheet (HTML) - PHOENIX CONTACT


0912042 Product details

Description
The ECP-E3… electronic circuit breaker can be used in
applications that cover all aspects of the switched-mode
power supply unit.
In the event of an overload, switched-mode power supply
units reduce their output voltage, which means that all the
connected loads are no longer sufficiently supplied, e.g., in
the event of a short circuit at the load.
The solution here is the ECP-E3… electronic circuit breaker,
which selectively protects all 24 V DC load circuits. The
ECP-E3… constantly limits the residual current to 1.8 times
(or 1.5/1.3 times) the protected nominal current. Capacitive
loads can thus be switched on and loads are only switched
off in the event of an overload or short circuit.
In addition, the ECP-E3… can be reset by means of the
reset input (12), for example, via a PLC, i.e., the ECP-E3…
is electronically reset by means of a falling +24 V DC edge
(at connection 12).
The floating auxiliary contacts of the ECP-E3… can be used
to implement a group query from connection 13 to 14.
If a circuit breaker trips or is disabled, the signal to
connection 14 is interrupted.
A multi-color LED and the integrated status output
(12) indicate the operating or error state.
The ECP-E3… offers quick and space-saving assembly, as
it can be plugged onto the TMCP SOCKET M and has a low
design width of just 12.5 mm.

Properties
– Selective load protection, electronic shutdown
characteristic curve
– Active current limitation when switching on capacitive
loads up to 20,000 μF and in the event of overload/short
circuit
– Nominal current can be selected in fixed current
strengths from 1 A ... 12 A
– Safe overload shutdown from 1.1 x IN, even for long
load cables or low cable cross-sections
– Manual on/off switch (S1)
– Clear indication by means of LED or signal contact F
– Electronic reset input RE
– Integrated failsafe element
– Design width of just 12.5 mm per channel
– Can be plugged into a modular base




Similar Part No. - 0912042

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0912042 PHOENIX-0912042 Datasheet
59Kb / 4P
Electronic device circuit breaker - ECP-E3 2A
08/01/2016
More results


Similar Description - 0912042

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TD230 STMICROELECTRONICS-TD230 Datasheet
136Kb / 15P
ELECTRONIC CIRCUIT BREAKER
Oct-1998
logo
Linear Technology
LTC1153 LINER-LTC1153 Datasheet
342Kb / 16P
Auto-Reset Electronic Circuit Breaker
logo
STMicroelectronics
AN1280 STMICROELECTRONICS-AN1280 Datasheet
86Kb / 8P
ELECTRONIC CIRCUIT BREAKER
May-2000
logo
Linear Technology
LTC1153 LINER-LTC1153_15 Datasheet
295Kb / 16P
Auto-Reset Electronic Circuit Breaker
LTC4213 LINER-LTC4213_15 Datasheet
190Kb / 20P
Electronic Circuit Breaker
logo
ETAL Group
EBU10 ETAL-EBU10 Datasheet
1Mb / 6P
Electronic circuit breaker EBU
logo
Analog Devices
LTC4213 AD-LTC4213 Datasheet
650Kb / 22P
No RSENSE??Electronic Circuit Breaker
12/21-REV.A
logo
PHOENIX CONTACT
103906 PHOENIX-103906 Datasheet
625Kb / 12P
Electronic miniature circuit-breaker
09/2009
102898 PHOENIX-102898 Datasheet
846Kb / 10P
Electronic circuit breaker
2010-12-17
102899 PHOENIX-102899 Datasheet
895Kb / 10P
Electronic circuit breaker
2010-12-17
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com