Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

124 Datasheet (PDF) - Littelfuse

124 Datasheet PDF - Littelfuse
Part # 124
Download  124 Download
File Size   367.94 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description High Current Cartridge Fuse Clips 124 Series > For For 10x38mm & 3AG/3AB Fuses

124 Datasheet (PDF)

Go To PDF Page Download Datasheet
124 Datasheet PDF - Littelfuse

Part # 124
Download  124 Click to download

File Size   367.94 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description High Current Cartridge Fuse Clips 124 Series > For For 10x38mm & 3AG/3AB Fuses

124 Datasheet (HTML) - Littelfuse


124 Product details

Features & Benefits
■ RoHS compliant and
Lead-free
■ Designed for high-current
applications, up to 63 Amp
■ Higher current raitings
attained using high
perfomance Cu alloy
■ Tin-plated leads for easy
soldering process
■ UL Recognized to UL 4248-1
and CSA 4248.1
■ Designed for applications
with PC boards, also suitable
for rivet intsallation
■ Compatible to varieties of
applications using
cartridge fuses




Similar Part No. - 124

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
124 MAXWELL-124 Datasheet
263Kb / 12P
Low-Power Quad Operational Amplifier
logo
List of Unclassifed Man...
124 ETC2-124 Datasheet
203Kb / 1P
Precision Machined Metric Punches
logo
Alpha Wire
124 ALPHAWIRE-124 Datasheet
100Kb / 4P
Customer Specification
8/30/2022
124 ALPHAWIRE-124 Datasheet
99Kb / 4P
Customer SpecificationS
12/2/2022
logo
Littelfuse
124 LITTELFUSE-124 Datasheet
512Kb / 2P
High Current Cartridge Fuse Clips
08/09/22
More results


Similar Description - 124

ManufacturerPart #DatasheetDescription
logo
Littelfuse
354 LITTELFUSE-354 Datasheet
100Kb / 1P
Fuse Blocks and Clips - For 3AG Fuses
356001 LITTELFUSE-356001 Datasheet
660Kb / 4P
Fuse Blocks and Clips - For 3AG Fuses
0508315MXP LITTELFUSE-0508315MXP Datasheet
168Kb / 2P
Cartridge Fuses, 3AB 1000VAC / DC High Voltage Fuse
0508.315MX6P LITTELFUSE-0508.315MX6P Datasheet
194Kb / 3P
Axial Lead & Cartridge Fuses 3AB 1000VAC / DC High Voltage Fuse
0508.500MX6P LITTELFUSE-0508.500MX6P Datasheet
194Kb / 3P
Axial Lead & Cartridge Fuses 3AB 1000VAC / DC High Voltage Fuse
0508001.MXEP LITTELFUSE-0508001.MXEP Datasheet
194Kb / 3P
Axial Lead & Cartridge Fuses 3AB 1000VAC / DC High Voltage Fuse
03400312Z_0V1 LITTELFUSE-03400312Z_0V1 Datasheet
448Kb / 1P
340 Series RF Shielded / Watertight Panel Mount Fuse Holders for 3AB/3AG Fuses
Revised: 12/10/19
03440601Z LITTELFUSE-03440601Z Datasheet
561Kb / 1P
344/348 Series Blown Fuse Indicating / Low Profile Holders for 3AB/3AG Fuses
Revised: 05/20/19
344_PMB LITTELFUSE-344_PMB Datasheet
440Kb / 1P
344 Series Blown Fuse Indicating Holders for 3AG and 3AB Fuses
2019
354 LITTELFUSE-354_V01 Datasheet
614Kb / 2P
354 Series OMNI-BLOK짰 Molded Base Fuse Block for 3AB/3AG Fuses
Revised: 12/13/19
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com