Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

124 Datasheet(PDF) 1 Page - Littelfuse

Part # 124
Description  High Current Cartridge Fuse Clips 124 Series > For For 10x38mm & 3AG/3AB Fuses
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

124 Datasheet(HTML) 1 Page - Littelfuse

  124 Datasheet HTML 1Page - Littelfuse 124 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Fuse Clip Datasheet
© 2021 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: BA.08/24/21
1
High Current Cartridge Fuse Clips
124 Series > For For 10x38mm & 3AG/3AB Fuses
Compatible Fuse Size
10x38mm Fuses
3AB/3AG Fuses
Fuse Clip
124 040
124 041
124 060
124 061
Current Level
63 Amperes Max.
40 Amperes Max.
Product Characteristics
RoHS Pb
Note
*Fuse clips were developed for High current fuses (606/688 Series). Fuse clips also can be used
according to size described, for 10x38mm & 3AG/3AB diameter fuses.
Agency
Agency File Number
E14721
Agency Approvals
■ RoHS compliant and
Lead-free
■ Designed for high-current
applications, up to 63 Amp
■ Higher current raitings
attained using high
perfomance Cu alloy
■ Tin-plated leads for easy
soldering process
■ UL Recognized to UL 4248-1
and CSA 4248.1
■ Designed for applications
with PC boards, also suitable
for rivet intsallation
■ Compatible to varieties of
applications using
cartridge fuses
Features & Benefits
Resources
Accessories
Samples
Additional Information
Part Number
Catalog No.
Clip Material
Plating
Style
Packaging
Rivet/SMT Clip
01240040H
124040
Cu Alloy
Tin Plated with Nickel
Undercoat
Ear
Bulk (100 pieces)
01240060H
124060
Cu Alloy
Tin Plated with Nickel
Undercoat
Ear
Bulk (100 pieces)
THT Clip
01240041H
124041
Cu Alloy
Tin Plated with Nickel
Undercoat
Ear
Bulk (100 pieces)
01240061H
124061
Cu Alloy
Tin Plated with Nickel
Undercoat
Ear
Bulk (100 pieces)
Ordering Information
Note
“H” = std. package 100 pcs per pack


Similar Part No. - 124

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
124 MAXWELL-124 Datasheet
263Kb / 12P
Low-Power Quad Operational Amplifier
logo
List of Unclassifed Man...
124 ETC2-124 Datasheet
203Kb / 1P
Precision Machined Metric Punches
logo
Alpha Wire
124 ALPHAWIRE-124 Datasheet
100Kb / 4P
Customer Specification
8/30/2022
124 ALPHAWIRE-124 Datasheet
99Kb / 4P
Customer SpecificationS
12/2/2022
logo
Littelfuse
124 LITTELFUSE-124 Datasheet
512Kb / 2P
High Current Cartridge Fuse Clips
08/09/22
More results

Similar Description - 124

ManufacturerPart #DatasheetDescription
logo
Littelfuse
354 LITTELFUSE-354 Datasheet
100Kb / 1P
Fuse Blocks and Clips - For 3AG Fuses
356001 LITTELFUSE-356001 Datasheet
660Kb / 4P
Fuse Blocks and Clips - For 3AG Fuses
0508315MXP LITTELFUSE-0508315MXP Datasheet
168Kb / 2P
Cartridge Fuses, 3AB 1000VAC / DC High Voltage Fuse
0508.315MX6P LITTELFUSE-0508.315MX6P Datasheet
194Kb / 3P
Axial Lead & Cartridge Fuses 3AB 1000VAC / DC High Voltage Fuse
0508.500MX6P LITTELFUSE-0508.500MX6P Datasheet
194Kb / 3P
Axial Lead & Cartridge Fuses 3AB 1000VAC / DC High Voltage Fuse
0508001.MXEP LITTELFUSE-0508001.MXEP Datasheet
194Kb / 3P
Axial Lead & Cartridge Fuses 3AB 1000VAC / DC High Voltage Fuse
03400312Z_0V1 LITTELFUSE-03400312Z_0V1 Datasheet
448Kb / 1P
340 Series RF Shielded / Watertight Panel Mount Fuse Holders for 3AB/3AG Fuses
Revised: 12/10/19
03440601Z LITTELFUSE-03440601Z Datasheet
561Kb / 1P
344/348 Series Blown Fuse Indicating / Low Profile Holders for 3AB/3AG Fuses
Revised: 05/20/19
344_PMB LITTELFUSE-344_PMB Datasheet
440Kb / 1P
344 Series Blown Fuse Indicating Holders for 3AG and 3AB Fuses
2019
354 LITTELFUSE-354_V01 Datasheet
614Kb / 2P
354 Series OMNI-BLOK짰 Molded Base Fuse Block for 3AB/3AG Fuses
Revised: 12/13/19
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com