Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSR033FS0550Z Datasheet (PDF) - Littelfuse

PSR033FS0550Z Datasheet PDF - Littelfuse
Part # PSR033FS0550Z
Download  PSR033FS0550Z Download
File Size   1189.56 Kbytes
Page   20 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description PSR SERIES HIGH-SPEED SQUARE BODY

PSR033FS0550Z Datasheet (PDF)

Go To PDF Page Download Datasheet
PSR033FS0550Z Datasheet PDF - Littelfuse

Part # PSR033FS0550Z
Download  PSR033FS0550Z Click to download

File Size   1189.56 Kbytes
Page   20 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description PSR SERIES HIGH-SPEED SQUARE BODY

PSR033FS0550Z Datasheet (HTML) - Littelfuse


PSR033FS0550Z Product details

Description
Littelfuse PSR series high-speed square body fuses are
specially designed for protection of power semiconductor
devices such as diodes, triacs, IGBTs, SCRs, MOSFETs,
and other solid state devices that are typically designed
into power conversion and power conditioning equipment.
Variable frequency drives, inverters, UPS, rectifiers, and
soft-starters are examples of typical equipment designed
with sensitive power semiconductor devices that cannot
withstand any line surge or overcurrent conditions and
require high-speed protection.
Littelfuse POWR-SPEED PSR series products offer
optimized circuit protection at the extremely fast speed
required to protect modern day power conversion devices.
Such products are commonly found in numerous applications
including pulp and paper industries, cranes and heavy-lifting
equipment, processing industries, wastewater treatment
plants, and various large factories and MRO facilities.

Features/Benefits
 Best in class dc performance
 Extremely current limiting  Superior cycling capability
 Global certification cURus, CCC*  Direct bus-bar mount design
 Visual and optional microswitch fuse blown indication
 Low watt-loss design
 Compliance with US and Canadian requirements
 Fast-acting Class aR performance

Applications
 Power conversion devices (UPS, inverter, rectifiers, drives)
 Dc systems (dc common bus, dc injection braking)
 Battery protection application (energy storage systems)
 Electric vehicle charging stations
 Heaters and power supplies

Specifications
Voltage Range Ac: 450 V–1300 V
Dc: 450 V–1000 V
Amperage Range 40 A–2250 A
Interrupting Range Ac: 100 kA–200 kA
Dc: 150 kA
Time Constant 10 ms at IR
Microswitch Yes
Mounting Flush-end style
Material Body: ceramic
Contacts: plated brass
Approvals UL 248-13 Recognized (File: E71611)
cURus (File: E71611)
CCC*
Applicable Standards UL248-13, IEC 60269-4 (Class aR)
Environmental RoHS Compliant, REACH
Operating Temperature -55 °C to +125 °C
Storage Temperature Up to +35 °C with relative humidity
<65 %
Country of Origin Mexico




Similar Part No. - PSR033FS0550Z

ManufacturerPart #DatasheetDescription
logo
Littelfuse
PSR033FS0550Z LITTELFUSE-PSR033FS0550Z Datasheet
4Mb / 28P
PSR SERIES HIGH-SPEED SQUARE BODY FUSES
More results


Similar Description - PSR033FS0550Z

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
170H0235 COOPER-170H0235 Datasheet
47Kb / 1P
Square Body Accessories
170M6149 COOPER-170M6149 Datasheet
71Kb / 2P
Square body DIN 43 653 stud-mount high speed fuses.
logo
Littelfuse
PSR030FL0550Z LITTELFUSE-PSR030FL0550Z Datasheet
4Mb / 28P
PSR SERIES HIGH-SPEED SQUARE BODY FUSES
PSR030US0550Z LITTELFUSE-PSR030US0550Z Datasheet
1Mb / 21P
PSR SERIES HIGH-SPEED SQUARE BODY
L70QS300.X LITTELFUSE-L70QS300.X Datasheet
995Kb / 11P
L70QS SERIES HIGH-SPEED ROUND BODY
Rev: 092820
L70QS LITTELFUSE-L70QS Datasheet
1Mb / 11P
L70QS SERIES HIGH-SPEED ROUND BODY
Rev: 092820
L75QS LITTELFUSE-L75QS Datasheet
886Kb / 13P
L75QS SERIES HIGH-SPEED ROUND BODY
Rev: 1-A-061819
PSR030DS0550Z LITTELFUSE-PSR030DS0550Z_V01 Datasheet
1Mb / 20P
PSR SERIES HIGH-SPEED SQUARE BODY
Rev: 042722
PSR030US0550Z LITTELFUSE-PSR030US0550Z_V01 Datasheet
1Mb / 20P
PSR SERIES HIGH-SPEED SQUARE BODY
Rev: 042722
PSX LITTELFUSE-PSX Datasheet
815Kb / 10P
PSX SERIES HIGH-SPEED SQUARE BODY
Rev: 041122
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com