Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JCASE Datasheet (PDF) - Littelfuse

JCASE Datasheet PDF - Littelfuse
Part # JCASE
Download  JCASE Download
File Size   172.68 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description JCASE짰 FHJ SERIES IN-LINE CARTRIDGE FUSE HOLDER

JCASE Datasheet (PDF)

Go To PDF Page Download Datasheet
JCASE Datasheet PDF - Littelfuse

Part # JCASE
Download  JCASE Click to download

File Size   172.68 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description JCASE짰 FHJ SERIES IN-LINE CARTRIDGE FUSE HOLDER

JCASE Datasheet (HTML) - Littelfuse


JCASE Product details

Description
Easily install a JCASE® or Low-Profile JCASE® cartridge
fuse (sold separately) using the JCASE® FHJ Series In-Line
Cartridge Fuse Holder, which comes with either 10 AWG or
8 AWG wire leads.
Available for JCASE® or Low-Profile JCASE® fuses
(sold separately) from 20 amps up to 40 amps or up to
60 amps, the JCASE® FHJ Series fuse holder comes
configured with or without an integrated mounting bracket.
Models designed for the JCASE® fuse also come with or
without a cover, which offers added protection in harsh
environments.
All standard versions of the JCASE® FHJ Series fuse
holder come with tin-plated copper alloy contacts for
reliable fuse installation.
Custom and semi-custom orders of the JCASE® FHJ
Series fuse holder can be produced (minimum order
requirements apply). Contact your Littelfuse sales
representative for details.

Applications
• Accessory Circuits
• Overflow Circuits

Features and Benefits
• Available for JCASE® and Low-Profile JCASE® cartridge
fuses with ratings from 20 amps to 40 amps or up to 60
amps depending on the configuration (sold separately)
• Configurations with a built-in bracket make mounting
simple
• Versions with a cover offer protection in harsh
environments
• Black TPV housing with a UL 94 V-0 flammability rating
• 10 AWG or 8 AWG wire leads for easy in-line fuse holder
installation
• Tin-plated copper alloy contacts help ensure reliable
connections

Specifications
Current Rating Continuous: 30 A, 45 A
Current Rating Max: 40 A, 60 A
Fuse Type: JCASE®
, Low Profile JCASE®
Cartridge Fuse
Mounting Method: In-Line Fuse Holder
Wire Description: 125°C GXL Red Wire, 125°C TXL Red Wire,
105°C UL1569 Red Wire
Wire Size: 10 AWG, 8 AWG




Similar Part No. - JCASE

ManufacturerPart #DatasheetDescription
logo
jb Capacitors Company
JCA JBCAPACITORS-JCA Datasheet
316Kb / 2P
SMD Aluminum Electrolytic Capacitor
logo
XP Power Limited
JCA02 XPPOWER-JCA02 Datasheet
386Kb / 2P
2/3 Watts JCA Series
JCA0205D01 XPPOWER-JCA0205D01 Datasheet
188Kb / 2P
DC-DC Power Supplies
JCA0205D01 XPPOWER-JCA0205D01 Datasheet
386Kb / 2P
2/3 Watts JCA Series
JCA0205D02 XPPOWER-JCA0205D02 Datasheet
188Kb / 2P
DC-DC Power Supplies
More results


Similar Description - JCASE

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0995020 LITTELFUSE-0995020 Datasheet
236Kb / 2P
JCASE짰 Cartridge Fuse Rated 58V
logo
Lineage Power Corporati...
0FHJ3003U LINEAGEPOWER-0FHJ3003U Datasheet
147Kb / 1P
Low Profile JCASE짰 Panel-Mount Fuse Holder
logo
Littelfuse
0FHJ3003U LITTELFUSE-0FHJ3003U Datasheet
147Kb / 1P
Low Profile JCASE짰 Panel-Mount Fuse Holder
logo
List of Unclassifed Man...
441-R332A-GR ETC2-441-R332A-GR Datasheet
195Kb / 2P
In-Line Fuse Holder
441-R332B-GR ETC2-441-R332B-GR Datasheet
208Kb / 2P
In-Line Fuse Holder
441-R364-GR ETC2-441-R364-GR Datasheet
182Kb / 2P
In-Line Fuse Holder
logo
Eaton All Rights Reserv...
HHB EATON-HHB Datasheet
199Kb / 1P
In-line fuse holder
HHK EATON-HHK Datasheet
135Kb / 1P
in-line fuse holder
HHN EATON-HHN Datasheet
202Kb / 1P
in-line fuse holder
logo
Littelfuse
HLJC LITTELFUSE-HLJC Datasheet
237Kb / 1P
HLJC SERIES JCASE짰 FUSE HOLDER
Rev: 011020
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com