Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JCASE Datasheet(PDF) 1 Page - Littelfuse

Part # JCASE
Description  JCASE짰 FHJ SERIES IN-LINE CARTRIDGE FUSE HOLDER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

JCASE Datasheet(HTML) 1 Page - Littelfuse

  JCASE Datasheet HTML 1Page - Littelfuse JCASE Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Littelfuse.com
© 2021 Littelfuse, Inc.
080421-A
JCASE® FHJ SERIES
IN-LINE CARTRIDGE FUSE HOLDER
Description
Easily install a JCASE® or Low-Profile JCASE® cartridge
fuse (sold separately) using the JCASE® FHJ Series In-Line
Cartridge Fuse Holder, which comes with either 10 AWG or
8 AWG wire leads.
Available for JCASE® or Low-Profile JCASE® fuses
(sold separately) from 20 amps up to 40 amps or up to
60 amps, the JCASE® FHJ Series fuse holder comes
configured with or without an integrated mounting bracket.
Models designed for the JCASE® fuse also come with or
without a cover, which offers added protection in harsh
environments.
All standard versions of the JCASE® FHJ Series fuse
holder come with tin-plated copper alloy contacts for
reliable fuse installation.
Custom and semi-custom orders of the JCASE® FHJ
Series fuse holder can be produced (minimum order
requirements apply). Contact your Littelfuse sales
representative for details.
Web Resources
Download 2D print, installation guide and technical
resources at: littelfuse.com/FHJ
Applications
• Accessory Circuits
• Overflow Circuits
Features and Benefits
• Available for JCASE® and Low-Profile JCASE® cartridge
fuses with ratings from 20 amps to 40 amps or up to 60
amps depending on the configuration (sold separately)
• Configurations with a built-in bracket make mounting
simple
• Versions with a cover offer protection in harsh
environments
• Black TPV housing with a UL 94 V-0 flammability rating
• 10 AWG or 8 AWG wire leads for easy in-line fuse holder
installation
• Tin-plated copper alloy contacts help ensure reliable
connections
Specifications
Current Rating Continuous: 
30 A, 45 A
Current Rating Max: 
40 A, 60 A
Fuse Type: 
JCASE®, Low Profile JCASE® Cartridge Fuse
Mounting Method: 
In-Line Fuse Holder
Wire Description: 
125°C GXL Red Wire, 125°C TXL Red Wire,
105°C UL1569 Red Wire
Wire Size: 
10 AWG, 8 AWG
0FHJ1001G


Similar Part No. - JCASE

ManufacturerPart #DatasheetDescription
logo
jb Capacitors Company
JCA JBCAPACITORS-JCA Datasheet
316Kb / 2P
SMD Aluminum Electrolytic Capacitor
logo
XP Power Limited
JCA02 XPPOWER-JCA02 Datasheet
386Kb / 2P
2/3 Watts JCA Series
JCA0205D01 XPPOWER-JCA0205D01 Datasheet
188Kb / 2P
DC-DC Power Supplies
JCA0205D01 XPPOWER-JCA0205D01 Datasheet
386Kb / 2P
2/3 Watts JCA Series
JCA0205D02 XPPOWER-JCA0205D02 Datasheet
188Kb / 2P
DC-DC Power Supplies
More results

Similar Description - JCASE

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0995020 LITTELFUSE-0995020 Datasheet
236Kb / 2P
JCASE짰 Cartridge Fuse Rated 58V
logo
Lineage Power Corporati...
0FHJ3003U LINEAGEPOWER-0FHJ3003U Datasheet
147Kb / 1P
Low Profile JCASE짰 Panel-Mount Fuse Holder
logo
Littelfuse
0FHJ3003U LITTELFUSE-0FHJ3003U Datasheet
147Kb / 1P
Low Profile JCASE짰 Panel-Mount Fuse Holder
logo
List of Unclassifed Man...
441-R332A-GR ETC2-441-R332A-GR Datasheet
195Kb / 2P
In-Line Fuse Holder
441-R332B-GR ETC2-441-R332B-GR Datasheet
208Kb / 2P
In-Line Fuse Holder
441-R364-GR ETC2-441-R364-GR Datasheet
182Kb / 2P
In-Line Fuse Holder
logo
Eaton All Rights Reserv...
HHB EATON-HHB Datasheet
199Kb / 1P
In-line fuse holder
HHK EATON-HHK Datasheet
135Kb / 1P
in-line fuse holder
HHN EATON-HHN Datasheet
202Kb / 1P
in-line fuse holder
logo
Littelfuse
HLJC LITTELFUSE-HLJC Datasheet
237Kb / 1P
HLJC SERIES JCASE짰 FUSE HOLDER
Rev: 011020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com