Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLJC1002GA Datasheet (PDF) - Littelfuse

HLJC1002GA Datasheet PDF - Littelfuse
Part # HLJC1002GA
Download  HLJC1002GA Download
File Size   237.26 Kbytes
Page   1 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description HLJC SERIES JCASE짰 FUSE HOLDER

HLJC1002GA Datasheet (PDF)

Go To PDF Page Download Datasheet
HLJC1002GA Datasheet PDF - Littelfuse

Part # HLJC1002GA
Download  HLJC1002GA Click to download

File Size   237.26 Kbytes
Page   1 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description HLJC SERIES JCASE짰 FUSE HOLDER

HLJC1002GA Datasheet (HTML) - Littelfuse


HLJC1002GA Product details

Description
The HLJC In-Line Fuse Holder is the perfect solution for
applications requiring the circuit protection of a JCASE® Fuse
(20A - 60A) but have the space constraints requiring a low
profile option. The HLJC In-Line Fuse Holder paired with an
LP JCASE offers size and weight savings compared to MAXI®
fuse holders, and has an optional protective cover for splash
resistance or a mounting bracket.
Standard products are featured on the datasheet. SemiCustom and Custom variants including but not limited to; wire
length and insulation color can be customized upon request.
Tinned wires also available upon request. All customizations
have minimum order requirements. Contact Littelfuse sales
representative for details.

Specifications
Fuse Hardware: LP JCASE Fuses
Available Fuse Rating: 25A-60A
Max Voltage: 58V
Max Fuse Rating: See Table Below
Operating Temp: -40° to 125° C
Wire Size: See Table Below
Material: Holder: BLACK TPV 251 80W 232
Wire Insulation: GXL (Standard)
Contacts: C194 Copper Alloy: Tin-Plated

Features and Benefits
• Amperages 20A to 60A
• LP JCASE Fuse offers size and weight benefits over MAXI
Fuse and holders
• Integral mounting bracket version allows for simple
mounting without the need of additional mounting
components
• Cartridge fuses are compact and incorporate a design
advantage over blade fuses: Over time the spring clips
that hold blade fuses will weaken. In cartridge fuses, the
weaker female part is designed into the disposable fuse so
that the grip and electrical connection will never weaken
• Splash proof covers protects fuse in rugged environments
allowing for universal mounting

Applications
• Accessory Circuit
• Overflow Circuits




Similar Part No. - HLJC1002GA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
HLJC1002GA LITTELFUSE-HLJC1002GA Datasheet
172Kb / 2P
JCASE짰 FHJ SERIES IN-LINE CARTRIDGE FUSE HOLDER
2021
More results


Similar Description - HLJC1002GA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0995020 LITTELFUSE-0995020 Datasheet
236Kb / 2P
JCASE짰 Cartridge Fuse Rated 58V
logo
Lineage Power Corporati...
0FHJ3003U LINEAGEPOWER-0FHJ3003U Datasheet
147Kb / 1P
Low Profile JCASE짰 Panel-Mount Fuse Holder
logo
Littelfuse
0FHJ3003U LITTELFUSE-0FHJ3003U Datasheet
147Kb / 1P
Low Profile JCASE짰 Panel-Mount Fuse Holder
logo
List of Unclassifed Man...
441-R3-13-GRX ETC1-441-R3-13-GRX Datasheet
97Kb / 2P
Fuse Holder
441-R314C-GRX ETC2-441-R314C-GRX Datasheet
103Kb / 2P
Fuse Holder
441-R324-GR ETC2-441-R324-GR Datasheet
73Kb / 2P
Fuse Holder
441-R344B-GR ETC2-441-R344B-GR Datasheet
82Kb / 2P
Fuse Holder
441-R349A-GR ETC2-441-R349A-GR Datasheet
83Kb / 2P
Fuse Holder
logo
Keystone Electronics Co...
3569 KEYSTONE-3569 Datasheet
179Kb / 1P
FUSE HOLDER
9.22.08
logo
Littelfuse
JCASE LITTELFUSE-JCASE Datasheet
172Kb / 2P
JCASE짰 FHJ SERIES IN-LINE CARTRIDGE FUSE HOLDER
2021
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com