Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MINIFHM Datasheet (PDF) - Littelfuse

MINIFHM Datasheet PDF - Littelfuse
Part # MINIFHM
Download  MINIFHM Download
File Size   347.45 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description MINI짰 FHM SERIES 32-58V IN-LINE WATERPROOF BLADE FUSE HOLDER

MINIFHM Datasheet (PDF)

Go To PDF Page Download Datasheet
MINIFHM Datasheet PDF - Littelfuse

Part # MINIFHM
Download  MINIFHM Click to download

File Size   347.45 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description MINI짰 FHM SERIES 32-58V IN-LINE WATERPROOF BLADE FUSE HOLDER

MINIFHM Datasheet (HTML) - Littelfuse


MINIFHM Product details

Description
When you need additional or remote circuit protection,
the MINI® FHM Series 32-58V In-Line Waterproof Blade
Fuse Holder makes it easy by mounting virtually anywhere
along the circuit. Plus, its integrated cover helps create an
IP67-rated dustproof and waterproof enclosure that makes
the fuse holder ideal for both automotive and marine
applications.
The MINI® FHM Series blade fuse holder is available in a
wide variety of configurations with various lead wire sizes,
insulation colors, wire types, and special features, such as
clear bodies that accommodate MINI® Smart Glow fuses.
It can also be purchased with or without retail packaging.
In addition, Littelfuse actively produces custom and
semi-custom versions of the MINI® FHM Series fuse
holder (minimum order requirements apply). Contact your
Littelfuse sales representative for details.

Features and Benefits
• Compatible with 32V MINI® and 58V MINI® blade fuses
(sold separately unless indicated)
• Built-in cover seals in the fuse to offer IP67-rated
dustproof and waterproof protection
• Compact design is easy to mount in line with the circuit
virtually anywhere
• Available in a wide variety of configurations, including
with standard black bodies and covers or clear bodies
and covers that allow you to see MINI® Smart Glow
fuses
• Custom and semi-custom MINI® FHM Series fuse
holder versions are available through your Littelfuse
sales representative (minimum order quantities apply)

Applications
• Automotive or Marine Remote Circuit Protection
• Accessory or Overflow Circuits
• Small Electric Motors

Specifications
Current Rating Max: 30 Amps and 20 Amps
Fuse Type: ATO
Ignition Protection: V-2 / V-0
Ignition-Proof: UL94
Ingress Rating: IP67
Input Terminals: ATO FUSE BLADES
Mounting Method: In-Line Fuse Holder
Max Voltage Rating: 32 -58V DC
Wire Description: 125°C rated, GXL Red wires, Tinned
stranded copper
125°C rated, PE-X FLR2X-B Yellow wires




Similar Part No. - MINIFHM

ManufacturerPart #DatasheetDescription
logo
NiceRF Wireless Technol...
MINIF27 G-NICE-MINIF27 Datasheet
767Kb / 7P
MiniF27 Wireless transceiver module
2025-7
More results


Similar Description - MINIFHM

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0997002 LITTELFUSE-0997002 Datasheet
195Kb / 2P
MINI짰 Blade Fuse Fuse Rated 58V
TOE LITTELFUSE-TOE Datasheet
194Kb / 2P
Blade Fuse Rated 58V
029707.5U LITTELFUSE-029707.5U Datasheet
281Kb / 2P
MINI짰 BLADE FUSE RATED 32V
01530008Z LITTELFUSE-01530008Z Datasheet
194Kb / 1P
Blade Fuse Holders - PCB Mount Fuse Holder for MINI짰 Style Blade Fuse
178-4265-0002 LITTELFUSE-178-4265-0002 Datasheet
1Mb / 3P
FLR PCB FUSE HOLDER FOR ATO짰 STYLE BLADE FUSE RATED 58V
277 LITTELFUSE-277 Datasheet
179Kb / 1P
277 IN-LINE SERIES 32V 20A IN-LINE BLADE FUSE HOLDER
2022
ATOFHA LITTELFUSE-ATOFHA Datasheet
150Kb / 1P
ATO짰 FHA SERIES 32V IN-LINE BLADE FUSE HOLDER
2021
MAXIMAH LITTELFUSE-MAXIMAH Datasheet
277Kb / 1P
IN-LINE BLADE FUSE HOLDER
2021
MINI153-PC LITTELFUSE-MINI153-PC Datasheet
199Kb / 1P
MINI짰 153-PC SERIES FUSE HOLDER
2021
SEALEDMINI LITTELFUSE-SEALEDMINI Datasheet
185Kb / 1P
SEALED MINI짰 SERIES 32V WATERPROOF IN-LINE BLADE FUSE HOLDER
2021
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com