Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATOFHA Datasheet (PDF) - Littelfuse

ATOFHA Datasheet PDF - Littelfuse
Part # ATOFHA
Download  ATOFHA Download
File Size   150.72 Kbytes
Page   1 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description ATO짰 FHA SERIES 32V IN-LINE BLADE FUSE HOLDER

ATOFHA Datasheet (PDF)

Go To PDF Page Download Datasheet
ATOFHA Datasheet PDF - Littelfuse

Part # ATOFHA
Download  ATOFHA Click to download

File Size   150.72 Kbytes
Page   1 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description ATO짰 FHA SERIES 32V IN-LINE BLADE FUSE HOLDER

ATOFHA Datasheet (HTML) - Littelfuse


ATOFHA Product details

Description
The ATO® FHA Series 32V In-Line Blade Fuse Holder
enables versatile automotive fusing thanks to wire leads
that ensure simple in-line installation. The standard version
is compatible with ATO® blade fuses up to 20 amps, while
the heavy-duty version accepts ATO® blade fuses up to
30 amps. A heat-resistant body and tin-plated copper
alloy contacts provide durability for use in automotive
environments.
Smart Glow versions of the ATO® FHA Series blade fuse
holder feature a natural-colored PVC housing so you can
see when an installed Smart Glow fuse is blown. The
Smart Glow versions also feature UL 1015 wire leads.

Applications
• Accessory Lighting (Standard-Duty)
• Panel Displays/Electronics (Standard-Duty)
• Air Conditioners / Blower Motors (Heavy-Duty)

Features and Benefits
• Accepts ATO® blade fuses (sold separately unless
indicated) up to 20 amps (standard) or up to 30 amps
(heavy-duty)
• Heat-resistant thermoplastic fuse holder body
• Two GXL wire leads (standard and heavy-duty), green
GPT leads, or UL 1015 wire leads (Smart Glow) enable
simple in-line fuse installation
• Tin-plated copper alloy contacts for corrosion resistance

Specifications
Max Current Rating: 20A, 30A
Fuse Type: ATO®
, ATO® Smart Glow
Ignition Protection: V-0
Ignition-Proof: UL 94
Input Terminals: ATO®
or ATO®
Smart Glow FUSE BLADES
Mounting Method: IN LINE FUSE HOLDER
Max Voltage Rating: 32 VDC
Wire Description: 1015 Red Color wires
(0FHA0001HXGLO,0FHA0001XPGLO)
Wire Size: 12 AWG (0FHA0001HXGLO,0FHA0001XPGLO)




Similar Part No. - ATOFHA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
ATOFHAC LITTELFUSE-ATOFHAC Datasheet
175Kb / 1P
ATO짰 FHAC SERIES
2022
More results


Similar Description - ATOFHA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0257001.PXPV LITTELFUSE-0257001.PXPV Datasheet
175Kb / 2P
ATO짰 Blade Fuse Rated 32V
01000057Z LITTELFUSE-01000057Z Datasheet
241Kb / 1P
PCB Fuse Holder for ATO짰 Style Blade Fuse
Revised: 05/07/20
04980921GXM5 LITTELFUSE-04980921GXM5_V01 Datasheet
146Kb / 1P
MIDI 498 IL SERIES 32V IN-LINE FUSE HOLDER
080421-A
0FHA0200Z LITTELFUSE-0FHA0200Z Datasheet
126Kb / 1P
ATO짰 ADD-A-CIRCUIT짰 SERIES 32V IN-LINE FUSE HOLDER
2021
277 LITTELFUSE-277 Datasheet
179Kb / 1P
277 IN-LINE SERIES 32V 20A IN-LINE BLADE FUSE HOLDER
2022
ATO155 LITTELFUSE-ATO155 Datasheet
117Kb / 1P
ATO짰 155 SERIES 32V STACKABLE IN-LINE PANEL-MOUNT FUSE HOLDER WITH LOOPED WIRE LEADS
2021
ATOAFH LITTELFUSE-ATOAFH Datasheet
192Kb / 1P
ATO짰 AFH SERIES 32V IN-LINE WIRE-LEADED PANEL-MOUNT FUSE HOLDER
2021
ATOFKH LITTELFUSE-ATOFKH Datasheet
150Kb / 1P
ATO짰 FKH SERIES 32V BLADE FUSE HOLDER
2021
MAXIMAH LITTELFUSE-MAXIMAH Datasheet
277Kb / 1P
IN-LINE BLADE FUSE HOLDER
2021
SEALEDMINI LITTELFUSE-SEALEDMINI Datasheet
185Kb / 1P
SEALED MINI짰 SERIES 32V WATERPROOF IN-LINE BLADE FUSE HOLDER
2021
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com