Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATOFHAC Datasheet (PDF) - Littelfuse

ATOFHAC Datasheet PDF - Littelfuse
Part # ATOFHAC
Download  ATOFHAC Download
File Size   175.36 Kbytes
Page   1 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description ATO짰 FHAC SERIES

ATOFHAC Datasheet (PDF)

Go To PDF Page Download Datasheet
ATOFHAC Datasheet PDF - Littelfuse

Part # ATOFHAC
Download  ATOFHAC Click to download

File Size   175.36 Kbytes
Page   1 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description ATO짰 FHAC SERIES

ATOFHAC Datasheet (HTML) - Littelfuse


ATOFHAC Product details

Description
Quickly add circuit protection for accessory lighting, panel
displays, air conditioners, and blower motors using the
ATO® FHAC Series 32V Waterproof In-Line Fuse Holder.
This blade fuse holder features a built-in protective
cover to provide an IP67-rated waterproof and dust-tight
enclosure. The standard configurations are compatible with
ATO® blade fuses from 1A to 20A, while the heavy-duty
configurations accept ATO® blade fuses up to 25A or 30A,
depending on the model.

Applications
• Accessory Lighting (Standard-Duty)
• Panel Displays/Electronics (Standard-Duty)
• Air Conditioners / Blower Motors (Heavy-Duty)

Features and Benefits
• Accepts ATO® blade fuses (sold separately unless
indicated) from 1A to 20A (standard-duty) or up to 25A
or 30A (heavy-duty), depending on the model
• Built-in cover protects the installed fuse from dust and
water to IP67 standards
• Heat-resistant thermoplastic fuse holder body with a UL
94 V-0 flammability rating
• Wire leads come in various sizes and colors for simple
in-line installation
• Tin-plated copper alloy contacts for corrosion resistance

Specifications
Max Current Rating: 20A, 25A, 30A
Max Current Rating Terminal: 20A
Fuse Type: ATO®
Fuse
Ignition Protection: V-0
Ignition-Proof: UL 94
Ingress Rating: IP-67
Input Terminals: ATO®
Fuse Blades
Mounting Method: IN LINE FUSE HOLDER
Max Voltage Rating: 32 VDC
Wire Size: 12 AWG, 14 AWG, 16 AWG, 0.5 MM2




Similar Part No. - ATOFHAC

ManufacturerPart #DatasheetDescription
logo
Littelfuse
ATOFHA LITTELFUSE-ATOFHA Datasheet
150Kb / 1P
ATO짰 FHA SERIES 32V IN-LINE BLADE FUSE HOLDER
2021
More results


Similar Description - ATOFHAC

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0257001.PXPV LITTELFUSE-0257001.PXPV Datasheet
175Kb / 2P
ATO짰 Blade Fuse Rated 32V
03540503Z LITTELFUSE-03540503Z Datasheet
226Kb / 1P
7-Position ATO짰 Style Fuse and Circuit Breaker Module
HWA20 LITTELFUSE-HWA20 Datasheet
275Kb / 2P
HWA20 SEALED ATO짰 FUSEHOLDER
01000057Z LITTELFUSE-01000057Z Datasheet
241Kb / 1P
PCB Fuse Holder for ATO짰 Style Blade Fuse
Revised: 05/07/20
0FHA0200Z LITTELFUSE-0FHA0200Z Datasheet
126Kb / 1P
ATO짰 ADD-A-CIRCUIT짰 SERIES 32V IN-LINE FUSE HOLDER
2021
ATOFBA5 LITTELFUSE-ATOFBA5 Datasheet
131Kb / 1P
ATO짰 FBA5 SERIES 32V 5-POSITION TERMINAL FUSE BLOCK
2021
ATOFHA LITTELFUSE-ATOFHA Datasheet
150Kb / 1P
ATO짰 FHA SERIES 32V IN-LINE BLADE FUSE HOLDER
2021
ATOFKH LITTELFUSE-ATOFKH Datasheet
150Kb / 1P
ATO짰 FKH SERIES 32V BLADE FUSE HOLDER
2021
SDATO LITTELFUSE-SDATO Datasheet
411Kb / 1P
SD ATO짰 SERIES FUSE BLOCK WITH LED INDICATORS
2021
STATO LITTELFUSE-STATO Datasheet
506Kb / 2P
ST ATO짰 SERIES FUSE BLOCK WITH GROUND BUS
2021
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com