Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATOFHAC Datasheet(PDF) 1 Page - Littelfuse

Part # ATOFHAC
Description  ATO짰 FHAC SERIES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

ATOFHAC Datasheet(HTML) 1 Page - Littelfuse

  ATOFHAC Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
Littelfuse.com
© 2022 Littelfuse, Inc.
0112221-A
Applications
• Accessory Lighting (Standard-Duty)
• Panel Displays/Electronics (Standard-Duty)
• Air Conditioners / Blower Motors (Heavy-Duty)
Features and Benefits
• Accepts ATO® blade fuses (sold separately unless
indicated) from 1A to 20A (standard-duty) or up to 25A
or 30A (heavy-duty), depending on the model
• Built-in cover protects the installed fuse from dust and
water to IP67 standards
• Heat-resistant thermoplastic fuse holder body with a UL
94 V-0 flammability rating
• Wire leads come in various sizes and colors for simple
in-line installation
• Tin-plated copper alloy contacts for corrosion resistance
Ordering Information
Specifications
Max Current Rating:
20A, 25A, 30A
Max Current Rating Terminal:
20A
Fuse Type:
ATO® Fuse
Ignition Protection: 
V-0
Ignition-Proof: 
UL 94
Ingress Rating: 
IP-67
Input Terminals: 
ATO® Fuse Blades
Mounting Method: 
IN LINE FUSE HOLDER
Max Voltage Rating: 
32 VDC
Wire Size: 
12 AWG, 14 AWG, 16 AWG, 0.5 MM2
ATO® FHAC SERIES
32V WATERPROOF IN-LINE FUSE HOLDER
Description
Quickly add circuit protection for accessory lighting, panel
displays, air conditioners, and blower motors using the
ATO® FHAC Series 32V Waterproof In-Line Fuse Holder.
This blade fuse holder features a built-in protective
cover to provide an IP67-rated waterproof and dust-tight
enclosure. The standard configurations are compatible with
ATO® blade fuses from 1A to 20A, while the heavy-duty
configurations accept ATO® blade fuses up to 25A or 30A,
depending on the model.
Web Resources
Download 2D print, installation guide and technical
resources at: littelfuse.com/FHAC
FHAC0001ZXJL
FHAC0002SXJ
FHAC0001LXN
PART
NUMBER
DESCRIPTION
FUSE
TYPE
MOUNTING
METHOD
MAX CURRENT
RATING
MAX VOLTAGE
RATING
FHAC0001LXN
32V Standard-Duty Waterproof In-Line Fuse Holder - 20A, Black 16 AWG GXL Leads
ATO
IN LINE FUSE HOLDER
20 AMPS
32 VDC
FHAC0001SXJ
32V Standard-Duty Waterproof In-Line Fuse Holder -
20A, 3.524" Black 16 AWG GXL Leads with 0.25" End Strips
ATO
IN LINE FUSE HOLDER
20 AMPS
32 VDC
FHAC0001XP
32V Standard-Duty Waterproof In-Line Fuse Holder -
20A, 3.524" Black 16 AWG GXL Leads with 0.25" End Strips - Blister Pack
ATO
IN LINE FUSE HOLDER
20 AMPS
32 VDC
FHAC0001ZXJ
32V Standard-Duty Waterproof In-Line Fuse Holder -
20A, 3.524" Black 16 AWG GXL/FLR2X-B Leads with 0.25" End Strips
ATO
IN LINE FUSE HOLDER
20 AMPS
32 VDC
FHAC0001ZXJA
32V Standard-Duty Waterproof In-Line Fuse Holder -
20A, 3.516" Red 16 AWG GXL Leads with 0.25" End Strips
ATO
IN LINE FUSE HOLDER
20 AMPS
32 VDC
FHAC0001ZXJE
32V Standard-Duty Waterproof In-Line Fuse Holder -
20A, 9.516" Black 16 AWG GXL Leads with 0.25" End Strips
ATO
IN LINE FUSE HOLDER
20 AMPS
32 VDC
FHAC0001ZXJG
32V Standard-Duty Waterproof In-Line Fuse Holder -
20A, 6.102" Black 16 AWG GXL Leads with 0.709" End Strips
ATO
IN LINE FUSE HOLDER
20 AMPS
32 VDC
FHAC0001ZXJK
32V Standard-Duty Waterproof In-Line Fuse Holder -
20A, 7.87" Black 16 AWG GXL Leads with 0.25" End Strips
ATO
IN LINE FUSE HOLDER
20 AMPS
32 VDC
FHAC0001ZXJL 32V Standard-Duty Waterproof In-Line Fuse Holder - 20A, Red FLR2X-B 1.5 mm2 Leads
ATO
IN LINE FUSE HOLDER
20 AMPS
32 VDC
FHAC0001ZXJM
32V Standard-Duty Waterproof In-Line Fuse Holder -
20A, 3.524" Black 16 AWG GXL Leads with 0.5" End Strips
ATO
IN LINE FUSE HOLDER
20 AMPS
32 VDC
FHAC0002LXN
32V Heavy-Duty Waterproof In-Line Fuse Holder - 30A, Orange 12 AWG GXL Leads
ATO
IN LINE FUSE HOLDER
30 AMPS
32 VDC
FHAC0002SXJ
32V Heavy-Duty Waterproof In-Line Fuse Holder -
30A, 3.524" Orange 12 AWG GXL Leads with 0.25" End Strips
ATO
IN LINE FUSE HOLDER
30 AMPS
32 VDC
FHAC0002XP
32V Heavy-Duty Waterproof In-Line Fuse Holder -
30A, 3.524" Orange 12 AWG GXL Leads with 0.25" End Strips - Blister Pack
ATO
IN LINE FUSE HOLDER
30 AMPS
32 VDC
FHAC0002ZXJ
32V Heavy-Duty Waterproof In-Line Fuse Holder -
30A, 3.524" Orange 12 AWG GXL Leads with 0.25" End Strips - Blister Pack
ATO
IN LINE FUSE HOLDER
30 AMPS
32 VDC
FHAC0002ZXJA
32V Heavy-Duty Waterproof In-Line Fuse Holder -
30A, 9.587" Red 12 AWG GXL Leads with No End Strips
ATO
IN LINE FUSE HOLDER
30 AMPS
32 VDC
FHAC0002ZXJD
32V Heavy-Duty Waterproof In-Line Fuse Holder -
30A, 4" Purple UL 3266 Leads with 0.315" End Strips
ATO
IN LINE FUSE HOLDER
30 AMPS
32 VDC
FHAC0003ZXJB
32V Heavy-Duty Waterproof In-Line Fuse Holder -
25A, 3.516" Red/Blue 14 AWG GXL Leads with 0.25" End Strips
ATO
IN LINE FUSE HOLDER
25 AMPS
32 VDC


Similar Part No. - ATOFHAC

ManufacturerPart #DatasheetDescription
logo
Littelfuse
ATOFHA LITTELFUSE-ATOFHA Datasheet
150Kb / 1P
ATO짰 FHA SERIES 32V IN-LINE BLADE FUSE HOLDER
2021
More results

Similar Description - ATOFHAC

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0257001.PXPV LITTELFUSE-0257001.PXPV Datasheet
175Kb / 2P
ATO짰 Blade Fuse Rated 32V
03540503Z LITTELFUSE-03540503Z Datasheet
226Kb / 1P
7-Position ATO짰 Style Fuse and Circuit Breaker Module
HWA20 LITTELFUSE-HWA20 Datasheet
275Kb / 2P
HWA20 SEALED ATO짰 FUSEHOLDER
01000057Z LITTELFUSE-01000057Z Datasheet
241Kb / 1P
PCB Fuse Holder for ATO짰 Style Blade Fuse
Revised: 05/07/20
0FHA0200Z LITTELFUSE-0FHA0200Z Datasheet
126Kb / 1P
ATO짰 ADD-A-CIRCUIT짰 SERIES 32V IN-LINE FUSE HOLDER
2021
ATOFBA5 LITTELFUSE-ATOFBA5 Datasheet
131Kb / 1P
ATO짰 FBA5 SERIES 32V 5-POSITION TERMINAL FUSE BLOCK
2021
ATOFHA LITTELFUSE-ATOFHA Datasheet
150Kb / 1P
ATO짰 FHA SERIES 32V IN-LINE BLADE FUSE HOLDER
2021
ATOFKH LITTELFUSE-ATOFKH Datasheet
150Kb / 1P
ATO짰 FKH SERIES 32V BLADE FUSE HOLDER
2021
SDATO LITTELFUSE-SDATO Datasheet
411Kb / 1P
SD ATO짰 SERIES FUSE BLOCK WITH LED INDICATORS
2021
STATO LITTELFUSE-STATO Datasheet
506Kb / 2P
ST ATO짰 SERIES FUSE BLOCK WITH GROUND BUS
2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com