Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDATO Datasheet (PDF) - Littelfuse

SDATO Datasheet PDF - Littelfuse
Part # SDATO
Download  SDATO Download
File Size   411.23 Kbytes
Page   1 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description SD ATO짰 SERIES FUSE BLOCK WITH LED INDICATORS

SDATO Datasheet (PDF)

Go To PDF Page Download Datasheet
SDATO Datasheet PDF - Littelfuse

Part # SDATO
Download  SDATO Click to download

File Size   411.23 Kbytes
Page   1 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description SD ATO짰 SERIES FUSE BLOCK WITH LED INDICATORS

SDATO Datasheet (HTML) - Littelfuse


SDATO Product details

Description
SD ATO® Fuse Blocks provide a cost effective, consolidated
circuit protection solution. Designed to accept standard
ATO® fuses, these products ensure the safe distribution
of power throughout an application. Integrated LED blown
fuse indicators allow for quick maintenance, preventing
troubleshooting & equipment downtime. These products
are RoHS compliant. Fuses sold seperately.

Features
• LED blown fuse indicators
• Snap-on insulating cover (included)

Applications
• Centralized distribution for accessory circuits
• Ideal solution for DIY projects

Benefits
• Centralizes wiring to a convenient location
• Insulating cover provides circuitry protection

Specifications
Current Rating Max: 100A
Current Rating Max Per Circuit: 30A Max
Fuse Type: ATO® Blade Fuse
Housing: PBT
Input Terminals: 10-32 Stud
Mounting Method: Bolt-Down; 4xM5
Number Of Cavities: 4, 6, or 10 Circuits
(varies by part number)
Output Terminals: 6.3mm Blade
Recommended Torque: 8 in-lb (0.9Nm) Max.
Temperature: -20°C to 85°C
Max Voltage Rating: 32V DC
• Continuous current rating of 100A




Similar Part No. - SDATO

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SDA BILIN-SDA Datasheet
75Kb / 2P
SURFACE MOUNT RECTIFIER
logo
C&K Components
SDA CK-COMPONENTS-SDA Datasheet
208Kb / 3P
Low Profile DIP Switches
logo
Exar Corporation
SDA EXAR-SDA Datasheet
1Mb / 29P
Quad Channel Digital PWM/PFM Programmable Power Management System
logo
Hammond Manufacturing L...
SDA HAMMOND-SDA Datasheet
68Kb / 1P
Ensemble de bouchon de mise a lair libre
logo
C&K Components
SDA CK-COMPONENTS-SDA Datasheet
135Kb / 3P
Low Profile DIP Switches
More results


Similar Description - SDATO

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0257001.PXPV LITTELFUSE-0257001.PXPV Datasheet
175Kb / 2P
ATO짰 Blade Fuse Rated 32V
03540503Z LITTELFUSE-03540503Z Datasheet
226Kb / 1P
7-Position ATO짰 Style Fuse and Circuit Breaker Module
178-4265-0002 LITTELFUSE-178-4265-0002 Datasheet
1Mb / 3P
FLR PCB FUSE HOLDER FOR ATO짰 STYLE BLADE FUSE RATED 58V
01000057Z LITTELFUSE-01000057Z Datasheet
241Kb / 1P
PCB Fuse Holder for ATO짰 Style Blade Fuse
Revised: 05/07/20
0FHA0200Z LITTELFUSE-0FHA0200Z Datasheet
126Kb / 1P
ATO짰 ADD-A-CIRCUIT짰 SERIES 32V IN-LINE FUSE HOLDER
2021
ATOFBA5 LITTELFUSE-ATOFBA5 Datasheet
131Kb / 1P
ATO짰 FBA5 SERIES 32V 5-POSITION TERMINAL FUSE BLOCK
2021
ATOFHA LITTELFUSE-ATOFHA Datasheet
150Kb / 1P
ATO짰 FHA SERIES 32V IN-LINE BLADE FUSE HOLDER
2021
ATOFKH LITTELFUSE-ATOFKH Datasheet
150Kb / 1P
ATO짰 FKH SERIES 32V BLADE FUSE HOLDER
2021
SDMINI LITTELFUSE-SDMINI Datasheet
440Kb / 1P
SD MINI짰 SERIES FUSE BLOCK WITH LED INDICATORS
2021
STATO LITTELFUSE-STATO Datasheet
506Kb / 2P
ST ATO짰 SERIES FUSE BLOCK WITH GROUND BUS
2021
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com