Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATOFKH Datasheet (PDF) - Littelfuse

ATOFKH Datasheet PDF - Littelfuse
Part # ATOFKH
Download  ATOFKH Download
File Size   150.64 Kbytes
Page   1 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description ATO짰 FKH SERIES 32V BLADE FUSE HOLDER

ATOFKH Datasheet (PDF)

Go To PDF Page Download Datasheet
ATOFKH Datasheet PDF - Littelfuse

Part # ATOFKH
Download  ATOFKH Click to download

File Size   150.64 Kbytes
Page   1 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description ATO짰 FKH SERIES 32V BLADE FUSE HOLDER

ATOFKH Datasheet (HTML) - Littelfuse


ATOFKH Product details

Description
Get the ATO® in-line or stackable panel-mount blade-style
fuse holder you need with the ATO® FKH Series 32V
Blade Fuse Holder. Available in-line bodies and stackable
panel-mount bodies made of heat-resistant thermoplastic,
plus configurations with DFK-2 leaf spring terminals, DFK-2
contact coils, or 90° bent, solderable tin-plated copper alloy
contacts make it simple to build the fuse holder required
for your application.
Designed for 32V ATO® fuses up to 20 amps or 30 amps
depending on the configuration, this fuse holder series is
also compatible with FKS fuses at 80V DC.

Applications
• Electronics and PCBA
• Automotive
• Small Circuit Protection

Features and Benefits
• Accepts ATO® and FKS blade-style fuses up to 20 amps
or 30 amps depending on the configuration (fuses sold
separately)
• Heat-resistant thermoplastic body with a UL 94 V-0
flammability rating
• Configurations are available with different terminals,
including DFK-2 leaf spring terminals, DFK-2 contact
coils, and 90° bent solderable tin-plated contacts
• In-line fuse holder bodies and stackable panel-mount
fuse holder bodies are available
• In-line bodies accommodate left and right attachable
snap adapters (sold separately)
• Compatible with the FKS fuse at 80V DC

Specifications
Continuous Current Rating: 22.5A, 15A
Max Current Rating: 30A, 20A
Max Current Rating Terminal: 30A, 20A
Fuse Type: FKS ATO
Ignition-Proof: V-0
Mounting Method: IN LINE FUSE HOLDER
Max Voltage Rating: 32 VDC
Additional Notes: Compatiable with the
FKS ATO Fuse at 80V DC




Similar Part No. - ATOFKH

ManufacturerPart #DatasheetDescription
logo
Littelfuse
ATOFBA5 LITTELFUSE-ATOFBA5 Datasheet
131Kb / 1P
ATO짰 FBA5 SERIES 32V 5-POSITION TERMINAL FUSE BLOCK
2021
ATOFHA LITTELFUSE-ATOFHA Datasheet
150Kb / 1P
ATO짰 FHA SERIES 32V IN-LINE BLADE FUSE HOLDER
2021
ATOFHAC LITTELFUSE-ATOFHAC Datasheet
175Kb / 1P
ATO짰 FHAC SERIES
2022
More results


Similar Description - ATOFKH

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0257001.PXPV LITTELFUSE-0257001.PXPV Datasheet
175Kb / 2P
ATO짰 Blade Fuse Rated 32V
178-4252-000 LITTELFUSE-178-4252-000 Datasheet
351Kb / 3P
Blade Fuse Holders - FKH Stackable Fuse Holder
178-4265-0002 LITTELFUSE-178-4265-0002 Datasheet
1Mb / 3P
FLR PCB FUSE HOLDER FOR ATO짰 STYLE BLADE FUSE RATED 58V
01000057Z LITTELFUSE-01000057Z Datasheet
241Kb / 1P
PCB Fuse Holder for ATO짰 Style Blade Fuse
Revised: 05/07/20
0FHA0200Z LITTELFUSE-0FHA0200Z Datasheet
126Kb / 1P
ATO짰 ADD-A-CIRCUIT짰 SERIES 32V IN-LINE FUSE HOLDER
2021
178.4265.0002 LITTELFUSE-178.4265.0002_V01 Datasheet
1Mb / 3P
FLR PCB FUSE HOLDER FOR ATO짰 STYLE BLADE FUSE RATED 58V/80V
Rev: 052716
ATOAFH LITTELFUSE-ATOAFH Datasheet
192Kb / 1P
ATO짰 AFH SERIES 32V IN-LINE WIRE-LEADED PANEL-MOUNT FUSE HOLDER
2021
ATOFBA5 LITTELFUSE-ATOFBA5 Datasheet
131Kb / 1P
ATO짰 FBA5 SERIES 32V 5-POSITION TERMINAL FUSE BLOCK
2021
ATOFHA LITTELFUSE-ATOFHA Datasheet
150Kb / 1P
ATO짰 FHA SERIES 32V IN-LINE BLADE FUSE HOLDER
2021
SEALEDMINI LITTELFUSE-SEALEDMINI Datasheet
185Kb / 1P
SEALED MINI짰 SERIES 32V WATERPROOF IN-LINE BLADE FUSE HOLDER
2021
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com