Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATOFBA5 Datasheet (PDF) - Littelfuse

ATOFBA5 Datasheet PDF - Littelfuse
Part # ATOFBA5
Download  ATOFBA5 Download
File Size   131.67 Kbytes
Page   1 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description ATO짰 FBA5 SERIES 32V 5-POSITION TERMINAL FUSE BLOCK

ATOFBA5 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATOFBA5 Datasheet PDF - Littelfuse

Part # ATOFBA5
Download  ATOFBA5 Click to download

File Size   131.67 Kbytes
Page   1 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description ATO짰 FBA5 SERIES 32V 5-POSITION TERMINAL FUSE BLOCK

ATOFBA5 Datasheet (HTML) - Littelfuse


ATOFBA5 Product details

Description
The ATO® FBA5 Series 32V 5-Position Terminal Fuse Block
helps you protect up to 5 circuits using ATO® blade fuses
rated up to 15A (fuses sold separately). Supporting up
to 11A of continuous current, this ATO® fuse box is ideal
for accessory lighting, audio and display equipment, and
communications equipment.
The ATO® FBA5 Series fuse holder is available in panelmount versions featuring Quick Connect terminals on
either the side or the bottom of the box for simple wiring.
Detachable side-mounting brackets are included with the
bottom, vertical terminal option and are available for the
side, horizontal terminal option. For versatility, the ATO®
FBA5 Series fuse holder is also available with printed
circuit board (PCB) terminals.
In addition, the 5-position fuse block comes with a clear
protective cover, which safeguards the installed fuses from
dust and debris while making it easy to view and identify
blown fuses. The clear cover is a feature that’s especially
useful when using ATO® Smart Glow fuses.

Applications
• Accessory Lighting
• Audio & Display Equipment
• Communications Equipment

Features and Benefits
• Works with 5 ATO® blade fuses rated up to 15A (fuses
sold separately)
• Supports up to 11A of continuous current
• Panel-mount configurations feature Quick Connect
terminals positioned at either the side (horizontal
terminals) or the bottom of the box (vertical terminals)
• Detachable side-mounting brackets are included with
the panel-mount vertical terminal version and are
optional for the panel-mount horizontal terminal version
• Available with printed circuit board (PCB) terminals
• Removable, Smart Glow fuse-compatible, clear
polycarbonate cover protects installed fuses from
debris and dislodgement and allows easy viewing for
identifying blown fuses

Specifications
Current Rating Max: 15 Amps
Fuse Type: ATO®
Fuse
Mounting Method: Horizontal Contacts Mount, Vertical Contacts
Mount, PCB Mount
Max Voltage Rating: 32 VDC




Similar Part No. - ATOFBA5

ManufacturerPart #DatasheetDescription
logo
Littelfuse
ATOFHA LITTELFUSE-ATOFHA Datasheet
150Kb / 1P
ATO짰 FHA SERIES 32V IN-LINE BLADE FUSE HOLDER
2021
ATOFHAC LITTELFUSE-ATOFHAC Datasheet
175Kb / 1P
ATO짰 FHAC SERIES
2022
ATOFKH LITTELFUSE-ATOFKH Datasheet
150Kb / 1P
ATO짰 FKH SERIES 32V BLADE FUSE HOLDER
2021
More results


Similar Description - ATOFBA5

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0257001.PXPV LITTELFUSE-0257001.PXPV Datasheet
175Kb / 2P
ATO짰 Blade Fuse Rated 32V
03540501Z LITTELFUSE-03540501Z Datasheet
199Kb / 1P
2-Position ATO짰 Style Fuse and Circuit Breaker Module
03540503Z LITTELFUSE-03540503Z Datasheet
226Kb / 1P
7-Position ATO짰 Style Fuse and Circuit Breaker Module
03540532Z LITTELFUSE-03540532Z Datasheet
226Kb / 1P
7-Position ATO짰 Style Fuse and Circuit Breaker Module
0FHA0200Z LITTELFUSE-0FHA0200Z Datasheet
126Kb / 1P
ATO짰 ADD-A-CIRCUIT짰 SERIES 32V IN-LINE FUSE HOLDER
2021
ATOAFH LITTELFUSE-ATOAFH Datasheet
192Kb / 1P
ATO짰 AFH SERIES 32V IN-LINE WIRE-LEADED PANEL-MOUNT FUSE HOLDER
2021
ATOFHA LITTELFUSE-ATOFHA Datasheet
150Kb / 1P
ATO짰 FHA SERIES 32V IN-LINE BLADE FUSE HOLDER
2021
ATOFKH LITTELFUSE-ATOFKH Datasheet
150Kb / 1P
ATO짰 FKH SERIES 32V BLADE FUSE HOLDER
2021
SDATO LITTELFUSE-SDATO Datasheet
411Kb / 1P
SD ATO짰 SERIES FUSE BLOCK WITH LED INDICATORS
2021
STATO LITTELFUSE-STATO Datasheet
506Kb / 2P
ST ATO짰 SERIES FUSE BLOCK WITH GROUND BUS
2021
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com