Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATOFBA5 Datasheet(PDF) 1 Page - Littelfuse

Part # ATOFBA5
Description  ATO짰 FBA5 SERIES 32V 5-POSITION TERMINAL FUSE BLOCK
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

ATOFBA5 Datasheet(HTML) 1 Page - Littelfuse

  ATOFBA5 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
Littelfuse.com
© 2021 Littelfuse, Inc.
080421-A
ATO® FBA5 SERIES
32V 5-POSITION TERMINAL FUSE BLOCK
Description
The ATO® FBA5 Series 32V 5-Position Terminal Fuse Block
helps you protect up to 5 circuits using ATO® blade fuses
rated up to 15A (fuses sold separately). Supporting up
to 11A of continuous current, this ATO® fuse box is ideal
for accessory lighting, audio and display equipment, and
communications equipment.
The ATO® FBA5 Series fuse holder is available in panel-
mount versions featuring Quick Connect terminals on
either the side or the bottom of the box for simple wiring.
Detachable side-mounting brackets are included with the
bottom, vertical terminal option and are available for the
side, horizontal terminal option. For versatility, the ATO®
FBA5 Series fuse holder is also available with printed
circuit board (PCB) terminals.
In addition, the 5-position fuse block comes with a clear
protective cover, which safeguards the installed fuses from
dust and debris while making it easy to view and identify
blown fuses. The clear cover is a feature that’s especially
useful when using ATO® Smart Glow fuses.
Web Resources
Download 2D print, installation guide and technical
resources at: littelfuse.com/FBA5
PART
NUMBER
DESCRIPTION
CURRENT
RATING MAX 
FUSE
TYPE
MOUNTING METHOD
MAX VOLTAGE
RATING
03500417TXN (W/O Fuse) 32V 5-Position Panel-Mount Horizontal-Terminal Fuse
Block
15 AMPS
ATO FUSE HORIZONTAL CONTACTS MOUNT
32 VDC
03500417XP (W/O FUSE)
32V 5-Position Panel-Mount Horizontal-Terminal Fuse
Block - Blister Pack
15 AMPS
ATO FUSE HORIZONTAL CONTACTS MOUNT
32 VDC
03500417Z (W/O FUSE)
32V 5-Position Panel-Mount Horizontal-Terminal Fuse
Block - Bulk
15 AMPS
ATO FUSE HORIZONTAL CONTACTS MOUNT
32 VDC
03500418TXN (W/O FUSE)
32V 5-Position Panel-Mount Vertical-Terminal Fuse
Block
15 AMPS
ATO FUSE
VERTICAL CONTACTS MOUNT
32 VDC
03500418XP (W/O Fuse)
32V 5-Position Panel-Mount Vertical-Terminal Fuse
Block - Blister Pack
15 AMPS
ATO FUSE
VERTICAL CONTACTS MOUNT
32 VDC
03500420TXN (W/O FUSE)
32V 5-Position PCB-Terminal Fuse Block
15 AMPS
ATO FUSE
PCB MOUNT
32 VDC
03500418Z (W/O Fuse)
32V 5-Position Panel-Mount Vertical-Terminal Fuse
Block - Bulk
15 AMPS
ATO FUSE
VERTICAL CONTACTS MOUNT
32 VDC
03500420Z (W/O Fuse)
32V 5-Position PCB-Terminal Fuse Block - Bulk
15 AMPS
ATO FUSE
PCB MOUNT
32 VDC
Ordering Information
Applications
• Accessory Lighting
• Audio & Display Equipment
• Communications Equipment
Features and Benefits
• Works with 5 ATO® blade fuses rated up to 15A (fuses
sold separately)
• Supports up to 11A of continuous current
• Panel-mount configurations feature Quick Connect
terminals positioned at either the side (horizontal
terminals) or the bottom of the box (vertical terminals)
• Detachable side-mounting brackets are included with
the panel-mount vertical terminal version and are
optional for the panel-mount horizontal terminal version
• Available with printed circuit board (PCB) terminals
• Removable, Smart Glow fuse-compatible, clear
polycarbonate cover protects installed fuses from
debris and dislodgement and allows easy viewing for
identifying blown fuses
Specifications
Current Rating Max: 
15 Amps
Fuse Type: 
ATO® Fuse
Mounting Method: 
Horizontal Contacts Mount, Vertical Contacts
Mount, PCB Mount
Max Voltage Rating: 
32 VDC
03500417XP


Similar Part No. - ATOFBA5

ManufacturerPart #DatasheetDescription
logo
Littelfuse
ATOFHA LITTELFUSE-ATOFHA Datasheet
150Kb / 1P
ATO짰 FHA SERIES 32V IN-LINE BLADE FUSE HOLDER
2021
ATOFHAC LITTELFUSE-ATOFHAC Datasheet
175Kb / 1P
ATO짰 FHAC SERIES
2022
ATOFKH LITTELFUSE-ATOFKH Datasheet
150Kb / 1P
ATO짰 FKH SERIES 32V BLADE FUSE HOLDER
2021
More results

Similar Description - ATOFBA5

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0257001.PXPV LITTELFUSE-0257001.PXPV Datasheet
175Kb / 2P
ATO짰 Blade Fuse Rated 32V
03540501Z LITTELFUSE-03540501Z Datasheet
199Kb / 1P
2-Position ATO짰 Style Fuse and Circuit Breaker Module
03540503Z LITTELFUSE-03540503Z Datasheet
226Kb / 1P
7-Position ATO짰 Style Fuse and Circuit Breaker Module
03540532Z LITTELFUSE-03540532Z Datasheet
226Kb / 1P
7-Position ATO짰 Style Fuse and Circuit Breaker Module
0FHA0200Z LITTELFUSE-0FHA0200Z Datasheet
126Kb / 1P
ATO짰 ADD-A-CIRCUIT짰 SERIES 32V IN-LINE FUSE HOLDER
2021
ATOAFH LITTELFUSE-ATOAFH Datasheet
192Kb / 1P
ATO짰 AFH SERIES 32V IN-LINE WIRE-LEADED PANEL-MOUNT FUSE HOLDER
2021
ATOFHA LITTELFUSE-ATOFHA Datasheet
150Kb / 1P
ATO짰 FHA SERIES 32V IN-LINE BLADE FUSE HOLDER
2021
ATOFKH LITTELFUSE-ATOFKH Datasheet
150Kb / 1P
ATO짰 FKH SERIES 32V BLADE FUSE HOLDER
2021
SDATO LITTELFUSE-SDATO Datasheet
411Kb / 1P
SD ATO짰 SERIES FUSE BLOCK WITH LED INDICATORS
2021
STATO LITTELFUSE-STATO Datasheet
506Kb / 2P
ST ATO짰 SERIES FUSE BLOCK WITH GROUND BUS
2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com