Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATOFKH Datasheet(PDF) 1 Page - Littelfuse

Part # ATOFKH
Description  ATO짰 FKH SERIES 32V BLADE FUSE HOLDER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

ATOFKH Datasheet(HTML) 1 Page - Littelfuse

  ATOFKH Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
Littelfuse.com
© 2021 Littelfuse, Inc.
112921-A
Description
Get the ATO® in-line or stackable panel-mount blade-style
fuse holder you need with the ATO® FKH Series 32V
Blade Fuse Holder. Available in-line bodies and stackable
panel-mount bodies made of heat-resistant thermoplastic,
plus configurations with DFK-2 leaf spring terminals, DFK-2
contact coils, or 90° bent, solderable tin-plated copper alloy
contacts make it simple to build the fuse holder required
for your application.
Designed for 32V ATO® fuses up to 20 amps or 30 amps
depending on the configuration, this fuse holder series is
also compatible with FKS fuses at 80V DC.
Web Resources
Download 2D print, installation guide and technical
resources at: littelfuse.com/FKH
178.6152.0001
Applications
• Electronics and PCBA
• Automotive
• Small Circuit Protection
Features and Benefits
• Accepts ATO® and FKS blade-style fuses up to 20 amps
or 30 amps depending on the configuration (fuses sold
separately)
• Heat-resistant thermoplastic body with a UL 94 V-0
flammability rating
• Configurations are available with different terminals,
including DFK-2 leaf spring terminals, DFK-2 contact
coils, and 90° bent solderable tin-plated contacts
• In-line fuse holder bodies and stackable panel-mount
fuse holder bodies are available
• In-line bodies accommodate left and right attachable
snap adapters (sold separately)
• Compatible with the FKS fuse at 80V DC
Ordering Information
PART
NUMBER
DESCRIPTION
FUSE TYPE
MOUNTING METHOD
MAX CURRENT
RATING
MAX VOLTAGE
RATING
178.6150.0001, W/O Fuse
32V In-Line Blade Fuse Holder Housing
ATO
In-Line Fuse Holder
30 Amps
32 VDC
178.6150.0002, W/O Fuse
32V In-Line Blade Fuse Holder Housing
ATO
In-Line Fuse Holder
30 Amps
32 VDC
178.6152.0002, W/O Fuse
32V In-Line Blade Fuse Holder with Spring Leaf
Terminals
ATO
In-Line Fuse Holder
30 Amps
32 VDC
178.6152.0022, W/O Fuse 32V In-Line Blade Fuse Holder for 2-Fuse Combination
with Contact Coils
ATO
In-Line Fuse Holder
30 Amps
32 VDC
178.6152.2501, W/O Fuse
32V In-Line Blade Fuse Holder with Double Spring
Terminals and Looped Wire
ATO
In-Line Fuse Holder
20 Amps
32 VDC
178.6191.0001
Adapter for ATO® FKH Fuse Holder - Right
N/A
Attachable Snap
N/A
N/A
178.6192.0001
Adapter for ATO® FKH Fuse Holder - Left
N/A
Attachable Snap
N/A
N/A
178.7017.0001, W/O Fuse 32V In-Line Blade Fuse Holder with 90° Connection
ATO
In-Line Fuse Holder
32 VDC
178.6152.0001, W/O Fuse
32V In-Line Blade Fuse Holder with Spring Leaf
Terminals
ATO
In-Line Fuse Holder
30 Amps
32 VDC
868-900-010RM
32V Stackable Panel-Mount Blade Fuse Holder
Housing
ATO (257)
Panel Mount
N/A
32 V
Specifications
Continuous Current Rating: 
22.5A, 15A
Max Current Rating:
30A, 20A
Max Current Rating Terminal: 
30A, 20A
Fuse Type:
FKS ATO
Ignition-Proof: 
V-0
Mounting Method: 
IN LINE FUSE HOLDER
Max Voltage Rating: 
32 VDC
Additional Notes:
Compatiable with the
FKS ATO Fuse at 80V DC
ATO® FKH SERIES
32V BLADE FUSE HOLDER


Similar Part No. - ATOFKH

ManufacturerPart #DatasheetDescription
logo
Littelfuse
ATOFBA5 LITTELFUSE-ATOFBA5 Datasheet
131Kb / 1P
ATO짰 FBA5 SERIES 32V 5-POSITION TERMINAL FUSE BLOCK
2021
ATOFHA LITTELFUSE-ATOFHA Datasheet
150Kb / 1P
ATO짰 FHA SERIES 32V IN-LINE BLADE FUSE HOLDER
2021
ATOFHAC LITTELFUSE-ATOFHAC Datasheet
175Kb / 1P
ATO짰 FHAC SERIES
2022
More results

Similar Description - ATOFKH

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0257001.PXPV LITTELFUSE-0257001.PXPV Datasheet
175Kb / 2P
ATO짰 Blade Fuse Rated 32V
178-4252-000 LITTELFUSE-178-4252-000 Datasheet
351Kb / 3P
Blade Fuse Holders - FKH Stackable Fuse Holder
178-4265-0002 LITTELFUSE-178-4265-0002 Datasheet
1Mb / 3P
FLR PCB FUSE HOLDER FOR ATO짰 STYLE BLADE FUSE RATED 58V
01000057Z LITTELFUSE-01000057Z Datasheet
241Kb / 1P
PCB Fuse Holder for ATO짰 Style Blade Fuse
Revised: 05/07/20
0FHA0200Z LITTELFUSE-0FHA0200Z Datasheet
126Kb / 1P
ATO짰 ADD-A-CIRCUIT짰 SERIES 32V IN-LINE FUSE HOLDER
2021
178.4265.0002 LITTELFUSE-178.4265.0002_V01 Datasheet
1Mb / 3P
FLR PCB FUSE HOLDER FOR ATO짰 STYLE BLADE FUSE RATED 58V/80V
Rev: 052716
ATOAFH LITTELFUSE-ATOAFH Datasheet
192Kb / 1P
ATO짰 AFH SERIES 32V IN-LINE WIRE-LEADED PANEL-MOUNT FUSE HOLDER
2021
ATOFBA5 LITTELFUSE-ATOFBA5 Datasheet
131Kb / 1P
ATO짰 FBA5 SERIES 32V 5-POSITION TERMINAL FUSE BLOCK
2021
ATOFHA LITTELFUSE-ATOFHA Datasheet
150Kb / 1P
ATO짰 FHA SERIES 32V IN-LINE BLADE FUSE HOLDER
2021
SEALEDMINI LITTELFUSE-SEALEDMINI Datasheet
185Kb / 1P
SEALED MINI짰 SERIES 32V WATERPROOF IN-LINE BLADE FUSE HOLDER
2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com