Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATOFHA Datasheet(PDF) 1 Page - Littelfuse

Part # ATOFHA
Description  ATO짰 FHA SERIES 32V IN-LINE BLADE FUSE HOLDER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

ATOFHA Datasheet(HTML) 1 Page - Littelfuse

  ATOFHA Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
Littelfuse.com
© 2021 Littelfuse, Inc.
112921-A
Description
The ATO® FHA Series 32V In-Line Blade Fuse Holder
enables versatile automotive fusing thanks to wire leads
that ensure simple in-line installation. The standard version
is compatible with ATO® blade fuses up to 20 amps, while
the heavy-duty version accepts ATO® blade fuses up to
30 amps. A heat-resistant body and tin-plated copper
alloy contacts provide durability for use in automotive
environments.
Smart Glow versions of the ATO® FHA Series blade fuse
holder feature a natural-colored PVC housing so you can
see when an installed Smart Glow fuse is blown. The
Smart Glow versions also feature UL 1015 wire leads.
Web Resources
Download 2D print, installation guide and technical
resources at: littelfuse.com/FHA
0FHA0001XP
0FHA0002XP
Applications
• Accessory Lighting (Standard-Duty)
• Panel Displays/Electronics (Standard-Duty)
• Air Conditioners / Blower Motors (Heavy-Duty)
Features and Benefits
• Accepts ATO® blade fuses (sold separately unless
indicated) up to 20 amps (standard) or up to 30 amps
(heavy-duty)
• Heat-resistant thermoplastic fuse holder body
• Two GXL wire leads (standard and heavy-duty), green
GPT leads, or UL 1015 wire leads (Smart Glow) enable
simple in-line fuse installation
• Tin-plated copper alloy contacts for corrosion resistance
Ordering Information
PART
NUMBER
DESCRIPTION
FUSE TYPE MOUNTING METHOD MAX CURRENT
RATING
MAX VOLTAGE
RATING
0FHA0001HXGLO, W/O Fuse
32V In-Line Smart Glow Blade Fuse Holder - 30A,
4.13" 12 AWG Red UL 1015 Leads
ATO (SMART
GLOW)
IN LINE FUSE HOLDER
30 AMPS
32 VDC
0FHA0001LXN, W/O Fuse
32V Standard-Duty In-Line Blade Fuse Holder - 20A,
16 AWG Black GXL Leads - Packed 50
ATO
IN LINE FUSE HOLDER
20 AMPS
32 VDC
0FHA0001SXJ, W/O Fuse
32V Standard-Duty In-Line Blade Fuse Holder - 20A, 4"
16 AWG Black GXL Leads - 20-Pack
ATO
IN LINE FUSE HOLDER
20 AMPS
32 VDC
0FHA0001XP, W/O Fuse
32V Standard-Duty In-Line Blade Fuse Holder - 20A, 4"
16 AWG Black GXL Leads - Blister Pack - 100 Pcs.
ATO
IN LINE FUSE HOLDER
20 AMPS
32 VDC
0FHA0001XPGLO, W/O Fuse
32V In-Line Smart Glow Blade Fuse Holder - 30A, 4.13"
12 AWG Red UL 1015 Leads - Blister Pack - 100 Pcs.
ATO (SMART
GLOW)
IN LINE FUSE HOLDER
30 AMPS
32 VDC
0FHA0001ZXJ, W/O Fuse
32V Standard-Duty In-Line Blade Fuse Holder - 20A, 4"
16 AWG Black GXL Leads - Bulk
ATO
IN LINE FUSE HOLDER
20 AMPS
32 VDC
0FHA0001ZXJ-GRN, W/O Fuse
32V Standard-Duty In-Line Blade Fuse Holder - 20A,
16 AWG Dark Green GPT Leads
ATO
IN LINE FUSE HOLDER
20 AMPS
32 VDC
0FHA0002SXJ, W/O Fuse
32V Heavy-Duty In-Line Blade Fuse Holder - 30A,
4" 12 AWG Orange GXL Leads - 20-Pack
ATO
IN LINE FUSE HOLDER
30 AMPS
32 VDC
0FHA0002XP, W/O Fuse
32V Heavy-Duty In-Line Blade Fuse Holder - 30A,
4" 12 AWG Orange GXL Leads - Blister Pack - 100 Pcs.
ATO
IN LINE FUSE HOLDER
30 AMPS
32 VDC
0FHA0002ZXJ, W/O Fuse
32V Heavy-Duty In-Line Blade Fuse Holder - 30A,
4" 12 AWG Orange GXL Leads - Bulk
ATO
IN LINE FUSE HOLDER
30 AMPS
32 VDC
0FHA0002ZXJA, W/O Fuse
32V Heavy-Duty In-Line Blade Fuse Holder - 30A,
9" 12 AWG Orange GXL Leads
ATO
IN LINE FUSE HOLDER
30 AMPS
32 VDC
0FHA0020Z W/Fuse 20A
32V Standard-Duty In-Line Blade Fuse Holder with 20A Fuse,
4" 16 AWG Black GXL Leads
ATO
IN LINE FUSE HOLDER
20 AMPS
32 VDC
0FHA0030XP W/Fuse 30A
32V Heavy-Duty In-Line Blade Fuse Holder with 30A Fuse,
4" 12 AWG Orange GXL Leads - Blister Pack - 100 Pcs.
ATO
IN LINE FUSE HOLDER
30 AMPS
32 VDC
0FHA0030Z W/Fuse 30A
32V Heavy-Duty In-Line Blade Fuse Holder with 30A Fuse,
4" 12 AWG Orange GXL Leads
ATO
IN LINE FUSE HOLDER
30 AMPS
32 VDC
01500260LXN, W/O Fuse
32V Heavy-Duty In-Line Blade Fuse Holder - 30A,
12 AWG Orange GXL Leads - Packed 50
ATO
IN LINE FUSE HOLDER
30 AMPS
32 VDC
Specifications
Max Current Rating:
20A, 30A
Fuse Type:
ATO®, ATO® Smart Glow
Ignition Protection: 
V-0
Ignition-Proof: 
UL 94
Input Terminals: 
ATO® or ATO® Smart Glow FUSE BLADES
Mounting Method: 
IN LINE FUSE HOLDER
Max Voltage Rating: 
32 VDC
Wire Description: 
1015 Red Color wires
(0FHA0001HXGLO,0FHA0001XPGLO)
Wire Size: 
12 AWG (0FHA0001HXGLO,0FHA0001XPGLO)
ATO® FHA SERIES
32V IN-LINE BLADE FUSE HOLDER


Similar Part No. - ATOFHA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
ATOFHAC LITTELFUSE-ATOFHAC Datasheet
175Kb / 1P
ATO짰 FHAC SERIES
2022
More results

Similar Description - ATOFHA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0257001.PXPV LITTELFUSE-0257001.PXPV Datasheet
175Kb / 2P
ATO짰 Blade Fuse Rated 32V
01000057Z LITTELFUSE-01000057Z Datasheet
241Kb / 1P
PCB Fuse Holder for ATO짰 Style Blade Fuse
Revised: 05/07/20
04980921GXM5 LITTELFUSE-04980921GXM5_V01 Datasheet
146Kb / 1P
MIDI 498 IL SERIES 32V IN-LINE FUSE HOLDER
080421-A
0FHA0200Z LITTELFUSE-0FHA0200Z Datasheet
126Kb / 1P
ATO짰 ADD-A-CIRCUIT짰 SERIES 32V IN-LINE FUSE HOLDER
2021
277 LITTELFUSE-277 Datasheet
179Kb / 1P
277 IN-LINE SERIES 32V 20A IN-LINE BLADE FUSE HOLDER
2022
ATO155 LITTELFUSE-ATO155 Datasheet
117Kb / 1P
ATO짰 155 SERIES 32V STACKABLE IN-LINE PANEL-MOUNT FUSE HOLDER WITH LOOPED WIRE LEADS
2021
ATOAFH LITTELFUSE-ATOAFH Datasheet
192Kb / 1P
ATO짰 AFH SERIES 32V IN-LINE WIRE-LEADED PANEL-MOUNT FUSE HOLDER
2021
ATOFKH LITTELFUSE-ATOFKH Datasheet
150Kb / 1P
ATO짰 FKH SERIES 32V BLADE FUSE HOLDER
2021
MAXIMAH LITTELFUSE-MAXIMAH Datasheet
277Kb / 1P
IN-LINE BLADE FUSE HOLDER
2021
SEALEDMINI LITTELFUSE-SEALEDMINI Datasheet
185Kb / 1P
SEALED MINI짰 SERIES 32V WATERPROOF IN-LINE BLADE FUSE HOLDER
2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com