Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS-6382575HM Datasheet (PDF) - Molex Electronics Ltd.

ATS-6382575HM Datasheet PDF - Molex Electronics Ltd.
Part # ATS-6382575HM
Download  ATS-6382575HM Download
File Size   479.08 Kbytes
Page   8 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Tool Kit for 250 Slip-in Receptacle Terminals

ATS-6382575HM Datasheet (PDF)

Go To PDF Page Download Datasheet
ATS-6382575HM Datasheet PDF - Molex Electronics Ltd.

Part # ATS-6382575HM
Download  ATS-6382575HM Click to download

File Size   479.08 Kbytes
Page   8 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Tool Kit for 250 Slip-in Receptacle Terminals

ATS-6382575HM Datasheet (HTML) - Molex Electronics Ltd.


ATS-6382575HM Product details

FEATURES
A full cycle ratcheting hand tool ensures complete crimps
Ergonomically designed soft handles
Precisely designed crimping profiles with simple contact positioning
Easy handling due to outstanding force ratio
Tool kits are easily installed into the Hand Crimp Tool or the 63816-0300 Power Crimp Head which is installed
into the 63816-0200 (110 V) or the 63816-0250 (220 V) Battery Powered Tool.
Many different Tool kits can be used with a single Battery Powered Tool.
This tool is IPC/WHMA-A-620 Class 2 and RoHS compliant.




Similar Part No. - ATS-6382575HM

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
ATS-6382574HM MOLEX-ATS-6382574HM Datasheet
566Kb / 8P
Tool Kit for 250 Slip-in Receptacle Terminals
05-20-13
ATS-638257600 MOLEX-ATS-638257600 Datasheet
552Kb / 7P
Hand Crimp Tool for 2.28mm (.090) Sealed Receptacle Terminals
12-13
ATS-6382577HM MOLEX-ATS-6382577HM Datasheet
309Kb / 6P
Hand Crimp Tool for 2.28mm (.090?? Sealed Receptacle Terminals
03-27-13
ATS-638257800 MOLEX-ATS-638257800 Datasheet
528Kb / 7P
Hand Crimp Tool For Quick Disconnect, Female Terminals
12-21-12
ATS-638257900 MOLEX-ATS-638257900 Datasheet
504Kb / 7P
Hand Crimp Tool for MX120G??Crimp Terminals
03-22-13
More results


Similar Description - ATS-6382575HM

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0638257400 MOLEX11-0638257400 Datasheet
32Kb / 1P
Tool Kit for 250 Slip-in Receptacle Terminals
0638257475 MOLEX11-0638257475 Datasheet
31Kb / 1P
Hand Crimp Tool for 250 Slip-in Receptacle Terminals
0638272100 MOLEX11-0638272100 Datasheet
32Kb / 1P
Hand Tool for .250 Slip-in Receptacle Terminals for 14-18 AWG Wire
63827-7900 MOLEX-63827-7900 Datasheet
944Kb / 7P
Hand Crimp Tool For 6.35mm Slip-On Receptacle Terminals.
02-03-15
63825-7400 MOLEX-63825-7400 Datasheet
566Kb / 8P
Tool Kit for 250 Slip-in Receptacle Terminals
05-20-13
63827-2100 MOLEX-63827-2100 Datasheet
578Kb / 8P
Tool Kit for 250 Slip-in Receptacle Terminals
12-13-13
ATS-6382574HM MOLEX-ATS-6382574HM Datasheet
566Kb / 8P
Tool Kit for 250 Slip-in Receptacle Terminals
05-20-13
ATS-6382721HM MOLEX-ATS-6382721HM Datasheet
578Kb / 8P
Tool Kit for 250 Slip-in Receptacle Terminals
2-13-13
ATS-6382779HM MOLEX-ATS-6382779HM Datasheet
944Kb / 7P
Hand Crimp Tool For 6.35mm Slip-On Receptacle Terminals.
02-03-15
0638257500 MOLEX-0638257500 Datasheet
28Kb / 1P
Hand Tool for 250 Slip-in Receptacle Terminals
08/26/2022
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com