Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS-6382575HM Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # ATS-6382575HM
Description  Tool Kit for 250 Slip-in Receptacle Terminals
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

ATS-6382575HM Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  ATS-6382575HM Datasheet HTML 1Page - Molex Electronics Ltd. ATS-6382575HM Datasheet HTML 2Page - Molex Electronics Ltd. ATS-6382575HM Datasheet HTML 3Page - Molex Electronics Ltd. ATS-6382575HM Datasheet HTML 4Page - Molex Electronics Ltd. ATS-6382575HM Datasheet HTML 5Page - Molex Electronics Ltd. ATS-6382575HM Datasheet HTML 6Page - Molex Electronics Ltd. ATS-6382575HM Datasheet HTML 7Page - Molex Electronics Ltd. ATS-6382575HM Datasheet HTML 8Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Tool Kit for 250 Slip-in Receptacle Terminals
Doc No: ATS-6382575HM
Release Date: 05-17-13
UNCONTROLLED COPY
Page 2 of 8
Revision:A
Revision Date: 05-17-13
ANVILS
POWER
CRIMP
HEAD
Figure 1
PUNCHES
M4 X 10 LONG
BHCS
M4 X 18 LONG
BHCS
SWING
LOCATOR
OPEN
PRESS DOWN
ON THE BRASS
PIVOT SHAFT
LIFT UP ON
THE LOCATOR
Figure 2
CONDITIONS:
After crimping, the conductor profiles should measure the following (See notes below).
Terminal Series No.
Wire Size
Conductor Crimp
Profile
Height
Width
AWG mm2
mm
In.
mm
In.
A B C
35725
10
5.25 2.60-2.70 .102-.106 3.70-3.90 .146-.154
X
12
3.30 2.15-2.25 .085-.089 3.70-3.90 .146-.154
X
14
2.00 1.90-2.00 .075-.079 3.70-3.90 .146-.154 X
Terminal Series No.
Wire Size
Insulation Crimp
Pull Force Minimum
Height
Width
AWG mm2
mm
In.
mm
In.
N
Lbs
35725
10
5.25
5.10-5.30 .201-.209 4.85-5.15 .191-.203
343
77.1
12
3.30
4.80-4.95 .189-.195 4.85-5.15 .191-.203
290
65.2
14
2.00
4.50-4.65 .177-.183 4.85-5.15 .191-.203
190
42.7
Tool Qualification Notes:
1. Pull Force should be measured with no influence from the insulation crimp.
2. The above specifications are guidelines to an optimum crimp.
Note:
A crimp height chart is provided with this manual as Reference Only. Due to the wide range of wires, strands,
insulation diameters, and durometers, actual crimp height measurements may very slightly. An occasional,
destructive, pull force test should be preformed to check hand tool crimp. Pull Force value must exceed the
minimum pull force specifications listed.
CAUTION: Install only Molex terminals listed above with this tool. Do not crimp hardened objects as damage
can occur to the tool or die.
INSTALLATION
To install the Tool Kit into the Power Crimp Head follow the steps below:



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com