Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N08L1618C2AB2 Datasheet (PDF) - NanoAmp Solutions, Inc.

N08L1618C2AB2 Datasheet PDF - NanoAmp Solutions, Inc.
Part # N08L1618C2AB2
Download  N08L1618C2AB2 Download
File Size   251.89 Kbytes
Page   10 Pages
Manufacturer  NANOAMP [NanoAmp Solutions, Inc.]
Direct Link  http://www.nanoamp.com
Logo NANOAMP - NanoAmp Solutions, Inc.
Description 8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16bit

N08L1618C2AB2 Datasheet (PDF)

Go To PDF Page Download Datasheet
N08L1618C2AB2 Datasheet PDF - NanoAmp Solutions, Inc.

Part # N08L1618C2AB2
Download  N08L1618C2AB2 Click to download

File Size   251.89 Kbytes
Page   10 Pages
Manufacturer  NANOAMP [NanoAmp Solutions, Inc.]
Direct Link  http://www.nanoamp.com
Logo NANOAMP - NanoAmp Solutions, Inc.
Description 8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16bit

N08L1618C2AB2 Datasheet (HTML) - NanoAmp Solutions, Inc.


N08L1618C2AB2 Product details

Overview

The N08L1618C2A is an integrated memory device containing a 8 Mbit Static Random Access Memory organized as 524,288 words by 16 bits. The device is designed and fabricated using NanoAmp’s advanced CMOS technology to

provide both high-speed performance and ultra-low power.



Features

• Single Wide Power Supply Range

  1.65 to 2.2 Volts

• Very low standby current

  0.5µA at 1.8V (Typical)

• Very low operating current

  1.0mA at 1.8V and 1µs (Typical)

• Very low Page Mode operating current

  0.5mA at 1.8V and 1µs (Typical)

• Simple memory control

  Dual Chip Enables (CE1and CE2)

  Byte control for independent byte operation

  Output Enable (OE) for memory expansion

• Low voltage data retention

   Vcc = 1.2V

• Very fast output enable access time

  25ns OEaccess time

• Very fast Page Mode access time

  tAAP = 25ns

• Automatic power down to standby mode

• TTL compatible three-state output driver




Similar Part No. - N08L1618C2AB2

ManufacturerPart #DatasheetDescription
logo
NanoAmp Solutions, Inc.
N08L163WC1C NANOAMP-N08L163WC1C Datasheet
222Kb / 9P
8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16 bit
N08L163WC1CT1 NANOAMP-N08L163WC1CT1 Datasheet
222Kb / 9P
8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16 bit
N08L163WC1CT1-55IL NANOAMP-N08L163WC1CT1-55IL Datasheet
222Kb / 9P
8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16 bit
N08L163WC2A NANOAMP-N08L163WC2A Datasheet
250Kb / 10P
8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16 bit
N08L163WC2C NANOAMP-N08L163WC2C Datasheet
241Kb / 9P
8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16 bit
More results


Similar Description - N08L1618C2AB2

ManufacturerPart #DatasheetDescription
logo
NanoAmp Solutions, Inc.
N08L083WC2C NANOAMP-N08L083WC2C Datasheet
216Kb / 9P
8Mb Ultra-Low Power Asynchronous CMOS SRAM 1024K 횞 8 bit
N08L163WC1C NANOAMP-N08L163WC1C Datasheet
222Kb / 9P
8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16 bit
N08L163WC2A NANOAMP-N08L163WC2A Datasheet
250Kb / 10P
8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16 bit
N08L163WC2C NANOAMP-N08L163WC2C Datasheet
241Kb / 9P
8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16 bit
N08T1630CXB NANOAMP-N08T1630CXB Datasheet
253Kb / 9P
8Mb Ultra-Low Power Asynchronous CMOS SRAM 512Kx16 bit
logo
AMI SEMICONDUCTOR
N08M1618L1A AMI-N08M1618L1A Datasheet
195Kb / 11P
8Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 512K 횞 16 bit
logo
ON Semiconductor
N02L63W3A ONSEMI-N02L63W3A Datasheet
664Kb / 11P
2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16bit
July 2008 - Rev. 15
N08L63W2A ONSEMI-N08L63W2A Datasheet
192Kb / 10P
8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16 bit
July 2008 - Rev. 8
N08L6182A ONSEMI-N08L6182A Datasheet
192Kb / 10P
8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16bit
July 2008 - Rev. 8
logo
Renesas Technology Corp
RMLV0816BGBG RENESAS-RMLV0816BGBG_15 Datasheet
309Kb / 15P
8Mb Advanced LPSRAM (512k word 횞 16bit)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com