Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N08L1618C2AB2 Datasheet(PDF) 2 Page - NanoAmp Solutions, Inc.

Part # N08L1618C2AB2
Description  8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16bit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANOAMP [NanoAmp Solutions, Inc.]
Direct Link  http://www.nanoamp.com
Logo NANOAMP - NanoAmp Solutions, Inc.

N08L1618C2AB2 Datasheet(HTML) 2 Page - NanoAmp Solutions, Inc.

  N08L1618C2AB2 Datasheet HTML 1Page - NanoAmp Solutions, Inc. N08L1618C2AB2 Datasheet HTML 2Page - NanoAmp Solutions, Inc. N08L1618C2AB2 Datasheet HTML 3Page - NanoAmp Solutions, Inc. N08L1618C2AB2 Datasheet HTML 4Page - NanoAmp Solutions, Inc. N08L1618C2AB2 Datasheet HTML 5Page - NanoAmp Solutions, Inc. N08L1618C2AB2 Datasheet HTML 6Page - NanoAmp Solutions, Inc. N08L1618C2AB2 Datasheet HTML 7Page - NanoAmp Solutions, Inc. N08L1618C2AB2 Datasheet HTML 8Page - NanoAmp Solutions, Inc. N08L1618C2AB2 Datasheet HTML 9Page - NanoAmp Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
(DOC#14-02-019 REV F ECN# 01-1280)
2
The specifications of this device are subject to change without notice. For latest documentation see http://www.nanoamp.com.
NanoAmp Solutions, Inc.
N08L1618C2A
Advance Information
Functional Block Diagram
Functional Description
CE1
CE2
WE
OE
UB
LB
I/O0 - I/O151
1. When UB and LB are in select mode (low), I/O0 - I/O15 are affected as shown. When LB only is in the select mode only I/O0 - I/O7
are affected as shown. When UB is in the select mode only I/O8 - I/O15 are affected as shown.
MODE
POWER
H
X
XX
XX
High Z
Standby2
2. When the device is in standby mode, control inputs (WE, OE, UB, and LB), address inputs and data input/outputs are internally
isolated from any external influence and disabled from exerting any influence externally.
Standby
X
L
XX
XX
High Z
Standby2
Standby
XX
XX
H
H
High Z
Standby2
Standby
LHL
X3
3. When WE is invoked, the OE input is internally disabled and has no effect on the circuit.
L1
L1
Data In
Write3
Active -> Standby4
4. The device will consume active power in this mode whenever addresses are changed. Data inputs are internally isolated from
any expernal influence.
LH
HL
L1
L1
Data Out
Read
Active -> Standby4
LH
H
H
L1
L1
High Z
Active
Standby4
Capacitance1
1. These parameters are verified in device characterization and are not 100% tested
Item
Symbol
Test Condition
Min
Max
Unit
Input Capacitance
CIN
VIN = 0V, f = 1 MHz, TA = 25oC
8pF
I/O Capacitance
CI/O
VIN = 0V, f = 1 MHz, TA = 25oC
8pF
Address
Inputs
A0 - A3
Address
Inputs
A4 - A18
Word
Address
Decode
Logic
32K Page
x 16 word
x 16 bit
RAM Array
Input/
Output
Mux
and
Buffers
Page
Address
Decode
Logic
Control
Logic
CE1
CE2
WE
OE
UB
LB
I/O0 - I/O7
I/O8 - I/O15



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com