Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LESD5L5.0CT1G Datasheet (PDF) - Shanghai Leiditech Electronic Technology Co., Ltd

LESD5L5.0CT1G Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd
Part # LESD5L5.0CT1G
Download  LESD5L5.0CT1G Download
File Size   1291.35 Kbytes
Page   3 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description 1-Line Bi - directional TVS Dio de

LESD5L5.0CT1G Datasheet (PDF)

Go To PDF Page Download Datasheet
LESD5L5.0CT1G Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LESD5L5.0CT1G
Download  LESD5L5.0CT1G Click to download

File Size   1291.35 Kbytes
Page   3 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description 1-Line Bi - directional TVS Dio de

LESD5L5.0CT1G Datasheet (HTML) - Shanghai Leiditech Electronic Technology Co., Ltd


LESD5L5.0CT1G Product details

Features

●Ultra low leakage: nA level
●Operating voltage: 5V
●Low clamping voltage
●Complies with following standards:
– IEC 61000-4-2 (ESD) immunity test
Air discharge: ±25kV
Contact discharge: ±20kV
– IEC61000-4-5 (Lightning) 2A (8/20 μs)
●RoHS Compliant

Applications

●Power Management
●Industrial Application
●Power Supply Protection
●Many other portable devices




Similar Part No. - LESD5L5.0CT1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LESD5L5.0CT1G LRC-LESD5L5.0CT1G Datasheet
577Kb / 4P
Transient Voltage Suppressors ESD Protection Diodes with Ultra?묹ow Capacitance
More results


Similar Description - LESD5L5.0CT1G

ManufacturerPart #DatasheetDescription
logo
Applied Power Microelec...
AU0521D3 APMICRO-AU0521D3 Datasheet
730Kb / 4P
1-Line Bi-directional TVS Diode
AU1261P1 APMICRO-AU1261P1 Datasheet
703Kb / 4P
1-Line Bi-directional TVS Diode
AU1881P1 APMICRO-AU1881P1 Datasheet
714Kb / 4P
1-Line Bi-directional TVS Diode
AU3361P1 APMICRO-AU3361P1 Datasheet
709Kb / 4P
1-Line Bi-directional TVS Diode
AU4581P1H APMICRO-AU4581P1H Datasheet
705Kb / 4P
1-Line Bi-directional TVS Diode
logo
Shanghai Leiditech Elec...
PTVS0542H100 LEIDITECH-PTVS0542H100 Datasheet
4Mb / 4P
1-Line Bi-directional TVS Diode
SMDA05CCNQ LEIDITECH-SMDA05CCNQ Datasheet
1Mb / 4P
1-Line Bi-directional TVS Diode
USESD05CP LEIDITECH-USESD05CP Datasheet
2Mb / 4P
1-Line Bi-directional TVS Diode
NUP2105LT1G LEIDITECH-NUP2105LT1G Datasheet
688Kb / 4P
2-Line Bi-directional ESD Dio de
Rev : 01.08.2021
PESD2ETH100-T LEIDITECH-PESD2ETH100-T Datasheet
2Mb / 4P
2-Line Bi-directional TVS Dio de Array
Rev : 01.08.2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com