Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESD2ETH100-T Datasheet (PDF) - Shanghai Leiditech Electronic Technology Co., Ltd

PESD2ETH100-T Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd
Part # PESD2ETH100-T
Download  PESD2ETH100-T Download
File Size   2845.16 Kbytes
Page   4 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description 2-Line Bi-directional TVS Dio de Array

PESD2ETH100-T Datasheet (PDF)

Go To PDF Page Download Datasheet
PESD2ETH100-T Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd

Part # PESD2ETH100-T
Download  PESD2ETH100-T Click to download

File Size   2845.16 Kbytes
Page   4 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description 2-Line Bi-directional TVS Dio de Array

PESD2ETH100-T Datasheet (HTML) - Shanghai Leiditech Electronic Technology Co., Ltd


PESD2ETH100-T Product details

Features
180W peak pulse power (8/20μs)
Protects two bi-directional lines
Ultra low leakage: nA level
Operating voltage: 24V
Low clamping voltage
Complies with following standards:
– IEC 61000-4-2 (ESD) immunity test
Air discharge: ±30kV
Contact discharge: ±30kV
– IEC61000-4-4 (EFT) 40A (5/50ns)
– IEC61000-4-5 (Lightning) 3A (8/20μs)
RoHS Compliant

Applications
ESD protection for in-vehicle network lines In-automotive environments
OPEN Alliance 100BASE-T1 Ethernet
Low-Voltage Differential Signaling (LVDS) automotive




Similar Part No. - PESD2ETH100-T

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD2ETH100-T NEXPERIA-PESD2ETH100-T Datasheet
320Kb / 14P
ESD protection for In-vehicle networks
6 October 2022
PESD2ETH100-T NEXPERIA-PESD2ETH100-T Datasheet
316Kb / 14P
ESD protection for In-vehicle networks
13 December 2019
PESD2ETH100-TR NEXPERIA-PESD2ETH100-TR Datasheet
316Kb / 14P
ESD protection for In-vehicle networks
13 December 2019
PESD2ETH100-T NEXPERIA-PESD2ETH100-T_V01 Datasheet
316Kb / 14P
ESD protection for In-vehicle networks
13 December 2019
More results


Similar Description - PESD2ETH100-T

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
SMC24 DIOTECH-SMC24 Datasheet
920Kb / 3P
2-LINE Bi-DIRECTIONAL TVS ARRAY / ESD ARRAY
logo
Shanghai Leiditech Elec...
SMC12W LEIDITECH-SMC12W Datasheet
387Kb / 3P
2-Line Bi-directional TVS Diode Array
SMC05Q LEIDITECH-SMC05Q Datasheet
578Kb / 3P
2-Line Bi-directional TVS Diode Array
SMC24C LEIDITECH-SMC24C Datasheet
802Kb / 4P
2-Line Bi-directional TVS Diode Array
SMC24Q LEIDITECH-SMC24Q Datasheet
625Kb / 3P
2-Line Bi-directional TVS Diode Array
LESD5L5.0CT1G LEIDITECH-LESD5L5.0CT1G Datasheet
1Mb / 3P
1-Line Bi - directional TVS Dio de
Rev : 01.09.2021
NUP2105LT1G LEIDITECH-NUP2105LT1G Datasheet
688Kb / 4P
2-Line Bi-directional ESD Dio de
Rev : 01.08.2021
PESD12VL2BT LEIDITECH-PESD12VL2BT Datasheet
280Kb / 3P
2-Line Bi-directional TVS Diode Array
Rev : 01.06.2014
PESD24VL2BT LEIDITECH-PESD24VL2BT Datasheet
225Kb / 3P
2-Line Bi-directional TVS Diode Array
Rev : 01.06.2014
PESD5V0L2BT LEIDITECH-PESD5V0L2BT Datasheet
218Kb / 3P
2-Line Bi-directional TVS Diode Array
Rev : 01.06.2014
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com