Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RCLAMP3382P Datasheet (PDF) - Shanghai Leiditech Electronic Technology Co., Ltd

RCLAMP3382P Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd
Part # RCLAMP3382P
Download  RCLAMP3382P Download
File Size   2348.88 Kbytes
Page   5 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description 2-Line Ultra Low Capacitance TVS Diode Array

RCLAMP3382P Datasheet (PDF)

Go To PDF Page Download Datasheet
RCLAMP3382P Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd

Part # RCLAMP3382P
Download  RCLAMP3382P Click to download

File Size   2348.88 Kbytes
Page   5 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description 2-Line Ultra Low Capacitance TVS Diode Array

RCLAMP3382P Datasheet (HTML) - Shanghai Leiditech Electronic Technology Co., Ltd


RCLAMP3382P Product details

Features

•Ultra low capacitance: 0.4pF typical
•Ultra low leakage: nA level
•Operating voltage: 3.3V
•Low clamping voltage
•Complies with following standards:
– IEC 61000-4-2 (ESD) immunity test
Air discharge: ±30kV
Contact discharge: ±30kV
– IEC61000-4-5 (Lightning) 12A (8/20μs)
•Dynamic Resistance: 0.30 Ohms (Typ)
•Very small PCB area

Applications

•1G/2.5G/5G/10G Ethernet
•Integrated Magnetics / RJ-45 Connectors
•Central Office Equipment
•Industrial Equipment
•IP Camera




Similar Part No. - RCLAMP3382P

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
RCLAMP3304N SEMTECH-RCLAMP3304N Datasheet
296Kb / 11P
RailClamp짰 2.5V & 3.3V TVS Arrays
logo
Shanghai Leiditech Elec...
RCLAMP3304N LEIDITECH-RCLAMP3304N Datasheet
583Kb / 4P
4-Line 3.3V ESD Protection Diode Array
Rev : 01.06.2021
logo
TECH PUBLIC Electronics...
RCLAMP3304N TECHPUBLIC-RCLAMP3304N Datasheet
2Mb / 5P
4- Line 3.3V ESD Protection Diode Array
logo
Semtech Corporation
RCLAMP3304N.TCT SEMTECH-RCLAMP3304N.TCT Datasheet
296Kb / 11P
RailClamp짰 2.5V & 3.3V TVS Arrays
RCLAMP3304NA SEMTECH-RCLAMP3304NA Datasheet
186Kb / 8P
3.3V TVS Arrays
More results


Similar Description - RCLAMP3382P

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LC0518MA LEIDITECH-LC0518MA Datasheet
286Kb / 3P
4-Line Ultra Low Capacitance TVS Diode Array
logo
Applied Power Microelec...
AR0502S1 APMICRO-AR0502S1 Datasheet
766Kb / 5P
2-Line Ultra-Low Capacitance TVS Diode Array
AR0502S5 APMICRO-AR0502S5 Datasheet
798Kb / 5P
2-Line Ultra Low Capacitance TVS Diode Array
AR0506PA APMICRO-AR0506PA Datasheet
580Kb / 5P
6-Line Ultra Low Capacitance TVS Diode Array
AR0524P5 APMICRO-AR0524P5 Datasheet
924Kb / 11P
4-Line Ultra Low Capacitance TVS Diode Array
logo
Shanghai Leiditech Elec...
ESDA05P3 LEIDITECH-ESDA05P3 Datasheet
366Kb / 3P
2-Line Low Capacitance TVS Diode Array
ULC0542T LEIDITECH-ULC0542T Datasheet
1Mb / 4P
2-Line Ultra Low Capacitance TVS Diode Array
ULC0524S LEIDITECH-ULC0524S Datasheet
1Mb / 9P
4-Line Ultra Low Capacitance TVS Diode Array
RCLAMP0522P LEIDITECH-RCLAMP0522P Datasheet
1Mb / 4P
2-Line Ultra Low Capacitance TVS Diode Array
Rev : 01.06.2018
TPD4S009DCKR LEIDITECH-TPD4S009DCKR Datasheet
415Kb / 3P
4-Line Ultra Low Capacitance TVS Diode Array
Rev : 01.06.2014
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com