Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RCLAMP3304N Datasheet (PDF) - Shanghai Leiditech Electronic Technology Co., Ltd

RCLAMP3304N Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd
Part # RCLAMP3304N
Download  RCLAMP3304N Download
File Size   583.69 Kbytes
Page   4 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description 4-Line 3.3V ESD Protection Diode Array

RCLAMP3304N Datasheet (PDF)

Go To PDF Page Download Datasheet
RCLAMP3304N Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd

Part # RCLAMP3304N
Download  RCLAMP3304N Click to download

File Size   583.69 Kbytes
Page   4 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description 4-Line 3.3V ESD Protection Diode Array

RCLAMP3304N Datasheet (HTML) - Shanghai Leiditech Electronic Technology Co., Ltd


RCLAMP3304N Product details

Features
Ultra low leakage: nA level
Ultra low operating voltage: 3.3V
Ultra low clamping voltage
Complies with following standards:
– IEC 61000-4-2 (ESD) immunity test
Air discharge: ±25kV
Contact discharge: ±15kV
– IEC61000-4-4 (EFT) 40A (5/50ns)
– IEC61000-4-5 (Lightning) 25A (8/20μs)

Applications
Analog Video
RJ-45 Connectors
T1/E1 Secondary Protection
T3/E3 Secondary Protection
10/100/1000 Ethernet




Similar Part No. - RCLAMP3304N

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
RCLAMP3304N SEMTECH-RCLAMP3304N Datasheet
296Kb / 11P
RailClamp짰 2.5V & 3.3V TVS Arrays
logo
TECH PUBLIC Electronics...
RCLAMP3304N TECHPUBLIC-RCLAMP3304N Datasheet
2Mb / 5P
4- Line 3.3V ESD Protection Diode Array
logo
Semtech Corporation
RCLAMP3304N.TCT SEMTECH-RCLAMP3304N.TCT Datasheet
296Kb / 11P
RailClamp짰 2.5V & 3.3V TVS Arrays
RCLAMP3304NA SEMTECH-RCLAMP3304NA Datasheet
186Kb / 8P
3.3V TVS Arrays
RClamp3304NATCT SEMTECH-RClamp3304NATCT Datasheet
186Kb / 8P
3.3V TVS Arrays
More results


Similar Description - RCLAMP3304N

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SPE0504 SYNC-POWER-SPE0504 Datasheet
221Kb / 7P
4-Line ESD Protection Array
SPE0514 SYNC-POWER-SPE0514 Datasheet
222Kb / 7P
4-Line ESD Protection Array
SPE0534 SYNC-POWER-SPE0534_09 Datasheet
197Kb / 7P
4-Line ESD Protection Array
logo
Yea Shin Technology Co....
YSDAXX04T6 YEASHIN-YSDAXX04T6 Datasheet
223Kb / 3P
4 Line ESD Protection Array
logo
TECH PUBLIC Electronics...
RCLAMP3304N TECHPUBLIC-RCLAMP3304N Datasheet
2Mb / 5P
4- Line 3.3V ESD Protection Diode Array
ESDS304DBVR-TP TECHPUBLIC-ESDS304DBVR-TP Datasheet
2Mb / 4P
4-Line ESD Protection Diode Array
RCLAMP3354S TECHPUBLIC-RCLAMP3354S Datasheet
1Mb / 4P
4-Line ESD Protection Diode Array
TPNUP4060AXV6T1G TECHPUBLIC-TPNUP4060AXV6T1G Datasheet
1Mb / 4P
4-Line ESD Protection Diode Array
SP3304NUTG TECHPUBLIC-SP3304NUTG Datasheet
3Mb / 5P
4- Line 3.3V ESD Protection Diode Array
TPESD3304N TECHPUBLIC-TPESD3304N Datasheet
1Mb / 5P
4- Line 3.3V ESD Protection Diode Array
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com