Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDS304DBVR-TP Datasheet (PDF) - TECH PUBLIC Electronics co LTD

ESDS304DBVR-TP Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # ESDS304DBVR-TP
Download  ESDS304DBVR-TP Download
File Size   2205.6 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 4-Line ESD Protection Diode Array

ESDS304DBVR-TP Datasheet (PDF)

Go To PDF Page Download Datasheet
ESDS304DBVR-TP Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # ESDS304DBVR-TP
Download  ESDS304DBVR-TP Click to download

File Size   2205.6 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 4-Line ESD Protection Diode Array

ESDS304DBVR-TP Datasheet (HTML) - TECH PUBLIC Electronics co LTD


ESDS304DBVR-TP Product details

Features
* Ultra low leakage: nA level
* Ultra low operating voltage: 3.6V
* Ultra low clamping voltage
* Complies with following standards:
- IEC 61000-4-2 (ESD) immunity test
Air discharge: ±30kV
Contact
discharge: ± 30kV
- IEC61000-4-4 (EFT) 80A (5/50ns)
- IEC61000-4-5 (Lightning) 10A (8/20μs)
* RoHS Compliant
* ESD304DBVR Pin to Pin fully compatible




Similar Part No. - ESDS304DBVR-TP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ESDS304DBVR TI1-ESDS304DBVR Datasheet
1Mb / 21P
Data-Line Surge and ESD Protection Devices for High Speed Interfaces
ESDS304DBVR TI2-ESDS304DBVR Datasheet
975Kb / 19P
ESDS30x Data-Line Surge and ESD Protection Devices for High Speed Interfaces
REVISED JANUARY 2024
ESDS304DBVR.B TI2-ESDS304DBVR.B Datasheet
975Kb / 19P
ESDS30x Data-Line Surge and ESD Protection Devices for High Speed Interfaces
REVISED JANUARY 2024
More results


Similar Description - ESDS304DBVR-TP

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SPE0504 SYNC-POWER-SPE0504 Datasheet
221Kb / 7P
4-Line ESD Protection Array
SPE0514 SYNC-POWER-SPE0514 Datasheet
222Kb / 7P
4-Line ESD Protection Array
SPE0534 SYNC-POWER-SPE0534_09 Datasheet
197Kb / 7P
4-Line ESD Protection Array
logo
Yea Shin Technology Co....
YSDAXX04T6 YEASHIN-YSDAXX04T6 Datasheet
223Kb / 3P
4 Line ESD Protection Array
logo
Shanghai Leiditech Elec...
RCLAMP3304N LEIDITECH-RCLAMP3304N Datasheet
583Kb / 4P
4-Line 3.3V ESD Protection Diode Array
Rev : 01.06.2021
logo
TECH PUBLIC Electronics...
RCLAMP3304N TECHPUBLIC-RCLAMP3304N Datasheet
2Mb / 5P
4- Line 3.3V ESD Protection Diode Array
RCLAMP3354S TECHPUBLIC-RCLAMP3354S Datasheet
1Mb / 4P
4-Line ESD Protection Diode Array
TPNUP4060AXV6T1G TECHPUBLIC-TPNUP4060AXV6T1G Datasheet
1Mb / 4P
4-Line ESD Protection Diode Array
SP3304NUTG TECHPUBLIC-SP3304NUTG Datasheet
3Mb / 5P
4- Line 3.3V ESD Protection Diode Array
TPESD3304N TECHPUBLIC-TPESD3304N Datasheet
1Mb / 5P
4- Line 3.3V ESD Protection Diode Array
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com