Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC7891 Datasheet (PDF) - Analog Devices

LTC7891 Datasheet PDF - Analog Devices
Part # LTC7891
Download  LTC7891 Download
File Size   1755.78 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 100 V, Low IQ, Synchronous Step-Down Controller for GaN FETs

LTC7891 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC7891 Datasheet PDF - Analog Devices

Part # LTC7891
Download  LTC7891 Click to download

File Size   1755.78 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 100 V, Low IQ, Synchronous Step-Down Controller for GaN FETs

LTC7891 Datasheet (HTML) - Analog Devices


LTC7891 Product details

GENERAL DESCRIPTION
The LTC7891 is a high performance, step-down, dc-to-dc switching
regulator controller that drives all N-channel synchronous gallium
nitride (GaN) field effect transistor (FET) power stages from input
voltages up to 100 V. The LTC7891 solves many of the challenges
traditionally faced when using GaN FETs. The LTC7891 simplifies
the application design while requiring no protection diodes and no
other additional external components compared to a silicon metaloxide
semiconductor field effect transistor (MOSFET) solution.
The internal smart bootstrap switch prevents overcharging of the
BOOST pin to SW pin high-side driver supplies during dead times,
protecting the gate of the top GaN FET. The LTC7891 internally
optimizes the gate driver timing on both switching edges to achieve
smart near zero dead times, significantly improving efficiency and
allowing for high frequency operation, even at high input voltages.
Alternatively, the user can adjust the dead times with external
resistors for margin or to tailor the application.
The gate drive voltage of the LTC7891 can be precisely adjusted
from 4 V to 5.5 V to optimize performance, and to allow the use of
different GaN FETs, or even logic level MOSFETs.
Note that throughout this data sheet, multifunction pins, such as
PLLIN/SPREAD, are referred to either by the entire pin name or
by a single function of the pin, for example, PLLIN, when only that
function is relevant.

FEATURES
► GaN drive technology fully optimized for GaN FETs
► Wide VIN range: 4 V to 100 V
► Wide output voltage range: 0.8 V ≤ VOUT ≤ 60 V
► No catch, clamp, or bootstrap diodes needed
► Internal smart bootstrap switches prevent overcharging of highside
driver supplies
► Internally optimized, smart near zero dead times or resistor
adjustable dead times
► Split output gate drivers for adjustable turn on and turn off driver
strengths
► Accurate adjustable driver voltage and UVLO
► Low operating IQ: 5 μA (48 VIN to 5 VOUT)
► Programmable frequency (100 kHz to 3 MHz)
► Phase lockable frequency (100 kHz to 3 MHz)
► Spread spectrum frequency modulation
► 28-lead (4 mm × 5 mm) side wettable QFN package

APPLICATIONS
► Industrial power systems
► Military avionics and medical systems
► Telecommunications power systems




Similar Part No. - LTC7891

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC7891 AD-LTC7891 Datasheet
1,015Kb / 50P
Low IQ, Dual, 2-Phase Synchronous Boost Controller for GaN FETs
Rev. 0; 12/24
More results


Similar Description - LTC7891

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3835-1 LINER-LTC3835-1 Datasheet
299Kb / 28P
Low IQ Synchronous Step-Down Controller
LTC3835 LINER-LTC3835 Datasheet
323Kb / 28P
Low IQ Synchronous Step-Down Controller
LTC3835EUFD LINER-LTC3835EUFD Datasheet
1Mb / 30P
Low IQ Synchronous Step-Down Controller
LTC3827-1 LINER-LTC3827-1_15 Datasheet
452Kb / 32P
Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3835-1 LINER-LTC3835-1_15 Datasheet
297Kb / 28P
Low IQ Synchronous Step-Down Controller
LTC3891 LINER-LTC3891_15 Datasheet
680Kb / 32P
Low IQ, 60V Synchronous Step-Down Controller
LTC3834 LINER-LTC3834_15 Datasheet
780Kb / 30P
30A IQ Synchronous Step-Down Controller
LTC3834-1 LINER-LTC3834-1_15 Datasheet
298Kb / 28P
30A IQ Synchronous Step-Down Controller
LTC3835 LINER-LTC3835_15 Datasheet
418Kb / 30P
Low IQ Synchronous Step-Down Controller
logo
Analog Devices
LTC7890 AD-LTC7890 Datasheet
1Mb / 41P
Low IQ, Dual, 2-Phase Synchronous Step-Down Controller for GaN FETs
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com