Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC7891 Datasheet (PDF) - Analog Devices

LTC7891 Datasheet PDF - Analog Devices
Part # LTC7891
Download  LTC7891 Download
File Size   1015.9 Kbytes
Page   50 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low IQ, Dual, 2-Phase Synchronous Boost Controller for GaN FETs

LTC7891 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC7891 Datasheet PDF - Analog Devices

Part # LTC7891
Download  LTC7891 Click to download

File Size   1015.9 Kbytes
Page   50 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low IQ, Dual, 2-Phase Synchronous Boost Controller for GaN FETs

LTC7891 Datasheet (HTML) - Analog Devices


LTC7891 Product details

FEATURES
 GaN Drive Technology fully Optimized for GaN FETs
 Output Voltage up to 100V
 Wide VIN Range: 4V to 60V and Operates Down to 1V
After Start-Up
 No Catch, Clamp, or Bootstrap Diodes Needed
 Internal Smart Bootstrap Switches Prevent
Overcharging of High-Side Driver Supplies
 Resistor Adjustable Dead Times
 Split Output Gate Drivers for Adjustable Turn-On
and Turn-Off Driver Strengths
 Accurate Adjustable Driver Voltage and UVLO
 Low Operating IQ: 15μA
 Programmable Frequency (100kHz to 3MHz)
 Synchronizable Frequency (100kHz to 3MHz)
 Spread Spectrum Frequency Modulation
 40-Lead (6mm × 6mm), Side Wettable, QFN Package
 AEC-Q100 Qualified for Automotive Applications
APPLICATIONS
 Automotive and Industrial Power Systems
 Military Avionics and Medical Systems
 Telecommunications Power Systems
GENERAL DESCRIPTION
The LTC®7892 is a high-performance dual boost
DC-to-DC switching regulator controller that drives all
N-channel synchronous gallium nitride (GaN) field effect
transistor (FET) power stages with output voltages up to
100V. The LTC7892 solves many of the challenges
traditionally faced when using GaN FETs. The LTC7892
simplifies the application design while requiring no
protection diodes and no other additional external
components compared to a silicon metal-oxidesemiconductor
field effect transistor (MOSFET) solution.
The Internal smart bootstrap switches prevent
overcharging of the BOOSTx pin to the SWx pin
the high-side driver supplies during dead times,
protecting the gate of the top GaN FET. The dead times
of the LTC7892 can optionally be optimized with
external resistors for margin or to tailor the application
for higher efficiency and allowing for high-frequency
operation.
The gate drive voltage of the LTC7892 can be precisely
adjusted from 4V to 5.5V to optimize performance and
allow the use of different GaN FETs or even logic-level
MOSFETs. When biased from the boost converter
regulator output, the LTC7892 can operate from an
input supply as low as 1V after start-up.




Similar Part No. - LTC7891

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC7891 AD-LTC7891 Datasheet
1Mb / 36P
100 V, Low IQ, Synchronous Step-Down Controller for GaN FETs
Rev. 0
LTC7891RUFDMPBF AD-LTC7891RUFDMPBF Datasheet
1Mb / 36P
100 V, Low IQ, Synchronous Step-Down Controller for GaN FETs
Rev. 0
LTC7891RUFDMTRPBF AD-LTC7891RUFDMTRPBF Datasheet
1Mb / 36P
100 V, Low IQ, Synchronous Step-Down Controller for GaN FETs
Rev. 0
More results


Similar Description - LTC7891

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3827 LINER-LTC3827 Datasheet
446Kb / 36P
Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3857 LINER-LTC3857 Datasheet
531Kb / 38P
Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3858-1 LINER-LTC3858-1 Datasheet
591Kb / 38P
Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3786EMSEPBF LINER-LTC3786EMSEPBF Datasheet
407Kb / 34P
Low IQ Synchronous Boost Controller
LTC3827-1 LINER-LTC3827-1_15 Datasheet
452Kb / 32P
Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3786 LINER-LTC3786_15 Datasheet
407Kb / 34P
Low IQ Synchronous Boost Controller
LTC3858-1 LINER-LTC3858-1_15 Datasheet
434Kb / 38P
Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3868 LINER-LTC3868_15 Datasheet
402Kb / 38P
Low IQ, Dual 2-Phase Synchronous Step-Down Controller
logo
Analog Devices
LTC7891 AD-LTC7891 Datasheet
1Mb / 36P
100 V, Low IQ, Synchronous Step-Down Controller for GaN FETs
Rev. 0
LTC7890 AD-LTC7890 Datasheet
1Mb / 41P
Low IQ, Dual, 2-Phase Synchronous Step-Down Controller for GaN FETs
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com