Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM2881 Datasheet (PDF) - Analog Devices

LTM2881 Datasheet PDF - Analog Devices
Part # LTM2881
Download  LTM2881 Download
File Size   1348.2 Kbytes
Page   30 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 7.5kVRMS SPI/Digital or I2C 關Module Isolator with Transformer Driver

LTM2881 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTM2881 Datasheet PDF - Analog Devices

Part # LTM2881
Download  LTM2881 Click to download

File Size   1348.2 Kbytes
Page   30 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 7.5kVRMS SPI/Digital or I2C 關Module Isolator with Transformer Driver

LTM2881 Datasheet (HTML) - Analog Devices


LTM2881 Product details

DESCRIPTION
The LTM®2810 is a complete galvanic digital μModule®
(micromodule) isolator. No external components are
required. Individual 3V to 5.5V supplies power each side
of the digital isolator. Separate logic supply pins allow
easy interfacing with different logic levels from 1.62V to
5.5V, independent of the main supply.
Module options are available with compatibility to SPI
(LTM2810-S) and I2C (LTM2810-I), master mode only,
specifications.
The module includes an integrated transformer driver on
the logic side and an LDO on the isolated side to regulate
the rectified transformer output. The LDO output is nominally
5V but may be overdriven.
Coupled inductors provide 7500VRMS of isolation between
the input and output logic interface. This device is ideal for
systems with different ground potentials, allowing uninterrupted
communication through large common mode
transients faster than 50kV/μs.

FEATURES
- 6-Channel Logic Isolator: 7500VRMS for 1 Minute
- 16.2mm Creepage
- CSA (IEC/UL) Approved, File #255632
- 3V to 5.5V Supply Operation
- Transformer Driver with Integrated Isolated Side LDO
- SPI/Digital (LTM2810-S) or I2C (LTM2810-I) Options
- High Common Mode Transient Immunity: 50kV/μs
- High Speed Operation:
- 10MHz Digital Isolation
- 4MHz/8MHz SPI Isolation
- 400kHz I2C Isolation
- Operation Up to 125°C (H-Grade)
- 1.62V to 5.5V Logic Supplies for Flexible Digital Interfacing
- ±25kV ESD HBM Across the Isolation Barrier
- Maximum Continuous Working Voltage: 1kVRMS, 1.6kVDC
- Low Current Shutdown Mode (<10μA)
- 22mm × 6.25mm × 2.06mm BGA Package

APPLICATIONS
- EV/HEV Systems
- Industrial and Metering Systems
- Test and Measurement Equipment
- Medical Equipment




Similar Part No. - LTM2881

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM2881 LINER-LTM2881 Datasheet
327Kb / 20P
Complete Isolated RS485/RS422 關Module Transceiver Power
LTM2881 LINER-LTM2881 Datasheet
462Kb / 22P
Complete Isolated RS485/RS422 關Module Transceiver Power
LTM2881 LINER-LTM2881 Datasheet
340Kb / 18P
20Mbps RS485 Transceivers
LTM2881 LINER-LTM2881 Datasheet
398Kb / 24P
Complete Isolated RS485/RS422 關Module
LTM2881 LINER-LTM2881 Datasheet
759Kb / 36P
SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
More results


Similar Description - LTM2881

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM2883 LINER-LTM2883 Datasheet
759Kb / 36P
SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTM2883_1211 LINER-LTM2883_1211 Datasheet
761Kb / 36P
SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTM2883 LINER-LTM2883_15 Datasheet
869Kb / 36P
SPI/Digital or I2C Module Isolator with Adjustable 12.5V and 5V Regulated Power
LTM2892 LINER-LTM2892_15 Datasheet
649Kb / 36P
SPI/Digital or I2C Module Isolator
LTM2886 LINER-LTM2886 Datasheet
999Kb / 38P
SPI/Digital or I2C 關Module Isolator with Fixed 짹5V and Adjustable 5V Regulated Power
LTM2887 LINER-LTM2887 Datasheet
591Kb / 38P
SPI/Digital or I2C 關Module Isolator with Dual Adjustable 5V Regulators
LTM2892 LINER-LTM2892 Datasheet
655Kb / 38P
SPI/Digital or I2C 關Module Isolator
logo
Analog Microelectronics...
AMS5935 ANALOGMICRO-AMS5935 Datasheet
1Mb / 16P
Board Mount Pressure Sensor with Digital I2C / SPI Output
Rev. 1.0
logo
WOLFSPEED, INC.
AMS5935 WOLFSPEED-AMS5935 Datasheet
1Mb / 16P
Board Mount Pressure Sensor with Digital I2C / SPI Output
AMS 5935 Rev. 1.0
logo
Analog Microelectronics...
AMS5935 ANALOGMICRO-AMS5935_V01 Datasheet
1Mb / 17P
Board Mount Pressure Sensor with Digital I2C / SPI Output
Rev. 1.1
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com