Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS5935 Datasheet (PDF) - WOLFSPEED, INC.

AMS5935 Datasheet PDF - WOLFSPEED, INC.
Part # AMS5935
Download  AMS5935 Download
File Size   1340.01 Kbytes
Page   16 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description Board Mount Pressure Sensor with Digital I2C / SPI Output

AMS5935 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMS5935 Datasheet PDF - WOLFSPEED, INC.

Part # AMS5935
Download  AMS5935 Click to download

File Size   1340.01 Kbytes
Page   16 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description Board Mount Pressure Sensor with Digital I2C / SPI Output

AMS5935 Datasheet (HTML) - WOLFSPEED, INC.


AMS5935 Product details

FEATURES
 Board mount pressure sensor series with
digital output: I2C / SPI
 Calibrated and temperature compensated
 Differential/relative and bidirectional
differential pressure sensor versions
 Wide variety of pressure ranges:
from ultra low pressure of 1.25 mbar
(125 Pa) up to 100 mbar
 Piezoresistive sensor with high precision
digital signal conditioning
 Total accuracy < 0.3 %FSO at room
temperature for pressure ranges from
10 mbar up to 100 mbar
 TEB < 0.5 %FSO (-25 … 85 °C) for pressure
ranges from 10 mbar up to 100 mbar
 Ultra low current consumption in sleep
mode, ideal for battery powered applications
 Measurement speed up to 250 Hz
 Supply voltage: 1.7 V up to 3.6 V
 Digital output via I²C / SPI interface:
24 bit values for pressure and temperature
 Programmable I²C-address
 Ceramic DIP-8 package (width: 0.6 inch)
 Package options for tubing or manifold
mount (O-Ring sealing)
 RoHS compliant
TYPICAL APPLICATIONS
 Static and dynamic pressure measurement
 Gas flow measurement
 Fluid level measurement
 Medical instrumentation
 Heating, Ventilation and Air Conditioning
(HVAC)
 Battery powered and mobile applications
 Vacuum monitoring
GENERAL DESCRIPTION
The digital pressure sensors in the AMS 5935 series are high-resolution 18-bit board mount sensors
which provide pressure and temperature measurement data via an I²C / SPI interface. They are
extensively calibrated and compensated, leading
to high precision and high stability measurement
data over a wide temperature range of -25 to
85 °C. With an ultra low current consumption and a
supply voltage range of 1.7 … 3.6 V, the
AMS 5935 pressure sensors are especially suitable for battery-powered applications.
The AMS 5935 combine a micromachined, high
quality piezoresistive pressure sensing element
with signal conditioning ASIC in a ceramic dual inline package (DIP) for assembly on printed circuit
boards (PCBs). Two package variants are available: one with vertical pressure ports for hose connection and one for O-ring sealing (N-package type
for manifold mount).
Multiple pressure ranges for various pressure
types are available for the sensors in the
AMS 5935 series: differential (relative) pressure
sensors in ranges from 0 ... 2.5 mbar up to
0 ... 100 mbar and bidirectional differential pressure sensors from -1.25 ... +1.25 mbar up to
-100 ... +100 mbar.
Custom specific pressure ranges or modifications
are available on request.




Similar Part No. - AMS5935

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics...
AMS5935 ANALOGMICRO-AMS5935 Datasheet
1Mb / 16P
Board Mount Pressure Sensor with Digital I2C / SPI Output
Rev. 1.0
AMS5935 ANALOGMICRO-AMS5935 Datasheet
1Mb / 17P
Board Mount Pressure Sensor with Digital I2C / SPI Output
Rev. 1.1
AMS5935-0001-A-N-3 ANALOGMICRO-AMS5935-0001-A-N-3 Datasheet
1Mb / 17P
Board Mount Pressure Sensor with Digital I2C / SPI Output
Rev. 1.1
AMS5935-0001-B-N-3 ANALOGMICRO-AMS5935-0001-B-N-3 Datasheet
1Mb / 17P
Board Mount Pressure Sensor with Digital I2C / SPI Output
Rev. 1.1
AMS5935-0001-D-B-N-3 ANALOGMICRO-AMS5935-0001-D-B-N-3 Datasheet
1Mb / 16P
Board Mount Pressure Sensor with Digital I2C / SPI Output
Rev. 1.0
More results


Similar Description - AMS5935

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics...
AMS5812 ANALOGMICRO-AMS5812 Datasheet
1Mb / 15P
Board Mount Pressure Sensor with Analog and I2C Output
Rev. 3.0
AMS5915 ANALOGMICRO-AMS5915 Datasheet
1Mb / 15P
Board Mount Pressure Sensor with Digital I2C Output
Rev. 4.0
AMS5935 ANALOGMICRO-AMS5935 Datasheet
1Mb / 16P
Board Mount Pressure Sensor with Digital I2C / SPI Output
Rev. 1.0
AMS6915 ANALOGMICRO-AMS6915 Datasheet
1Mb / 13P
Board Mount Pressure Sensor with Digital I2C Output
Rev. 2.0
logo
WOLFSPEED, INC.
AMS5812 WOLFSPEED-AMS5812 Datasheet
1Mb / 15P
Board Mount Pressure Sensor with Analog and I2C Output
AMS 5812 Rev. 3.0
AMS5915 WOLFSPEED-AMS5915 Datasheet
1Mb / 15P
Board Mount Pressure Sensor with Digital I2C Output
AMS 5915 Rev. 4.0
AMS6915 WOLFSPEED-AMS6915 Datasheet
1Mb / 13P
Board Mount Pressure Sensor with Digital I2C Output
AMS 6915 Rev. 2.0
AMS6916 WOLFSPEED-AMS6916 Datasheet
902Kb / 9P
Board mount pressure sensor with ratiometric analog output
April 2019 Rev. 1.0
logo
Analog Microelectronics...
AMS5915 ANALOGMICRO-AMS5915_V01 Datasheet
1Mb / 15P
Board Mount Pressure Sensor with Digital I2C Output
Rev. 4.1
AMS5935 ANALOGMICRO-AMS5935_V01 Datasheet
1Mb / 17P
Board Mount Pressure Sensor with Digital I2C / SPI Output
Rev. 1.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com