Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS5915 Datasheet (PDF) - WOLFSPEED, INC.

AMS5915 Datasheet PDF - WOLFSPEED, INC.
Part # AMS5915
Download  AMS5915 Download
File Size   1196.51 Kbytes
Page   15 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description Board Mount Pressure Sensor with Digital I2C Output

AMS5915 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMS5915 Datasheet PDF - WOLFSPEED, INC.

Part # AMS5915
Download  AMS5915 Click to download

File Size   1196.51 Kbytes
Page   15 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description Board Mount Pressure Sensor with Digital I2C Output

AMS5915 Datasheet (HTML) - WOLFSPEED, INC.


AMS5915 Product details

FEATURES
 Board mount pressure sensor series with
digital I2C output
 Calibrated and temperature compensated
 Differential/relative, bidirectional differential,
absolute and barometric sensor versions
 Wide variety of pressure ranges:
from 2.5 mbar (250 Pa) up to 16 bar full scale
 Piezoresistive sensor with high precision
digital signal conditioning
 Total accuracy < 0.5 %FSO at room
temperature for standard pressure ranges
 TEB < 1.0 %FSO (-25 … 85 °C) for standard
pressure ranges
 High long term stability
 Fast response time (typ. < 1 ms)
 Supply voltage: 3.3 V and 5 V models
available
 Digital output via I²C interface: 14 bit for
pressure and 11 bit for temperature values
 Programmable I²C-address
 Ceramic DIP-8 package (width: 0.6 inch)
 Package options for tubing or manifold
mount (O-Ring sealing)
 RoHS compliant
TYPICAL APPLICATIONS
 Static and dynamic pressure measurement
 Barometric pressure measurement
 Vacuum monitoring
 Gas flow measurement
 Fluid level measurement
 Medical instrumentation
 Heating, Ventilation and Air Conditioning
(HVAC)
GENERAL DESCRIPTION
The pressure sensors in the AMS 5915 series are
high-precision board mount sensors with a digital
I²C-interface. They combine a micromachined, high
quality piezoresistive pressure sensing element
with a modern, mixed-signal CMOS-ASIC used for
signal conditioning on a ceramic substrate. AMS
5915 sensors are extensively calibrated and compensated across a wide temperature range of
-25 to 85 °C.
The AMS 5915 come in a compact and robust ceramic dual in-line package (DIP) for assembly on
printed circuit boards (PCBs). Two package variants are available: one with vertical pressure ports
for hose connection and one for O-ring sealing (Npackage type for manifold mount). The sensors are
operational without any additional components.
The electrical connection is established via DIP
solder pins and pressure is connected either by using flexible tubing on the metal tubes or a suitable
flange.
The sensors in the AMS 5915 series are available
in various pressure ranges for all pressure types:
differential (relative) pressure sensors in ranges
from 0 ... 5 mbar up to 0 ... 16 bar, absolute pressure types from 0 ... 500 mbar up to 0 … 2 bar and
700 ... 1200 mbar for barometric measurements.
Bidirectional differential sensors are available in
pressure ranges from -2.5 ... +2.5 mbar up to
-1 ... +1 bar.
Custom specific pressure ranges or modifications
are available on request.




Similar Part No. - AMS5915

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics...
AMS5915 ANALOGMICRO-AMS5915 Datasheet
1Mb / 15P
Board Mount Pressure Sensor with Digital I2C Output
Rev. 4.0
AMS5915 ANALOGMICRO-AMS5915 Datasheet
1Mb / 15P
Board Mount Pressure Sensor with Digital I2C Output
Rev. 4.1
AMS5915-0002-A-N-3 ANALOGMICRO-AMS5915-0002-A-N-3 Datasheet
1Mb / 15P
Board Mount Pressure Sensor with Digital I2C Output
Rev. 4.0
AMS5915-0002-A-N-3 ANALOGMICRO-AMS5915-0002-A-N-3 Datasheet
1Mb / 15P
Board Mount Pressure Sensor with Digital I2C Output
Rev. 4.1
AMS5915-0002-A-N-5 ANALOGMICRO-AMS5915-0002-A-N-5 Datasheet
1Mb / 15P
Board Mount Pressure Sensor with Digital I2C Output
Rev. 4.0
More results


Similar Description - AMS5915

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics...
AMS5812 ANALOGMICRO-AMS5812 Datasheet
1Mb / 15P
Board Mount Pressure Sensor with Analog and I2C Output
Rev. 3.0
AMS5915 ANALOGMICRO-AMS5915 Datasheet
1Mb / 15P
Board Mount Pressure Sensor with Digital I2C Output
Rev. 4.0
AMS5935 ANALOGMICRO-AMS5935 Datasheet
1Mb / 16P
Board Mount Pressure Sensor with Digital I2C / SPI Output
Rev. 1.0
AMS6915 ANALOGMICRO-AMS6915 Datasheet
1Mb / 13P
Board Mount Pressure Sensor with Digital I2C Output
Rev. 2.0
logo
WOLFSPEED, INC.
AMS5812 WOLFSPEED-AMS5812 Datasheet
1Mb / 15P
Board Mount Pressure Sensor with Analog and I2C Output
AMS 5812 Rev. 3.0
AMS5935 WOLFSPEED-AMS5935 Datasheet
1Mb / 16P
Board Mount Pressure Sensor with Digital I2C / SPI Output
AMS 5935 Rev. 1.0
AMS6915 WOLFSPEED-AMS6915 Datasheet
1Mb / 13P
Board Mount Pressure Sensor with Digital I2C Output
AMS 6915 Rev. 2.0
AMS6916 WOLFSPEED-AMS6916 Datasheet
902Kb / 9P
Board mount pressure sensor with ratiometric analog output
April 2019 Rev. 1.0
logo
Analog Microelectronics...
AMS5915 ANALOGMICRO-AMS5915_V01 Datasheet
1Mb / 15P
Board Mount Pressure Sensor with Digital I2C Output
Rev. 4.1
AMS5935 ANALOGMICRO-AMS5935_V01 Datasheet
1Mb / 17P
Board Mount Pressure Sensor with Digital I2C / SPI Output
Rev. 1.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com