Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS6916 Datasheet (PDF) - WOLFSPEED, INC.

AMS6916 Datasheet PDF - WOLFSPEED, INC.
Part # AMS6916
Download  AMS6916 Download
File Size   902.56 Kbytes
Page   9 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description Board mount pressure sensor with ratiometric analog output

AMS6916 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMS6916 Datasheet PDF - WOLFSPEED, INC.

Part # AMS6916
Download  AMS6916 Click to download

File Size   902.56 Kbytes
Page   9 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description Board mount pressure sensor with ratiometric analog output

AMS6916 Datasheet (HTML) - WOLFSPEED, INC.


AMS6916 Product details

FEATURES
 Piezoresistive pressure sensor with
amplified analog output
 Calibrated and temperature compensated
 Ratiometric voltage output, 0.5 … 4.5 V
 Digital signal conditioning, 12 bit output
resolution
 Differential, relative (gage), bidirectional
differential, absolute and barometric
versions
 Accuracy of 0.5 %FSO at room temperature
(for pressure ranges > 10 mbar)
 Small overall error (TEB) within a
temperature range of 0 … 60 °C
 Supply voltage range 4.75 … 5.25 V
 Operating temperature range -25 … 85 °C
 High long term stability
 Short circuit protected output and
diagnostic functions
 Miniaturized DIL package for PCB assembly
 Horizontal and vertical pressure port
configurations available
 Ready to use
 RoHS and REACH compliant
TYPICAL APPLICATIONS
 Static and dynamic pressure measurement
 Industrial process control
 Medical instrumentation
 Heating, Ventilation and Air Conditioning
(HVAC)
 Barometric pressure measurement
 Vacuum monitoring
 Gas flow measurement
GENERAL DESCRIPTION
AMS 6916 is an OEM pressure sensors series
offering an analog voltage output in a compact
DIL package for assembly on printed circuit
boards (PCBs). The high-precision pressure
sensors feature a short circuit protected
ratiometric 0.5 … 4.5 V output and diagnostic
functions indicating sensor errors.
The sensors in the AMS 6916 series are digitally
calibrated, linearized and temperature
compensated with an operating temperature
range of -25 … 85 °C. Combining a high quality
piezoresistive MEMS sensing element with a
modern, mixed-signal conditioning ASIC on a
ceramic substrate the AMS 6916 achieves a small
total error band together with excellent long term
stability.
AMS 6916 sensors are available for all pressure
types in various pressure ranges: differential / relative pressure sensors in ranges from 0 … 5 mbar
up to 0 … 1 bar, absolute pressure sensors for
0 … 500 mbar and 0 … 1 bar and a barometric
type (700 … 1200 mbar). Bidirectional differential
pressure sensors are offered in ranges from
-5 … +5 mbar up to -1 … +1 bar. Custom specific
pressure ranges or further modifications are available on request.
The robust AMS 6916 are especially suitable for
precise low and medium differential pressure
measurements in applications, where a consequent miniaturization is required.




Similar Part No. - AMS6916

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics...
AMS6916 ANALOGMICRO-AMS6916 Datasheet
902Kb / 9P
Board mount pressure sensor with ratiometric analog output
April 2019
More results


Similar Description - AMS6916

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
MS4525 TEC-MS4525 Datasheet
412Kb / 15P
Amplified Ratiometric Analog Output
logo
Analog Microelectronics...
AMS5812 ANALOGMICRO-AMS5812 Datasheet
1Mb / 15P
Board Mount Pressure Sensor with Analog and I2C Output
Rev. 3.0
AMS5915 ANALOGMICRO-AMS5915 Datasheet
1Mb / 15P
Board Mount Pressure Sensor with Digital I2C Output
Rev. 4.0
AMS5935 ANALOGMICRO-AMS5935 Datasheet
1Mb / 16P
Board Mount Pressure Sensor with Digital I2C / SPI Output
Rev. 1.0
AMS6915 ANALOGMICRO-AMS6915 Datasheet
1Mb / 13P
Board Mount Pressure Sensor with Digital I2C Output
Rev. 2.0
logo
WOLFSPEED, INC.
AMS5812 WOLFSPEED-AMS5812 Datasheet
1Mb / 15P
Board Mount Pressure Sensor with Analog and I2C Output
AMS 5812 Rev. 3.0
AMS5915 WOLFSPEED-AMS5915 Datasheet
1Mb / 15P
Board Mount Pressure Sensor with Digital I2C Output
AMS 5915 Rev. 4.0
AMS5935 WOLFSPEED-AMS5935 Datasheet
1Mb / 16P
Board Mount Pressure Sensor with Digital I2C / SPI Output
AMS 5935 Rev. 1.0
AMS6915 WOLFSPEED-AMS6915 Datasheet
1Mb / 13P
Board Mount Pressure Sensor with Digital I2C Output
AMS 6915 Rev. 2.0
logo
Analog Microelectronics...
AMS5915 ANALOGMICRO-AMS5915_V01 Datasheet
1Mb / 15P
Board Mount Pressure Sensor with Digital I2C Output
Rev. 4.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com