Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS6916 Datasheet(PDF) 2 Page - WOLFSPEED, INC.

Part # AMS6916
Description  Board mount pressure sensor with ratiometric analog output
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

AMS6916 Datasheet(HTML) 2 Page - WOLFSPEED, INC.

  AMS6916 Datasheet HTML 1Page - WOLFSPEED, INC. AMS6916 Datasheet HTML 2Page - WOLFSPEED, INC. AMS6916 Datasheet HTML 3Page - WOLFSPEED, INC. AMS6916 Datasheet HTML 4Page - WOLFSPEED, INC. AMS6916 Datasheet HTML 5Page - WOLFSPEED, INC. AMS6916 Datasheet HTML 6Page - WOLFSPEED, INC. AMS6916 Datasheet HTML 7Page - WOLFSPEED, INC. AMS6916 Datasheet HTML 8Page - WOLFSPEED, INC. AMS6916 Datasheet HTML 9Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
AMS 6916
Board mount pressure sensor with ratiometric analog output
April 2019
– Rev. 1.0, preliminary
Page 2/9
www.analog-micro.com
PRESSURE RANGES AND TYPES
Pressure sensor code
Pressure type
Pressure
range
in mbar
Burst
pressure
1)
in bar
Pressure
range
in PSI
Burst
pressure
in PSI
Ultra low pressure
AMS 6916-0005-D-
…
differential (relative)
0
… 5
> 0.2
0
… 0.0725
> 3
AMS 6916-0005-D-B-
…
bidirectional differential
-5
… +5
> 0.2
-0.0725
… +0.0725
> 3
AMS 6916-0010-D-
…
differential (relative)
0
… 10
> 0.2
0
… 0.145
> 3
AMS 6916-0010-D-B-
…
bidirectional differential
-10
… +10
> 0.2
-0.145
… +0.145
> 3
Low pressure
AMS 6916-0020-D-
…
differential (relative)
0
… 20
> 0.4
0
… 0.29
> 6
AMS 6916-0020-D-B-
…
bidirectional differential
-20
… +20
> 0.4
-0.29
… +0.29
> 6
AMS 6916-0050-D-
…
differential (relative)
0
… 50
> 1
0
… 0.725
> 15
AMS 6916-0050-D-B-
…
bidirectional differential
-50
… +50
> 1
-0.725
… +0.725
> 15
AMS 6916-0100-D-
…
differential (relative)
0
… 100
> 1
0
… 1.450
> 15
Standard pressure
AMS 6916-0200-D-
…
differential (relative)
0
… 200
> 1.7
0
… 2.901
> 25
AMS 6916-0200-G-
…
relative
0 … 200
> 1.7
0 … 2.901
> 25
AMS 6916-0200-D-B-
…
bidirectional differential
-200
… +200
> 1.7
-2.901
… +2.901
> 25
AMS 6916-0350-D-
…
differential (relative)
0
… 350
> 1.7
0
… 5.076
> 25
AMS 6916-0350-G-
…
relative
0 … 350
> 1.7
0 … 5.076
> 25
AMS 6916-0350-D-B-
…
bidirectional differential
-350
… +350
> 1.7
-5.076
… +5.076
> 25
AMS 6916-1000-D-
…
differential (relative)
0
… 1000
> 5
0
… 14.50
> 72
AMS 6916-1000-G-
…
relative
0 … 1000
> 5
0 … 14.50
> 72
AMS 6916-1000-D-B-
…
bidirectional differential
-1000
… +1000
> 5
-14.50
… +14.50
> 72
AMS 6916-0500-A
absolute
0 … 500
> 5
0 … 7.25
> 72
AMS 6916-1000-A
absolute
0
… 1000
> 5
0
… 14.5
> 72
AMS 6916-1200-B
barometric
700
… 1200
> 5
10.88
… 17.4
> 72
Table 1: AMS 6916 standard pressure ranges (other ranges on request)
MAXIMUM RATINGS
Parameter
Minimum
Typical
Maximum
Units
Maximum supply voltage: VS,max
6.0
V
Operating temperature: Top
-25
85
°C
Storage temperature: Tamb
-25
85
°C
Common mode pressure pCM
2)
16
bar
Table 2: Maximum ratings
Notes:
1) Burst pressure is defined as the maximum pressure, which may be applied to one pressure port relative to the other
port (or while only one pressure port is connected) without causing leaks in the sensor.
2) Common mode pressure is defined as the maximum pressure, which can be applied simultaneously on both pressure
ports of a differential or bidirectional transmitter without causing damages, while no further differential pressure is ap-
plied.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com