Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS5935 Datasheet (PDF) - Analog Microelectronics GmbH

AMS5935 Datasheet PDF - Analog Microelectronics GmbH
Part # AMS5935
Download  AMS5935 Download
File Size   1404.49 Kbytes
Page   17 Pages
Manufacturer  ANALOGMICRO [Analog Microelectronics GmbH]
Direct Link  https://www.analog-micro.com
Logo ANALOGMICRO - Analog Microelectronics GmbH
Description Board Mount Pressure Sensor with Digital I2C / SPI Output

AMS5935 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMS5935 Datasheet PDF - Analog Microelectronics GmbH

Part # AMS5935
Download  AMS5935 Click to download

File Size   1404.49 Kbytes
Page   17 Pages
Manufacturer  ANALOGMICRO [Analog Microelectronics GmbH]
Direct Link  https://www.analog-micro.com
Logo ANALOGMICRO - Analog Microelectronics GmbH
Description Board Mount Pressure Sensor with Digital I2C / SPI Output

AMS5935 Datasheet (HTML) - Analog Microelectronics GmbH


AMS5935 Product details

FEATURES
 Board mount pressure sensor series with digital output: I2C / SPI
 Calibrated and temperature compensated
 Differential/relative, bidirectional differential, absolute and barometric sensor versions
 Wide variety of pressure ranges: from ultra low pressure of 1.25 mbar (125 Pa) up to 2 bar
 Piezoresistive sensor with high precision digital signal conditioning
 Total accuracy < 0.1 %FSO at room temperature for pressure ranges from 200 mbar up to 2 bar
 TEB < 0.25 %FSO (-25 … 85 °C) for pressure ranges from 200 mbar up to 2 bar
 Ultra low current consumption in sleep mode, ideal for battery powered applications
 Measurement speed up to 250 Hz
 Supply voltage: 1.7 V up to 3.6 V
 Digital output via I²C / SPI interface: 24 bit values for pressure and temperature
 Programmable I²C-address
 Ceramic DIP-8 package (width: 0.6 inch)
 Package options for tubing or manifold mount (O-Ring sealing)
 RoHS compliant




Similar Part No. - AMS5935

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics...
AMS5935 ANALOGMICRO-AMS5935 Datasheet
1Mb / 16P
Board Mount Pressure Sensor with Digital I2C / SPI Output
Rev. 1.0
logo
WOLFSPEED, INC.
AMS5935 WOLFSPEED-AMS5935 Datasheet
1Mb / 16P
Board Mount Pressure Sensor with Digital I2C / SPI Output
AMS 5935 Rev. 1.0
logo
Analog Microelectronics...
AMS5935-0001-D-B-N-3 ANALOGMICRO-AMS5935-0001-D-B-N-3 Datasheet
1Mb / 16P
Board Mount Pressure Sensor with Digital I2C / SPI Output
Rev. 1.0
AMS5935-0001-D-N-3 ANALOGMICRO-AMS5935-0001-D-N-3 Datasheet
1Mb / 16P
Board Mount Pressure Sensor with Digital I2C / SPI Output
Rev. 1.0
AMS5935-0002-D-B-N-3 ANALOGMICRO-AMS5935-0002-D-B-N-3 Datasheet
1Mb / 16P
Board Mount Pressure Sensor with Digital I2C / SPI Output
Rev. 1.0
More results


Similar Description - AMS5935

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics...
AMS5812 ANALOGMICRO-AMS5812 Datasheet
1Mb / 15P
Board Mount Pressure Sensor with Analog and I2C Output
Rev. 3.0
AMS5915 ANALOGMICRO-AMS5915 Datasheet
1Mb / 15P
Board Mount Pressure Sensor with Digital I2C Output
Rev. 4.0
AMS5935 ANALOGMICRO-AMS5935 Datasheet
1Mb / 16P
Board Mount Pressure Sensor with Digital I2C / SPI Output
Rev. 1.0
AMS6915 ANALOGMICRO-AMS6915 Datasheet
1Mb / 13P
Board Mount Pressure Sensor with Digital I2C Output
Rev. 2.0
logo
WOLFSPEED, INC.
AMS5812 WOLFSPEED-AMS5812 Datasheet
1Mb / 15P
Board Mount Pressure Sensor with Analog and I2C Output
AMS 5812 Rev. 3.0
AMS5915 WOLFSPEED-AMS5915 Datasheet
1Mb / 15P
Board Mount Pressure Sensor with Digital I2C Output
AMS 5915 Rev. 4.0
AMS5935 WOLFSPEED-AMS5935 Datasheet
1Mb / 16P
Board Mount Pressure Sensor with Digital I2C / SPI Output
AMS 5935 Rev. 1.0
AMS6915 WOLFSPEED-AMS6915 Datasheet
1Mb / 13P
Board Mount Pressure Sensor with Digital I2C Output
AMS 6915 Rev. 2.0
AMS6916 WOLFSPEED-AMS6916 Datasheet
902Kb / 9P
Board mount pressure sensor with ratiometric analog output
April 2019 Rev. 1.0
logo
Analog Microelectronics...
AMS5915 ANALOGMICRO-AMS5915_V01 Datasheet
1Mb / 15P
Board Mount Pressure Sensor with Digital I2C Output
Rev. 4.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com