Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV238 Datasheet (PDF) - Supertex, Inc

HV238 Datasheet PDF - Supertex, Inc
Part # HV238
Download  HV238 Download
File Size   333.68 Kbytes
Page   6 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description 16 Channel High Voltage Analog Switch With Bleed Resistors

HV238 Datasheet (PDF)

Go To PDF Page Download Datasheet
HV238 Datasheet PDF - Supertex, Inc

Part # HV238
Download  HV238 Click to download

File Size   333.68 Kbytes
Page   6 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description 16 Channel High Voltage Analog Switch With Bleed Resistors

HV238 Datasheet (HTML) - Supertex, Inc


HV238 Product details

General Description
The Supertex HV238 is a 220V, 16-channel, high voltage analog switch integrated circuit (IC) with output bleed resistors (RINT). The output switches are configured as 2 sets of 8 single pole single throw analog switches. It is intended to be used in applications requiring high voltage switching controlled by low voltage control signals such as ultrasound imaging.

Features
► HVCMOS® technology for high performance
► 220V operating conditions
► Output on-resistance typically 22Ω
► Integrated bleed resistors on the outputs
► 5.0 and 12.0V CMOS logic compatibility
► Very low quiescent power dissipation (-10µA)
► -45dB min off isolation at 7.5MHz
► Low parasitic capacitance
► Excellent noise immunity
► Flexible operating supply voltages

Applications
► Medical ultrasound imaging
► Non-destructive evaluation




Similar Part No. - HV238

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV238FG-G SUTEX-HV238FG-G Datasheet
734Kb / 7P
16-Channel High Voltage Analog Switch With Bleed Resistors
HV238FG-GM931 SUTEX-HV238FG-GM931 Datasheet
734Kb / 7P
16-Channel High Voltage Analog Switch With Bleed Resistors
HV238 SUTEX-HV238_13 Datasheet
734Kb / 7P
16-Channel High Voltage Analog Switch With Bleed Resistors
More results


Similar Description - HV238

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV2701 SUTEX-HV2701 Datasheet
509Kb / 7P
Low Charge Injection 16-Channel High Voltage Analog Switch with Bleed Resistors
HV2701 SUTEX-HV2701_07 Datasheet
714Kb / 8P
Low Charge Injection 16-Channel High Voltage Analog Switch with Bleed Resistors
HV2731 SUTEX-HV2731 Datasheet
663Kb / 7P
16-Channel (2 Banks of 8-Channels), High Voltage, Analog Switch With Bleed Resistors
logo
IXYS Corporation
CPC7701 IXYS-CPC7701 Datasheet
956Kb / 11P
16-Channel High Voltage Analog Switch with Integrated Bleed Resistors
logo
Supertex, Inc
HV2733 SUTEX-HV2733 Datasheet
809Kb / 8P
16-Channel, Low Harmonic Distortion, High Voltage Analog Switch with Bleed Resistors
HV2731 SUTEX-HV2731_09 Datasheet
520Kb / 7P
16-Channel (2 Banks of 8-Channels), High Voltage, Analog Switch With Bleed Resistors
HV238 SUTEX-HV238_13 Datasheet
734Kb / 7P
16-Channel High Voltage Analog Switch With Bleed Resistors
logo
Monolithic Power System...
MP4816A MPS-MP4816A Datasheet
125Kb / 2P
16-Channel High Voltage Analog Switch With Output Bleed Resistors
MP4832A MPS-MP4832A Datasheet
132Kb / 2P
32-Channel High Voltage Analog Switch With Output Bleed Resistors
logo
MPS Industries, Inc.
MP4864A MPSIND-MP4864A Datasheet
1Mb / 22P
64-Channel, High-Voltage, SPST Analog Switch with Output Bleed Resistors
Rev. 1.0 10/20/2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com