Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4864A Datasheet (PDF) - MPS Industries, Inc.

MP4864A Datasheet PDF - MPS Industries, Inc.
Part # MP4864A
Download  MP4864A Download
File Size   1126.85 Kbytes
Page   22 Pages
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.
Description 64-Channel, High-Voltage, SPST Analog Switch with Output Bleed Resistors

MP4864A Datasheet (PDF)

Go To PDF Page Download Datasheet
MP4864A Datasheet PDF - MPS Industries, Inc.

Part # MP4864A
Download  MP4864A Click to download

File Size   1126.85 Kbytes
Page   22 Pages
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.
Description 64-Channel, High-Voltage, SPST Analog Switch with Output Bleed Resistors

MP4864A Datasheet (HTML) - MPS Industries, Inc.


MP4864A Product details

DESCRIPTION
The MP4864A is a 64-channel, high-voltage,
single-pole single-throw (SPST) analog switch
with integrated output bleed resistors designed
for medical ultrasound imaging applications. It is
designed to multiplex the transmit and receive
voltages to and from multiple piezoelectric
transducers (PZTs).
The output switches are controlled by a 64-bit
serial shift register, followed by a 64-bit data
latch. A data out (DOUT) pin allows multiple
devices to be cascaded together. This helps
minimize the number of input/output (I/O) control
lines. A logic high signal in the data latch turns
on the corresponding analog switch; a logic low
signal turns off the corresponding analog switch.
The MP4864A does not require any high-voltage
supplies. It only requires two low-voltage
supplies (3.3V and 12V). The analog switch can
block or pass analog voltages up to ±90V with
peak currents of up to ±2A. The MP4864A is
available in a BGA-144 (10mmx10mm) package.

FEATURES
 No High-Voltage Supplies Required
 64 Channels
 Up to ±90V Analog Signals
 14Ω Typical Switch Resistance
 ±2.0A Typical Switch Peak Current
 Off-Isolation of -66dB at 5MHz
 Integrated Output Bleed Resistors
 80MHz Clock Frequency
 Available in a BGA-144 (10mmx10mm)
Package

APPLICATIONS
 Medical Ultrasound Imaging
 Non-Destructive Testing (NDT)




Similar Part No. - MP4864A

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
MP480 CTS-MP480 Datasheet
133Kb / 5P
Quartz Crystal
MP480A-1 CTS-MP480A-1 Datasheet
133Kb / 5P
Quartz Crystal
MP480A-2 CTS-MP480A-2 Datasheet
133Kb / 5P
Quartz Crystal
MP480A-INS CTS-MP480A-INS Datasheet
133Kb / 5P
Quartz Crystal
MP480A-SLV CTS-MP480A-SLV Datasheet
133Kb / 5P
Quartz Crystal
More results


Similar Description - MP4864A

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV232 SUTEX-HV232 Datasheet
100Kb / 10P
Low Charge Injection 8-Channel High Voltage Analog Switch with Bleed Resistors
HV2701 SUTEX-HV2701 Datasheet
509Kb / 7P
Low Charge Injection 16-Channel High Voltage Analog Switch with Bleed Resistors
HV238 SUTEX-HV238 Datasheet
333Kb / 6P
16 Channel High Voltage Analog Switch With Bleed Resistors
HV2701 SUTEX-HV2701_07 Datasheet
714Kb / 8P
Low Charge Injection 16-Channel High Voltage Analog Switch with Bleed Resistors
logo
IXYS Corporation
CPC7701 IXYS-CPC7701 Datasheet
956Kb / 11P
16-Channel High Voltage Analog Switch with Integrated Bleed Resistors
logo
Supertex, Inc
HV2761 SUTEX-HV2761 Datasheet
764Kb / 8P
Low Charge Injection, 24-Channel, High Voltage Analog Switch with Bleed Resistors
HV2901 SUTEX-HV2901 Datasheet
689Kb / 9P
Low Charge Injection 32-Channel High Voltage Analog Switch with Bleed Resistors
HV238 SUTEX-HV238_13 Datasheet
734Kb / 7P
16-Channel High Voltage Analog Switch With Bleed Resistors
logo
Monolithic Power System...
MP4816A MPS-MP4816A Datasheet
125Kb / 2P
16-Channel High Voltage Analog Switch With Output Bleed Resistors
MP4832A MPS-MP4832A Datasheet
132Kb / 2P
32-Channel High Voltage Analog Switch With Output Bleed Resistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com