Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALD1108E Datasheet (PDF) - ADL Embedded Solutions

ALD1108E Datasheet PDF - ADL Embedded Solutions
Part # ALD1108E
Download  ALD1108E Download
File Size   146.73 Kbytes
Page   14 Pages
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions
Description QUAD/DUAL ELECTRICALLY PROGRAMMABLE ANALOG DEVICE (EPAD??

ALD1108E Datasheet (PDF)

Go To PDF Page Download Datasheet
ALD1108E Datasheet PDF - ADL Embedded Solutions

Part # ALD1108E
Download  ALD1108E Click to download

File Size   146.73 Kbytes
Page   14 Pages
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions
Description QUAD/DUAL ELECTRICALLY PROGRAMMABLE ANALOG DEVICE (EPAD??

ALD1108E Datasheet (HTML) - ADL Embedded Solutions


ALD1108E Product details

GENERAL DESCRIPTION
ALD1108E/ALD1110E are monolithic quad/dual EPAD® (Electrically
Programmable Analog Device) N-channel MOSFETs with electrically
adjustable threshold (turn-on) voltage. The ALD1108E/ALD1110E are
matched and adjusted (e-trimmed) at the factory resulting in quad/dual
MOSFETs that are highly matched in threshold voltages and other electrical
characteristics. For a given input voltage, the threshold voltage of a
MOSFET device determines its drain on-current, resulting in an onresistance
characteristic that can be precisely preset and then controlled by
the input voltage very accurately.
Using an ALD1108E/ALD1110E is simple and straight forward. The
MOSFETs function as n-channel MOSFETs, except that all the devices
have exceptional matching to each other in electrical characteristics. Since
these devices are on the same monolithic chip, they also exhibit excellent
tempco matching characteristics.
These MOSFET devices have very low input currents, and as a result a very
high input impedance (>1012 Ohm). The gate voltage from a control source
can drive many MOSFET inputs with practically no loading effects. Used in
precision current mirror or current multiplier applications, they can be used
to provide a current source over a 100nA to 3mA range, and with either a
positive, negative or zero tempco.

APPLICATIONS
• Precision PC-based electronic calibration
• Automated voltage trimming or setting
• Remote voltage or current adjustment of
inaccessible nodes
• PCMCIA based instrumentation trimming
• Electrically adjusted resistive load
• Temperature compensated current sources and
current mirrors
• Electrically trimmed/calibrated current sources
• Permanent precision preset voltage level shifter
• Low temperature coefficient voltage and/or current
bias circuits
• Multiple preset voltage bias circuits
• Multiple channel resistor pull-up or pull-down circuits
• Microprocessor based process control systems
• Portable data acquisition systems
• Battery operated terminals and instruments
• Remote telemetry systems
• E-trimmable gain amplifiers
• Low level signal conditioning
• Sensor and transducer bias currents
• Neural networks

FEATURES
• Electrically Programmable Analog Device
• Proven, non-volatile CMOS technology
• Operates from 2V, 3V, 5V to 10V
• Flexible basic circuit building block and design
element
• Very high resolution -- average e-trim voltage
resolution of 0.1mV
• Wide dynamic range -- current levels from 0.1mA
to 3000mA
• Voltage adjustment range from 1.000V to 3.000V
in 0.1mV steps
• Typical 10-year drift of less than 2mV
• Usable in voltage mode or current mode
• High input impedance -- 1012W
• Very high DC current gain -- greater than 109
• Device operating current has positive temperature
coefficient range and negative temperature
coefficient range with cross-over zero temperature
coefficient current level at 68mA
• Tight matching and tracking of on-resistance
between different devices with e-trim
• Very low input currents and leakage currents
• Low cost, monolithic technology
• Application-specific or in-system programming modes
• Opptional user software-controlled automation
• Opptional e-trim of any standard/custom configuration
• Micropower operation
• Available in standard PDIP, SOIC and hermetic CDIP
packages
• Suitable for matched-pair balanced circuit configuration
• Suitable for both coarse and fine trimming, as well as
matched MOSFET array applications
• RoHS compliant




Similar Part No. - ALD1108E

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1108E ALD-ALD1108E Datasheet
77Kb / 10P
QUAD/DUAL ELECTRICALLY PROGRAMMABLE ANALOG DEVICE (EPAD??
ALD1108EDC ALD-ALD1108EDC Datasheet
77Kb / 10P
QUAD/DUAL ELECTRICALLY PROGRAMMABLE ANALOG DEVICE (EPAD??
ALD1108EDC ALD-ALD1108EDC Datasheet
146Kb / 14P
QUAD/DUAL ELECTRICALLY PROGRAMMABLE ANALOG DEVICE (EPAD??
ALD1108EPC ALD-ALD1108EPC Datasheet
77Kb / 10P
QUAD/DUAL ELECTRICALLY PROGRAMMABLE ANALOG DEVICE (EPAD??
ALD1108EPC ALD-ALD1108EPC Datasheet
18Kb / 2P
EPAD짰 PRODUCT SELECTION GUIDE
More results


Similar Description - ALD1108E

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1108E ALD-ALD1108E Datasheet
77Kb / 10P
QUAD/DUAL ELECTRICALLY PROGRAMMABLE ANALOG DEVICE (EPAD??
logo
List of Unclassifed Man...
PEEL22CV10 ETC-PEEL22CV10 Datasheet
247Kb / 10P
CMOS Programmable Electrically Erasable Logic Device
logo
Anachip Corp
PEEL16CV8 ANACHIP-PEEL16CV8 Datasheet
386Kb / 11P
CMOS Programmable Electrically Erasable Logic Device
Rev. 1.0 Dec 16, 2004
PEEL18CV8Z ANACHIP-PEEL18CV8Z Datasheet
442Kb / 10P
CMOS Programmable Electrically Erasable Logic Device
Rev. 1.0 Dec 16, 2004
PEEL18LV8Z-25 ANACHIP-PEEL18LV8Z-25 Datasheet
260Kb / 10P
CMOS Programmable Electrically Erasable Logic Device
Rev. 1.0 Dec 16, 2004
PEEL22CV10A ANACHIP-PEEL22CV10A Datasheet
339Kb / 10P
CMOS Programmable Electrically Erasable Logic Device
Rev. 1.0 Dec 16, 2004
PEEL22LV10AZ ANACHIP-PEEL22LV10AZ Datasheet
683Kb / 10P
CMOS Programmable Electrically Erasable Logic Device
Rev. 1.0 Dec 16, 2004
logo
List of Unclassifed Man...
16CV8-25 ETC2-16CV8-25 Datasheet
168Kb / 10P
CMOS Programmable Electrically Erasable Logic Device
logo
Advanced Linear Devices
ALD1108E ALD-ALD1108E_12 Datasheet
146Kb / 14P
QUAD/DUAL ELECTRICALLY PROGRAMMABLE ANALOG DEVICE (EPAD??
ALD1108E ALD-ALD1108E_14 Datasheet
142Kb / 14P
QUAD/DUAL ELECTRICALLY PROGRAMMABLE ANALOG DEVICE (EPAD??
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com