Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALD1108E Datasheet (PDF) - Advanced Linear Devices

ALD1108E Datasheet PDF - Advanced Linear Devices
Part # ALD1108E
Download  ALD1108E Download
File Size   77.21 Kbytes
Page   10 Pages
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices
Description QUAD/DUAL ELECTRICALLY PROGRAMMABLE ANALOG DEVICE (EPAD??

ALD1108E Datasheet (PDF)

Go To PDF Page Download Datasheet
ALD1108E Datasheet PDF - Advanced Linear Devices

Part # ALD1108E
Download  ALD1108E Click to download

File Size   77.21 Kbytes
Page   10 Pages
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices
Description QUAD/DUAL ELECTRICALLY PROGRAMMABLE ANALOG DEVICE (EPAD??

ALD1108E Datasheet (HTML) - Advanced Linear Devices


ALD1108E Product details

GENERAL DESCRIPTION
ALD1108E/ALD1110E are monolithic quad/dual EPADs (Electrically Programmable Analog Device) that utilize CMOS MOSFET with electrically programmable threshold voltage. For a given input voltage,changing the threshold turn-on voltage of a MOSFET device precisely changes its drain on-current, resulting in an on-resistance characteristic that can be precisely set and controlled. Used as an in-circuit element for trimming or setting a combination of voltage and/or current characteristics, it can be programmed via a Personal Computer remotely and automatically via software control. Once programmed and set, the set voltage and current levels are stored indefinitely inside the device as a precisely controlled nonvolatile stored charge, which is not affected during normal operation of the device, even after power has been turned off.

FEATURES
• Operates from 2V, 3V, 5V to 10V
• Flexible basic circuit building block and design element
• Very high resolution -- average programmable voltage resolution of 0.1mV
• Wide dynamic range -- current levels from 0.1µA to 3000µA
• Voltage adjustment range from 1.000V to 3.000V in 0.1mV steps
• Proven, non-volatile CMOS technology
• Typical 10 years drift of less than 2mV
• Usable in voltage mode or current mode
• High input impedance -- 1012Ω
• Very high DC current gain -- greater than 109
• Device operating current has positive temperature
    coefficient range and negative temperature
    coefficient range with cross-over zero temperature
    coefficient current level at 68µA
• Tight matching and tracking of on-resistance between different devices with programming
• Very low input currents and leakage currents
• Low cost, monolithic technology
• Application-specific or in-system programming modes
• User programmable software-controlled automation
• User programmability of any standard/custom configuration
• Micropower operation
• Available in standard PDIP, SOIC and hermetic CDIP packages
• Suitable for matched-pair balanced circuit configuration
• Suitable for both coarse and fine trimming applications




Similar Part No. - ALD1108E

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
ALD1108E ADL-ALD1108E Datasheet
146Kb / 14P
QUAD/DUAL ELECTRICALLY PROGRAMMABLE ANALOG DEVICE (EPAD??
2012
logo
Advanced Linear Devices
ALD1108EDC ALD-ALD1108EDC Datasheet
146Kb / 14P
QUAD/DUAL ELECTRICALLY PROGRAMMABLE ANALOG DEVICE (EPAD??
logo
ADL Embedded Solutions
ALD1108EDC ADL-ALD1108EDC Datasheet
146Kb / 14P
QUAD/DUAL ELECTRICALLY PROGRAMMABLE ANALOG DEVICE (EPAD??
2012
logo
Advanced Linear Devices
ALD1108EPC ALD-ALD1108EPC Datasheet
18Kb / 2P
EPAD짰 PRODUCT SELECTION GUIDE
ALD1108EPCL ALD-ALD1108EPCL Datasheet
146Kb / 14P
QUAD/DUAL ELECTRICALLY PROGRAMMABLE ANALOG DEVICE (EPAD??
More results


Similar Description - ALD1108E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PEEL22CV10 ETC-PEEL22CV10 Datasheet
247Kb / 10P
CMOS Programmable Electrically Erasable Logic Device
logo
Anachip Corp
PEEL16CV8 ANACHIP-PEEL16CV8 Datasheet
386Kb / 11P
CMOS Programmable Electrically Erasable Logic Device
Rev. 1.0 Dec 16, 2004
PEEL18CV8Z ANACHIP-PEEL18CV8Z Datasheet
442Kb / 10P
CMOS Programmable Electrically Erasable Logic Device
Rev. 1.0 Dec 16, 2004
PEEL18LV8Z-25 ANACHIP-PEEL18LV8Z-25 Datasheet
260Kb / 10P
CMOS Programmable Electrically Erasable Logic Device
Rev. 1.0 Dec 16, 2004
PEEL22CV10A ANACHIP-PEEL22CV10A Datasheet
339Kb / 10P
CMOS Programmable Electrically Erasable Logic Device
Rev. 1.0 Dec 16, 2004
PEEL22LV10AZ ANACHIP-PEEL22LV10AZ Datasheet
683Kb / 10P
CMOS Programmable Electrically Erasable Logic Device
Rev. 1.0 Dec 16, 2004
logo
List of Unclassifed Man...
16CV8-25 ETC2-16CV8-25 Datasheet
168Kb / 10P
CMOS Programmable Electrically Erasable Logic Device
logo
Advanced Linear Devices
ALD1108E ALD-ALD1108E_12 Datasheet
146Kb / 14P
QUAD/DUAL ELECTRICALLY PROGRAMMABLE ANALOG DEVICE (EPAD??
ALD1108E ALD-ALD1108E_14 Datasheet
142Kb / 14P
QUAD/DUAL ELECTRICALLY PROGRAMMABLE ANALOG DEVICE (EPAD??
logo
ADL Embedded Solutions
ALD1108E ADL-ALD1108E Datasheet
146Kb / 14P
QUAD/DUAL ELECTRICALLY PROGRAMMABLE ANALOG DEVICE (EPAD??
2012
More results




About Advanced Linear Devices


Advanced Linear Devices (ALD) is a semiconductor company that specializes in designing and manufacturing precision analog integrated circuits (ICs) and related products. The company was founded in 1985 and is based in Sunnyvale, California, USA.

ALD's products are used in a wide range of applications, including industrial automation, medical devices, automotive electronics, and telecommunications. Some of the company's key products include voltage references, operational amplifiers, and analog switches.

One of ALD's main areas of expertise is in the design and manufacture of MOSFETs (metal-oxide-semiconductor field-effect transistors) and JFETs (junction field-effect transistors) that are used in precision analog circuits. ALD's MOSFETs and JFETs are known for their low noise, low drift, high precision, and high reliability.

Overall, ALD has a reputation for producing high-quality analog ICs that are well-suited to demanding applications where accuracy, stability, and low power consumption are critical.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com