Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALD555DA Datasheet (PDF) - ADL Embedded Solutions

ALD555DA Datasheet PDF - ADL Embedded Solutions
Part # ALD555DA
Download  ALD555DA Download
File Size   60.41 Kbytes
Page   7 Pages
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions
Description HIGH SPEED CMOS TIMER

ALD555DA Datasheet (PDF)

Go To PDF Page Download Datasheet
ALD555DA Datasheet PDF - ADL Embedded Solutions

Part # ALD555DA
Download  ALD555DA Click to download

File Size   60.41 Kbytes
Page   7 Pages
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions
Description HIGH SPEED CMOS TIMER

ALD555DA Datasheet (HTML) - ADL Embedded Solutions


ALD555DA Product details

GENERAL DESCRIPTION
The ALD555 timer is a high performance monolithic timing circuit built
with advanced silicon gate CMOS technology. It offers the benefits of
high input impedance, thereby allowing smaller timing capacitors and
longer timing cycle; high speed, with typical cycle time of 500ns; low
power dissipation for battery operated environment; reduced supply
current spikes, allowing smaller and lower cost decoupling capacitors.
It is capable of producing accurate time delays and oscillations in both
monostable and astable operation. It operates in the one-shot (monostable)
mode or 50% duty cycle free running oscillation mode with a
single resistor and one capacitor. The inputs and outputs are fully
compatible with CMOS, NMOS or TTL logic.
There are three matched internal resistors (approximately 200KΩ
each) that set the threshold and trigger levels at two-thirds and onethird
respectively of V+. These levels can be adjusted by using the
control terminal (pin 5). When the trigger input is below the trigger level,
the output is in the high state and sourcing 2mA. When threshold input
is above the threshold level at the same time the trigger input is above
the trigger level, the internal flip-flop is reset, the output goes to the low
state and sinks up to 10mA. The reset input overrides all other inputs
and when it is active (reset voltage less than 1V), the output is in the
low state.

FEATURES
• Functional equivalent to NE555 with greatly expanded high
and low frequency ranges
• High speed, low power, monolithic CMOS technology
• Low supply current: 100µA typical
• Extremely low trigger, threshold and reset currents:1pA typical
• High speed operation -- 2MHz oscillation
• Low operating supply voltage of 2 to 12V
• Operates in both monostable and astable modes
• Fixed 50% duty cycle or adjustable duty cycle
• CMOS, NMOS and TTL compatible input/output
• High discharge sinking current of 80mA
• Low supply current spikes

APPLICATIONS
• High speed one-shot (monostable)
pulse generation
• Precision timing
• Sequential timing
• Long delay timer
• Pulse width and pulse position
modulation
• Missing pulse detector
• Frequency divider




Similar Part No. - ALD555DA

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD555DA ALD-ALD555DA Datasheet
35Kb / 4P
112dB 192kHz 24-BIT SCH DAC
ALD555DA ALD-ALD555DA Datasheet
60Kb / 7P
HIGH SPEED CMOS TIMER
2010
More results


Similar Description - ALD555DA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC555 NSC-LMC555 Datasheet
318Kb / 12P
CMOS Timer
logo
Hitachi Semiconductor
HA16117F HITACHI-HA16117F Datasheet
249Kb / 31P
CMOS Watchdog Timer
logo
ELM Technology Corporat...
ELMC555AA-S ELM-TECH-ELMC555AA-S Datasheet
67Kb / 3P
CMOS Timer
logo
National Semiconductor ...
LMC555 NSC-LMC555_06 Datasheet
772Kb / 12P
CMOS Timer
logo
Hitachi Metals, Ltd
HA16117F HITACHI-METALS-HA16117F Datasheet
250Kb / 31P
CMOS Watchdog Timer
logo
Texas Instruments
LMC555 TI-LMC555 Datasheet
1Mb / 21P
LMC555 CMOS Timer
logo
Tyco Electronics
CD4536B MACOM-CD4536B_13 Datasheet
1Mb / 21P
CMOS Programmable Timer
logo
Texas Instruments
CD4541B TI1-CD4541B_16 Datasheet
1Mb / 18P
CMOS Programmable Timer
LMC555 TI1-LMC555_16 Datasheet
1Mb / 28P
CMOS Timer
logo
Advanced Linear Devices
ALD555 ALD-ALD555_V01 Datasheet
60Kb / 7P
HIGH SPEED CMOS TIMER
2010
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com