Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALD555DA Datasheet (PDF) - Advanced Linear Devices

ALD555DA Datasheet PDF - Advanced Linear Devices
Part # ALD555DA
Download  ALD555DA Download
File Size   35.32 Kbytes
Page   4 Pages
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices
Description 112dB 192kHz 24-BIT SCH DAC

ALD555DA Datasheet (PDF)

Go To PDF Page Download Datasheet
ALD555DA Datasheet PDF - Advanced Linear Devices

Part # ALD555DA
Download  ALD555DA Click to download

File Size   35.32 Kbytes
Page   4 Pages
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices
Description 112dB 192kHz 24-BIT SCH DAC

ALD555DA Datasheet (HTML) - Advanced Linear Devices


ALD555DA Product details

GENERAL DESCRIPTION
The ALD555 timer is a high performance monolithic timing circuit built with advanced silicon gate CMOS technology. It offers the benefits of high input impedance, thereby allowing smaller timing capacitors and longer timing cycle; high speed, with typical cycle time of 500ns; low power dissipation for battery operated environment; reduced supply current spikes, allowing smaller and lower cost decoupling capacitors. It is capable of producing accurate time delays and oscillations in both monostable and astable operation. It operates in the one-shot (monostable) mode or 50% duty cycle free running oscillation mode with a single resistor and one capacitor. The inputs and outputs are fully compatible with CMOS, NMOS or TTL logic.

FEATURES
• Functional equivalent to NE555 with greatly expanded high and low frequency ranges
• High speed, low power, monolithic CMOS technology
• Low supply current 100µA typical
• Extremely low trigger, threshold and reset currents -- 1pA typical
• High speed operation -- 2MHz oscillation
• Low operating supply voltage 2 to 12V
• Operates in both monostable and astable modes
• Fixed 50% duty cycle or adjustable duty cycle CMOS, NMOS and TTL compatible input/output
• High discharge sinking current (80mA)
• Low supply current spikes

APPLICATIONS
• High speed one-shot (monostable) pulse generation
• Precision timing
• Sequential timing
• Long delay timer
• Pulse width and pulse position modulation
• Missing pulse detector
• Frequency divider




Similar Part No. - ALD555DA

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
ALD555DA ADL-ALD555DA Datasheet
60Kb / 7P
HIGH SPEED CMOS TIMER
2010
logo
Advanced Linear Devices
ALD555DA ALD-ALD555DA Datasheet
60Kb / 7P
HIGH SPEED CMOS TIMER
2010
More results


Similar Description - ALD555DA

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8729 WOLFSON-WM8729 Datasheet
169Kb / 15P
24-bit, 192kHz Stereo DAC
logo
Asahi Kasei Microsystem...
AK4382 AKM-AK4382 Datasheet
251Kb / 21P
112dB 192kHz 24-BIT SCH DAC
logo
Advanced Micro Devices
AM27C128 AMD-AM27C128 Datasheet
171Kb / 12P
112dB 192kHz 24-BIT SCH DAC
logo
Asahi Kasei Microsystem...
AK4382A AKM-AK4382A Datasheet
246Kb / 21P
112dB 192kHz 24-Bit 2ch DAC
logo
Wolfson Microelectronic...
WM8726 WOLFSON-WM8726 Datasheet
228Kb / 20P
24-bit 192kHz Stereo DAC
WM8727 WOLFSON-WM8727_06 Datasheet
156Kb / 16P
24-bit 192kHz Stereo DAC
WM8729 WOLFSON-WM8729_06 Datasheet
222Kb / 18P
24-bit, 192kHz Stereo DAC
WM8762 WOLFSON-WM8762_06 Datasheet
164Kb / 15P
24-bit 192kHz Stereo DAC
logo
Asahi Kasei Microsystem...
AK4382AVT AKM-AK4382AVT Datasheet
184Kb / 21P
112dB 192kHz 24-Bit 2ch DS DAC
logo
Cirrus Logic
WM8761 CIRRUS-WM8761 Datasheet
173Kb / 23P
24-bit 192kHz Stereo DAC
More results




About Advanced Linear Devices


Advanced Linear Devices (ALD) is a semiconductor company that specializes in designing and manufacturing precision analog integrated circuits (ICs) and related products. The company was founded in 1985 and is based in Sunnyvale, California, USA.

ALD's products are used in a wide range of applications, including industrial automation, medical devices, automotive electronics, and telecommunications. Some of the company's key products include voltage references, operational amplifiers, and analog switches.

One of ALD's main areas of expertise is in the design and manufacture of MOSFETs (metal-oxide-semiconductor field-effect transistors) and JFETs (junction field-effect transistors) that are used in precision analog circuits. ALD's MOSFETs and JFETs are known for their low noise, low drift, high precision, and high reliability.

Overall, ALD has a reputation for producing high-quality analog ICs that are well-suited to demanding applications where accuracy, stability, and low power consumption are critical.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com